Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download PJ13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJ13005 NPN Epitaxial Silicon Transistor
HIGH VOLTAGE SWITCH MODE APPLICATION
* *
High Speed Switching Suitable for Switching Regulator and Motor Control
TO-220
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
Characteristic Collector Emitter Voltage(VBE =1.5V) Collector Emitter Voltage(open base) Emitter Base Voltage(open collector) Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation Junction Temperature Storage Temperature Ic Ic IB Pc Tj Tstg 3 6 2 75 150 -65 ~150 A A A W Device PJ13005CZ Operating Temperature -20+85 Package TO-220 VEBO 9 V Symbol VCEV VCEO Rating 700 400 Unit V V
P in : 1. Base 2. Collector 3. Emitter
ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS(Ta = 25 )
Characteristic *Collector Emitter Sustaining Voltage Emitter Cutoff Current *DC Current Gain *Collector Emitter Saturation Voltage Symbol VCEO(SUS) IEBO hFE VCE (sat) Test Condition Ic = 10mA, IB = 0 VEB =9V, Ic=0 VCE =5V, Ic =1A VCE =5V, Ic =2A Ic =1A, IB =0.2A Ic =2A, IB =0.5A Ic =4A, IB =1A *Base Emitter Saturation Voltage Turn On Time Storage Time Fall Time Pulse Test: PW300 S, Duty Cycle =1.5 % VBE (sat) t on ts tf Ic =1A, IB =0.2A Ic =2A, IB =0.5A VCC =125V, Ic =2A IB1 =-IB2 =0.4A Min 400 1 10 8 60 40 0.5 0.6 1.0 1.2 1.6 0.8 4 0.9 V V V V V S S S Typ Max Unit V mA
1-2
2002/01.rev.A
PJ13005 NPN Epitaxial Silicon Transistor
2-2
2002/01.rev.A


▲Up To Search▲   

 
Price & Availability of PJ13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X