Part Number Hot Search : 
4304H5 AN001PG RHF330 AT54S 2N381 CEM3128 00BZXI SPE0571
Product Description
Full Text Search
 

To Download PF502N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability For Automotive Applications
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
PF501N thru PF507N
50Amp Fast Recover Rectifier 50 to 1000 Volts
PRESSFIT
Maximum DC Blocking Voltage
A
* *
Maximum Ratings
Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C
MCC Catalog Number
Device Marking
PF501N PF502N PF503N PF504N PF505N PF506N PF507N
---------------
Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V
Maximum RMS Voltage
35V 70V 140V 280V 420V 560V 700V
50V 100V 200V 400V 600V 800V 1000V
B C E
F
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 50A TA = 125C Current Peak Forward Surge IFSM 650A 8.3ms, half sine Current Maximum 1.0V IFM = 50A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 10 A TJ = 25C Rated DC Blocking 500A TJ = 125C Voltage Typical Junction CJ 150pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 2%
D
DIM A B C D E E
INCHES MIN .0984 .663 -----.501 .154 .224
MAX .1062 .667 -----.505 .157 .232
MM MIN 2.5 16.85 -----12.73 3.90 5.70
MAX 2.7 16.95 -----12.82 4.00 5.90
NOTE
www.mccsemi.com
PF501 thru PF507
Figure 1 Typical Forward Characteristics 20 60 100 60 40 40 20 25C Amps 10 Amps .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 550 450 350 Amps 250 150 0 1.0 1.2 1.4 20 30 50 Figure 2 Forward Derating Curve
MCC
10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 75 100 125 150 175
C Average Forward Rectified Current - Amperes versus Ambient Temperature - C Figure 4 Peak Forward Surge Current 650
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles Figure 3 Junction Capacitance
1000 600 400 200 pF 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of PF502N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X