Part Number Hot Search : 
BFP74009 00209 72201 1510W 74AUC1G 5KP180 NTE4965 BC200
Product Description
Full Text Search
 

To Download P6KE39A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6V8(C)A - P6KE400(C)A
600W TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * 600W Peak Pulse Power Dissipation Voltage Range 6.8V - 400V Constructed with Glass Passivated Die Uni- and Bidirectional Versions Available Excellent Clamping Capability Fast Response Time
A
B
A
Mechanical Data
* * * * * * * Case: Transfer Molded Epoxy Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Leads: Plated Leads, Solderable per MIL-STD-202, Method 208 Marking: Unidirectional - Type Number and Cathode Band Marking: Bidirectional - Type Number Only Approx. Weight: 0.4 grams
@ TA = 25C unless otherwise specified Characteristic Peak Power Dissipation, tp = 1.0 ms (Non repetitive current pulse, derated above TA = 25C) Steady State Power Dissipation at TL = 75C Lead Lengths 9.5 mm (Mounted on Copper Land Area of 40mm2) Peak Forward Surge Current, 8.3 ms Single Half Sine Wave, Superimposed on Rated Load (JEDEC Method) Duty Cycle = 4 pulses per minute maximum Forward Voltage @ IF = 35A 300s Square Wave Pulse, Unidirectional Only Operating and Storage Temperature Range Notes: VBR 200V VBR > 200V Symbol Ppk Pd IFSM VF Tj, TSTG DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60
D
C
Max -- 7.62 0.889 3.6
All Dimensions in mm
Maximum Ratings
Value 600 5.0 100 3.5 5.0 -55 to +175
Unit W W A V C
1. Suffix `C' denotes bidirectional device. 2. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled.
DS21502 Rev. 12 - 2
1 of 4
P6KE6V8(C)A - P6KE400(C)A
Type Number (Note 1) (UNI) P6KE6V8A P6KE7V5A P6KE8V2A P6KE9V1A P6KE10A P6KE11A P6KE12A P6KE13A P6KE15A P6KE16A P6KE18A P6KE20A P6KE22A P6KE24A P6KE27A P6KE30A P6KE33A P6KE36A P6KE39A P6KE43A P6KE47A P6KE51A P6KE56A P6KE62A P6KE68A P6KE75A P6KE82A P6KE91A P6KE100A P6KE110A P6KE120A P6KE130A P6KE150A P6KE160A P6KE170A P6KE180A P6KE200A P6KE220A P6KE250A P6KE300A P6KE350A P6KE400A
Type Number (Note 1) (BI) P6KE6V8CA P6KE7V5CA P6KE8V2CA P6KE9V1CA P6KE10CA P6KE11CA P6KE12CA P6KE13CA P6KE15CA P6KE16CA P6KE18CA P6KE20CA P6KE22CA P6KE24CA P6KE27CA P6KE30CA P6KE33CA P6KE36CA P6KE39CA P6KE43CA P6KE47CA P6KE51CA P6KE56CA P6KE62CA P6KE68CA P6KE75CA P6KE82CA P6KE91CA P6KE100CA P6KE110CA P6KE120CA P6KE130CA P6KE150CA P6KE160CA P6KE170CA P6KE180CA P6KE200CA P6KE220CA P6KE250CA P6KE300CA P6KE350CA P6KE400CA
Reverse Standoff Voltage VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00
Breakdown Voltage VBR @ IT Min (V) 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 Max (V) 7.14 7.88 8.61 9.55 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00
Test Current IT (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max Reverse Leakage (Note 2) @ VR IR (mA) 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max Clamping Voltage @ Ipp VC (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0
Max Peak Pulse Current IPP (A) 57.0 53.0 50.0 45.0 41.0 38.0 36.0 33.0 28.0 27.0 24.0 22.0 20.0 18.0 16.0 14.40 13.20 12.00 11.20 10.10 9.30 8.60 7.80 7.10 6.50 5.80 5.30 4.80 4.40 4.00 3.60 3.30 2.90 2.70 2.60 2.40 2.20 1.83 1.75 1.45 1.25 1.10
Notes:
1. Suffix `C' denotes bidirectional device. 2. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled.
DS21502 Rev. 12 - 2
2 of 4
P6KE6V8(C)A - P6KE400(C)A
10,000
IP, PEAK PULSE CURRENT (%pp)
CT, CAPACITANCE (pF)
100
tr = 10ms Peak Value Ipp
Measured at Zero Bias
Tj = 25C f = 1.0 MHz Vsig = 50mV p-p
1000
Half Value Ipp/2
50
100
Measured at Stand-off Voltage
tp
0
10 X 1000 Waveform as defined by R.E.A.
10
0
1
2
3
1
10
100
1000
t, TIME (ms) Fig. 1 Pulse Waveform
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance
100
PP, PEAK PULSE POWER (kW)
IMPULSE
10
1.0
0.1 0.1
TC = 25C
1.0
10
100
1000
10000
Tp, PULSE WIDTH (s) Fig. 3 Pulse Rating Curve
PEAK PULSE DERATING (% PEAK PWR OR CURRENT)
Pd , STEADY STATE POWER DISSIPATION (W)
5.0
100
75
3.75
Single Phase Half-Wave 60Hz Resistive or Inductive Load
50
2.5 L = 9.5 mm
25
10 X 1000 Waveform as defined by REA
1.25 40 x 40 x 1 mm Cu 0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5, Steady State Power Derating
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
DS21502 Rev. 12 - 2
3 of 4
P6KE6V8(C)A - P6KE400(C)A
IFSM, PEAK FORWARD SURGE CURRENT (A)
1000
100
10
8.3 mS Single Half Sine-Wave JEDEC Method
0
1
10
100
200
NUMBER OF CYCLES AT 60Hz Fig. 6 Peak Forward Surge Current vs. Number of Cycles at 60Hz
DS21502 Rev. 12 - 2
4 of 4
P6KE6V8(C)A - P6KE400(C)A


▲Up To Search▲   

 
Price & Availability of P6KE39A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X