Part Number Hot Search : 
3M10V SM320 M050B 4805S 04447 SR150 R1C10 D4KB1
Product Description
Full Text Search
 

To Download P6KE39A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6.8(C)A - P6KE440(C)A
P6KE6.8(C)A - P6KE440(C)A
Features * * * * *
Glass passivated junction. 600W Peak Pulse Power capability at 1.0 ms. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V.
1.0 min (25.4)
Dimensions in inches (mm)
0.300 (7.62) 0.230 (5.84)
DO-15
COLOR BAND DENOTES CATHODE EXCEPT BIPOLAR
0.140 (3.56) 0.104 (2.64) 0.034 (0.86) 0.028 (0.71)
*
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions.
600 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
Symbol
PPPM IPPM PD if(surge) Tstg TJ Peak Pulse Current Steady State Power Dissipation .375 " lead length @ TA = 75C Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted
Parameter
Peak Pulse Power Dissipation at TA=25C, TP=1ms
Value
minimum 600 see table 5.0
Units
W A W
(Note 1)
100 -65 to +175 -65 to +175
A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave; Duty cycle = 4 pulses per minute maximum.
1998 Fairchild Semiconductor Corporation
P6KE6.8(C)A - P6KE440(C)A, Rev. A
P6KE6.8(C)A - P6KE440(C)A
Transient Voltage Supressors
(continued)
Electrical Characteristics
Uni-directional Bi-directional (C) Device Reverse Stand-off Voltage VRWM (V)
TA = 25C unless otherwise noted
Breakdown Voltage VBR (V) min max
Test Current IT(mA)
Max Clamping Voltage @IPPM VC(V)
Max Peak Pulse Surge Current IPPM (A)
Max Reverse Leakage VRWM IR (uA)*
P6KE6.8(C)A P6KE7.5(C)A P6KE8.2(C)A P6KE9.1(C)A P6KE10(C)A P6KE11(C)A P6KE12(C)A P6KE13(C)A P6KE15(C)A P6KE16(C)A P6KE18(C)A P6KE20(C)A P6KE22(C)A P6KE24(C)A P6KE27(C)A P6KE30(C)A P6KE33(C)A P6KE36(C)A P6KE39(C)A P6KE43(C)A P6KE47(C)A P6KE51(C)A P6KE56(C)A P6KE62(C)A P6KE68(C)A P6KE75(C)A P6KE82(C)A P6KE91(C)A P6KE100(C)A P6KE110(C)A P6KE120(C)A P6KE130(C)A P6KE150(C)A P6KE160(C)A P6KE170(C)A P6KE180(C)A P6KE200(C)A P6KE220(C)A P6KE250(C)A P6KE300(C)A P6KE350(C)A P6KE400(C)A P6KE440(C)A
5.80 6.40 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102.0 111.0 128.0 136.0 145.0 154.0 171.0 185.0 214.0 256.0 300.0 342.0 376.0
6.45 7.13 7.79 8.65 9.50 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105.0 114.0 124.0 143.0 152.0 162.0 171.0 190.0 209.0 237.0 285.0 332.0 380.0 418.0
7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105.0 116.0 126.0 137.0 158.0 168.0 179.0 189.0 210.0 231.0 263.0 315.0 368.0 420.0 462.0
10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0
57.1 53.1 50.0 45.0 41.0 38.0 36.0 33.0 28.0 27.0 24.0 22.0 20.0 18.1 16.0 14.5 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.4 2.9 2.7 2.6 2.4 2.2 1.9 1.8 1.5 1.3 1.1 1.0
1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
* For bidirectional parts with VRWM<10V, the IR max limit is doubled.
P6KE6.8(C)A - P6KE440(C)A, Rev. A
P6KE6.8(C)A - P6KE440(C)A
Transient Voltage Supressors
(continued)
Typical Characteristics
Peak Pulse Power Rating Curve
100
100
Pulse Derating Curve
PULSE POWER (kW)
TA = 25 C
10
PULSE POWER (%)
75
50
1
25
0.1 0.0001
0
0.001
0.01 0.1 PULSE WIDTH (ms)
1
10
0
25
50 75 100 125 150 175 AMBIENT TEMPERATURE ( C)
200
Pulse Waveform
150 PEAK PULSE CURRENT (%)
tf = 10sec Peak Value Ippm TA = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp
Junction Capacitance - Unidirectional
6000 4000 2000 CAPACITANCE (pF) 1000 500 200 100 50 20
Measured at Stand-Off Voltage (V mw) TA = 25 C f = 1.0 MHz Visg = 50m Vp-p Measured at Zero Bias
100
Half Value-Ipp 2
50
10/1000sec Waveform as Defined by R.E.A.
td
0
e-kt
0
1
2 TIME (ms)
3
4
10
1
5 10 50 REVERSE VOLTAGE (V)
100
200
Steady State Power Derating Curve
5
Non-Repetitive Surge Current
200 FORWARD SURGE CURRENT (A)
T A = T Amax 8.3ms Single Half Sine-Wave JEDEC Method
POWER DISSIPATION (W)
3.75
100
2.5
50
1.25
20
0
0
25
50 75 100 125 150 LEAD TEMPERATURE ( C)
175
200
10
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
P6KE6.8(C)A - P6KE440(C)A, Rev. A
DO-15 Package Dimensions
DO-15 (FS PKG Code P2)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.4
1.0 min (25.4)
0.300 (7.62) 0.230 (5.84)
0.140 (3.56) 0.104 (2.64)
0.034 (0.86) 0.028 (0.71)
August 1999, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of P6KE39A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X