|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(1/3) 001-01 / 20011220 / e511_nl4532.fm Inductors For General Applications SMD FEATURES * The NL series are available in 5 form factors ranging from 2016 to 5650. * Utilizing a miniaturized winding structure, these products provide high Q characteristics. * Inductance tolerance is 5 percent. APPLICATIONS Personal computers, hard disk drives, and other electronic equipment. SPECIFICATIONS Operating temperature range -20 to +85C Storage temperature range -40 to +85C [Unit of products] NL Series NL4532 Type FLUX AND CLEANING Rosin-based flux is recommended. Cleaning Conditions Solvent Time Chlorine-based solvent (Do not use acid or alkali solvents.) 2min max. PRODUCT IDENTIFICATION NL 201614 (1) (2) T- 2R2 J (3) (4) (5) (1)Series name (2)Dimensions LxWxT 201614 252018 322522 453232 565050 2.1x1.6x1.4mm 2.5x2.0x1.8mm 3.2x2.5x2.2mm 4.5x3.2x3.2mm 5.6x5.0x5.0mm RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDERING 10s max. 230C 200C 150C 100C Preheating: 120s Time (s) Natural cooling 30s max. (3)Packaging style T Taping (reel) (4)Inductance value 1R0 330 1H 33H FLOW SOLDERING 10s max. 260C Natural cooling (5)Inductance tolerance J K 5% 10% 150C 100C Preheating: 120s Time (s) PACKAGING STYLE AND QUANTITIES Packaging style Taping Type NL201614T NL252018T NL322522T NL453232T NL565050T Quantity 2000 pieces/reel 2000 pieces/reel 2000 pieces/reel 500 pieces/reel 400 pieces/reel IRON SOLDERING Perform soldering at 250C on 30W max. within 5 seconds. VAPOR-PHASING 10s max. 220C 215C 150C 100C Preheating: 120s Time (s) Natural cooling 30s max. * All specifications are subject to change without notice. (2/3) 001-01 / 20011220 / e511_nl4532.fm Inductors For General Applications SMD NL Series NL4532 Type SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN Painted for the convenience of positioning 102J 4.50.3 3.20.2 0.5 Terminal electrode (0.4) 3.20.2 Inductor Pattern 2.8 1.5 2.60.1 Weight: 180mg 3 1.5 C0.5 Dimensions in mm ELECTRICAL CHARACTERISTICS Inductance Inductance Q Test frequency Self-resonant (H) tolerance min. L, Q (MHz) frequency (MHz)min. 1.0 5% 50 7.96 100.0 1.2 5% 50 7.96 80.0 1.5 5% 50 7.96 70.0 1.8 5% 50 7.96 60.0 2.2 5% 50 7.96 55.0 2.7 5% 50 7.96 50.0 3.3 5% 50 7.96 45.0 3.9 5% 50 7.96 40.0 4.7 5% 50 7.96 35.0 5.6 5% 50 7.96 33.0 6.8 5% 50 7.96 27.0 8.2 5% 50 7.96 25.0 10.0 5% 50 2.52 20.0 12.0 5% 50 2.52 18.0 15.0 5% 50 2.52 17.0 18.0 5% 50 2.52 15.0 22.0 5% 50 2.52 13.0 27.0 5% 50 2.52 12.0 33.0 5% 50 2.52 11.0 39.0 5% 50 2.52 10.0 47.0 5% 50 2.52 10.0 56.0 5% 50 2.52 9.0 68.0 5% 50 2.52 9.0 82.0 5% 50 2.52 8.0 100.0 5% 40 0.796 8.0 120.0 5% 40 0.796 6.0 150.0 5% 40 0.796 5.0 180.0 5% 40 0.796 5.0 220.0 5% 40 0.796 4.0 270.0 5% 40 0.796 4.0 330.0 5% 40 0.796 3.5 390.0 5% 40 0.796 3.0 470.0 5% 40 0.796 3.0 560.0 5% 30 0.796 3.0 680.0 5% 30 0.796 3.0 820.0 5% 30 0.796 2.5 1000.0 5% 30 0.252 2.5 * Inductance tolerance is only standard. * Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1) SRF: HP8753C NETWORK ANALYZER (Zin=Zout=50) Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER DC resistance ()max. 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 1.10 1.20 1.40 1.60 2.00 2.50 2.80 3.20 3.60 4.00 4.50 5.00 5.50 6.00 7.00 8.00 8.00 9.00 9.50 10.00 12.00 14.00 16.00 26.00 30.00 30.00 35.00 40.00 Rated current (mA)max. 450 430 410 390 380 370 355 330 315 300 285 270 250 225 200 190 180 170 160 150 140 135 130 120 110 110 105 102 100 92 85 80 62 50 50 30 30 Part No. NL453232T-1R0J NL453232T-1R2J NL453232T-1R5J NL453232T-1R8J NL453232T-2R2J NL453232T-2R7J NL453232T-3R3J NL453232T-3R9J NL453232T-4R7J NL453232T-5R6J NL453232T-6R8J NL453232T-8R2 NL453232T-100J NL453232T-120J NL453232T-150J NL453232T-180J NL453232T-220J NL453232T-270J NL453232T-330J NL453232T-390J NL453232T-470J NL453232T-560J NL453232T-680J NL453232T-820J NL453232T-101J NL453232T-121J NL453232T-151J NL453232T-181J NL453232T-221J NL453232T-271J NL453232T-331J NL453232T-391J NL453232T-471J NL453232T-561J NL453232T-681J NL453232T-821J NL453232T-102J * All specifications are subject to change without notice. (3/3) 001-01 / 20011220 / e511_nl4532.fm Inductors For General Applications SMD NL Series NL4532 Type TYPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE vs. FREQUENCY IMPEDANCE vs. FREQUENCY CHARACTERISTICS CHARACTERISTICS 4194A IMPEDANCE 10000 GAIN-PHASE ANALYZER 5000 INDUCTANCE CHANGE vs. DC SUPERPOSITION CHARACTERISTICS 1000 500 1000H 470H Test circuit C=20000F L=5H A DC Specimen YHP model-4275A or equivalent 4194A IMPEDANCE 100k GAIN-PHASE ANALYZER 50k 1000H Inductance (H) 1000 1000H 10k 5k Impedance() 100 50 100H 47H Inductance (H) 500 100H 1k 10H 500 100H 100 50 10 5 10H 4.7H 10H 10 5 2 1H 100 50 20 2 10 50 100 500 DC current (mA) 1000 0.1 0.5 1 5 Frequency (MHz) 10 40 0.1 0.5 1 5 Frequency (MHz) 10 40 Universal bridge T YPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE CHANGE vs. TEMPERATURE CHARACTERISTICS L /L20C (%) 4 3 2 1 20 -1 -2 -2 10H 330H 68H 18H 80 100 Q vs. FREQUENCY CHARACTERISTICS 100 80 60 470H 39H 1H 40 1000H 20 0 0.05 0.1 0.5 1 5 Frequency (MHz) 10 10H Test equipment: Q meter model-4340A, YHP 3.9H -20 0 40 60 Temperature (C) -3 -4 Test equipment: LCR model-4275A YHP, at 10kHz 1Vrms * All specifications are subject to change without notice. Q |
Price & Availability of NL453232T-102J |