Part Number Hot Search : 
T93C46A 7456M GSM900 SL9352 UCA6408N P5600 SR163 1221C
Product Description
Full Text Search
 

To Download MUR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR105 THRU MUR1100
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
High Surge Capability Low Forward Voltage Drop High Current Capability Super Fast Switching Speed For High Efficiency
Maximum Ratings
* * Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Part Number MUR105 MUR110 MUR115 MUR120 MUR140 MUR160 MUR180 MUR1100 Maximum Recurrent Peak Reverse Voltage 50V 100V 150V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 105V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 150V 200V 400V 600V 800V 1000V
DO-41
D
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward IF(AV) 1A TA = 55C Current Peak Forward Surge IFSM 35A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage IFM = 1.0A; VF .975V MUR105-115 1.35V MUR120-160 TA = 25C 1.75V MUR180-1100 Maximum DC IR Reverse Current At 5A TA = 25C Rated DC Blocking 50A TA = 150C Voltage Maximum Reverse Recovery Time MUR105-120 Trr 45ns IF=0.5A, IR=1.0A, MUR140-160 60ns Irr=0.25A MUR180-1100 75ns Measured at Typical Junction 20pF CJ 1.0MHz, VR=4.0V Capacitance *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
A
Cathode Mark B
D
C
DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
DIM A B C D
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
www.mccsemi.com
MUR105 thru MUR1100
Figure 1 Typical Forward Characteristics 20 10 6 4 1.25 2 25C Amps 1 .6 .4 .2 MUR120-160 .1 .06 .04 .02 .01 .5 .7 .9 1.1 1.3 1.5 0 .25 MUR180-1100 MUR105-115 .5 Amps 1.0 1.5
MCC
Figure 2 Forward Derating Curve
.75
Single Phase, Half Wave 60Hz Resistive or Inductive Load 50 75 100 C 125 150 175
25
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
MUR105 thru MUR110
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 TA=100 C Amps 1 .6 .4 .2 .1 TA =25C .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 100 120 140 Amps TA =150 C 60 50 40 30 20 10 0 1 2
MCC
Figure 5 Peak Forward Surge Current
4
6 8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
trr +0.5A 0 25Vdc Pulse Generator Note 2 1 Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X