Part Number Hot Search : 
CY28400 EP9101 BZX55C1 SDH40HF PE9633 SC454 APL2361 PST1600K
Product Description
Full Text Search
 

To Download MMBT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT3904/ MMBT3904
NPN Silicon Switching Transistor High DC current gain: 0.1mA to 100mA Low collector-emitter saturation voltage Complementary type: SMBT3906 (PNP)
3

2 1
VPS05161
Type SMBT3904/ MMBT3904
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current
Marking s1A
1=B
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO IC Ptot Tj Tstg
Value 40 60 6 200 330 150 -65 ... 150
Unit V
mA mW C
Total power dissipation, TS = 69 C Junction temperature Storage temperature
Thermal Resistance Junction - soldering point 1) RthJS
245
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Feb-18-2002
SMBT3904/ MMBT3904
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 DC current gain 1) IC = 100 A, VCE = 1 V IC = 1 mA, VCE = 1 V IC = 10 mA, VCE = 1 V IC = 50 mA, VCE = 1 V IC = 100 mA, VCE = 1 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA VBEsat 0.65 0.85 0.95 VCEsat 0.2 0.3 hFE 40 70 100 60 30 300 ICBO 50 V(BR)EBO 6 V(BR)CBO 60 V(BR)CEO 40 typ. max.
Unit
V
nA -
V
1) Pulse test: t =300s, D = 2%
2
Feb-18-2002
SMBT3904/ MMBT3904
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. AC Characteristics Transition frequency IC = 10 mA, VCE = 20 V, f = 100 MHz Collector-base capacitance VCB = 5 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 100 A, VCE = 5 V, RS = 1 k, Short-circuit input impedance IC = 1 mA, VCE = 10 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 1 mA, VCE = 10 V, f = 1 kHz Delay time VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Rise time VCC = 3 V, IC = 10 mA, IB1 = 1 mA, VBE(off) = 0.5 V Storage time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA Fall time VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA tf 50 tstg 200 tr 35 td 35 Open-circuit output admittance h21e h22e 100 1 400 40 h12e 0.5 8 F f = 200 Hz h11e 1 10 5 Ceb 8 fT Ccb 300 4 typ. max.
Unit
MHz pF
dB
3
Feb-18-2002
f = 1 kHz,
k 10-4 S
ns
SMBT3904/ MMBT3904
Test circuits Delay and rise time
+3.0 V
300 ns
D = 2% +10.9 V 0 10 k -0.5 V
275
C <4.0 pF
<1.0 ns
EHN00061
Storage and fall time
+3.0 V
t1
10 < t 1 < 500 s D = 2% +10.9 V 0 10 k
275
C 1N916 <4.0 pF
-9.1 V
<1.0 ns
EHN00062
4
Feb-18-2002
SMBT3904/ MMBT3904
Total power dissipation Ptot = f(TS)
Saturation voltage IC = f (VBEsat, VCEsat) hFE = 10
360
mW
300 270
2
EHP00756
C
mA 10 2 5 V CE V BE
P tot
240 210 180 150 120
10 1 5
90 60 30 0 0 15 30 45 60 75 90 105 120
C 150 TS
10 0
0
0.2
0.4
0.6
0.8 1.0 V 1.2 V BE sat , V CE sat
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max Ptot DC
D= tp T tp
EHP00935
DC current gain hFE = f (I C) VCE = 10V, normalized
10 1 h FE
T
EHP00765
5
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
125 C 10 0 25 C
-55 C 5
10 0 -6 10
10 -5
10 -4
10 -3
10 -2
10 -1 s 10 0 tp
10 -1 10
-1
5 10 0
5 10 1
mA 10 2 2
C
5
Feb-18-2002
SMBT3904/ MMBT3904
Short-circuit forward current transfer ratio h21e = f(IC) VCE = 10V, f = 1MHz
10 3 h 21e
EHP00759
Open-circuit output admittance h22e = f (IC) VCE = 10V, f = 1MHz
10 2 s h 22e
EHP00760
5
5
10 2
10 1
5
5
10 1 -1 10
5
10
0
mA
10
1
10 0 -1 10
5
10
0
C
mA C
10
1
Delay time td = f (IC ) Rise time tr = f (IC)
EHP00761
Storage time t stg = f(IC)
10 3 ns t r ,t d tr td 10 2
10 3 ns ts
EHP00762
h FE = 10
25 C 125 C 10 2 h FE = 20 10
h FE = 20 10
VCC = 3 V
40 V 15 V 10 1 V BE = 2 V 0V
10 1
10 0 0 10
5 10
1
5 10
2
mA 10
3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
6
Feb-18-2002
SMBT3904/ MMBT3904
Fall time tf = f (IC)
Rise time tr = f (IC)
10 3 ns tf 25 C 125 C
EHP00763
10 3 ns tr 25 C
EHP00764
VCC = 40 V 10 2 h FE = 20
10 2
125 C
VCC = 40 V h FE = 10
10 1
h FE = 10
10 1
10 0 0 10
5 10 1
5 10 2
mA 10 3
10 0 0 10
5 10 1
5 10 2
mA 10 3
C
C
Input impedance h11e = f (IC) VCE = 10V, f = 1kHz
10 2 h 11e k
EHP00757
Open-circuit reverse voltage transfer ratio h12e = f (I C) VCE = 10V, f = 1kHz
10 -3 h 12e
EHP00758
10 1 5
10 -4
10 0 5
5
10 -1
10 -1
5
10 0
mA
10 1
10 -5 10
-1
5
10
0
mA
10
1
C
C
7
Feb-18-2002


▲Up To Search▲   

 
Price & Availability of MMBT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X