Part Number Hot Search : 
1800EL P15N05 C2YPC L517A I74F08N PST9136 CP616 31DF6
Product Description
Full Text Search
 

To Download ML2011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ML2011
(R)
GSM SINGLE-CHIP BASEBAND PROCESSOR
FEATURES * Single 200-pin FBGA device (13 mm x 13 mm) * GSM voice handset capabilities * Data capability * * * * * SUMMARY OF BENEFITS * Comprehensive GSM handset software
* GSM single slot up to 14.4 Kbps Multi-voltage SIM and IrDA compliant interfaces GSM850, E-GSM900, GSM1800, and GSM1900 bands Extremely low power design: 3V I/O and 2V core Two UART serial ports for data/fax/testing
Flexible RF transceiver control interface: * Integrated PA controller * APC DAC with ramping RAM * Support straight or multiplexed I&Q * Schedule-based programmable serial control * Power/cost-flexible audio circuitry * Noise suppression and echo cancellation for speakerphone and car phone environments * Sidetone/microphone amplification control * High output speaker driver * Flexible clock rates for processors (0 to 52 MHz)
* Layer 2/3 and user interface software * For bar-type and flip-type GSM handsets * Multiple LCD panels (B&W to 65K color) * Polyphonic ringer interface * Multicolored LED notifications/backlight * Type approved Phase 2+ multiband protocol stack * Fully functional GSM handset user interface * Foreign language fonts, including Chinese * Startup animations, songs, games, and ring tones * Unicode SMS and full EMS messaging * SIM Application Toolkit (SATK) * Fully integrated Layer 1, including all drivers * AT commands (7.05 and 7.07)
* Phase 2+ supplemental services * Error correction: Radio Link Protocol (RLP) * Complete development system available
* Real-time clock and alarm GSM Handset Terminal Using ML2011
ML2011 Flash SRAM Display 1 Display 2
Physical Layer Processing, Speech CODEC, Baseband CODEC (Oak DSP) Protocol Processing, Man-Machine Interface (ARM RISC)
Data Terminal Equipment Keypad SIM
RF Transceiver
OVERVIEW
ML2011
Flash
32 kHz XTAL ROM Timers PLL
SRAM
External Memory Interface
RAM
Keypad
ARM7TDMI RISC MMI Drivers and Interface
- IrDA - UARTs - Ringing - Charging
Auxiliary Functions
Oak DSP
ADC MUX
LCD
SIM Card
PC/DTE
- User interface - WAP - SATK - Services - Protocols - Voice dialing - Voice recording
- Speakerphone - Signal processing - Speech algorithm
Battery Charger
AFC
DAC
13 MHz
PA Control
LEDs HandsFree
Hardware Coprocessors
Digital RF Control
ADC
Voiceband CODEC
DAC
Baseband CODEC
ADC Down Conv.
VCO Synth.
x Transceiver
L N A
The ML2011 GSM baseband processor offers a high level of system integration, performance, and features for next-generation handsets and radio cards. The ML2011 is a single-chip baseband device that is applicable for wireless handsets and speakerphones. The integration of the PA controller and speaker/car phone audio circuitry adds key GSM handset features while reducing overall system cost. The ML2011 contains all of the analog and digital GSM baseband processing functions on a single silicon substrate. Interface functions and drivers are integrated to enable auxiliary components, such as microphone, speaker, displays, keypad, data terminal equipment, and SIM to connect directly to the chip. A flexible baseband control interface supports a wide range of transceivers, including GSM850, E-GSM900, GSM1800, and GSM1900 frequency bands. To accelerate our customer's product development cycle and to enable high-volume manufacturing, Broadcom also offers handset system solutions, including: * Complete handset and modem software, evaluation boards, reference designs, and extensive integration support * GSM Certification Forum (GCF) and interoperability testing (IOT) * Worldwide network field testing To further reduce overall component count and BOM cost, the ML2011 integrates a number of typical PCB circuits, such as a PA controller, echo cancellation chip, noise suppression chip, and hands-free answer sensing.
Features such as the peripheral serial bus interface, integrated 1.8V/3V SIM, and multiplexed I&Q channels add flexibility when connecting to other onboard components. The result is a dramatic reduction in the total system IC count, footprint, cost, and power consumption. The high level of integration also simplifies the handset manufacturing process and enhances reliability because there are fewer system components. The ARM7TDMI processor runs the high-level application software, such as the SATK, WAP browser, voice recognition/recording, and user interface. The processor can interface to various polyphonic ringer chips and can control two black and white or color LCD panels for high-end handsets. The Oak DSP performs the GSM physical layer functions including voice and baseband codecs, speech coding, channel coding and interleaving, and RF interface transceiver control. To minimize power consumption, the Oak DSP uses hardware coprocessors for computationintensive processing functions. Echo cancellation and noise suppression software is also included on the DSP to target speakerphone and other noisy environments.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. ML2011-PB02-R 11/18/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com
Diplexer
GMSK Mod.
DAC
Quad Mod.
PA


▲Up To Search▲   

 
Price & Availability of ML2011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X