Part Number Hot Search : 
FJP5027R API9221 TOIM4232 EPE6208S DFREE E001520 BU9728 N80C196
Product Description
Full Text Search
 

To Download MCR253225SIZE14W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Resistors
Thick film rectangular
MCR25 (3225 size: 1 / 4W)
FFeatures 1) Made of same material as the general purpose chip resistors (MCR10 / 18). 2) Highly reliable chip resistor Ruthenium oxide resistive material offers superior resistance to the elements. 3) Electrodes not corroded by soldering FRatings Both flow and reflow soldering can be used. 4) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet before using or ordering it.
FBefore using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
1
Resistors
FCharacteristics
MCR25
2
Resistors
FExternal dimensions (Units: mm)
MCR25
FPackaging
3
Resistors
FMakeup of the part number
MCR25
FDimensions
FElectrical characteristics
4
Resistors
MCR25
5
Resistors
MCR25
6


▲Up To Search▲   

 
Price & Availability of MCR253225SIZE14W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X