Part Number Hot Search : 
FR101 CS400F4 K1322 1N1830 15KE75 K1322 EPS13D2 XN5601
Product Description
Full Text Search
 

To Download MBR60020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR60020CT(R) THRU MBR60045CT(R)
SCHOTTKY DIODES MODULE TYPE 600A
Features
High Surge Capability
Types Up to 45V VRRM
600Amp Rectifier 20-45 Volts TWIN TOWER
A R
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage
20V 30V 35V 40V 45V
B
Maximum RMS Voltage
14V 21V 25V 28V 32V
Maximum DC Blocking Voltage
20V 30V 35V 40V 45V
Q
N G
W
1
U
2
F U C
MBR60020CT(R) MBR60030CT(R) MBR60035CT(R) MBR60040CT(R) MBR60045CT(R)
3
LUG Teminal Anode 1 LUG Teminal Anode 2
V
LUG LUG Teminal Teminal Cathode 1 Cathode 2
E
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
600A 4000A 0.65V TC =100
3 Baseplate Common Cathode
3
Baseplate R=Common Anode
DIMENSIONS INCHES MIN MAX ----1/4 3.360 0.800 0.700 ----0.650 0.120 0.130 0.510 0.490 1.379 BSC --------- 20 1/4 0.275 0.290 3.150 BSC ----0.600 0.312 0.370 0.180 0.195 MM MIN MAX ----92.20 20.32 17.78 ----16.51 3.3 0 3. 05 12.95 12.45 35.02 BSC --------UN C FULL 7.3 7 6.9 9 80.01 BSC ----15.24 9.40 7.92 4.95 4.57
8.3ms , half sine
IFM =300 A; Tj = 25
DIM A B C E F G H N Q R U V W
NOTE
IR
10 m A TJ = 25 200 mA TJ =125 0.8 /W
Maximum Thermal Resistance Junction (Per leg) To Case
2 PL
R jc
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR60020CT(R) THRU MBR60045CT(R)
Figure .1-Typical Forward Characteristics
Figure .2- Forward Derating Curve 300
AvErage ForwArd Rectified Current - AmPeres
1000 600
250
I nStantaneous Forward Current - Amperes Per leg Amps
400 200 100 60 40
T =25 J
Per leg
200 150
Amps
100
50
20 10 6.0 4.0 2.0 1.0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
2000 1000 600 400 200
Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
4200
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
100 60 40 20
Tj =125 C
Peak Forward Surge Current -Amperes Amps Per leg
3500 2800 2100 1400 700 0
m Amps
10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02
T =75 J
1
2
4
6
8 10 Cycles
20
40
60 80 100
T =25 J
Number Of Cycles At 60Hz - Cycles
.01
0
10
20
30
40
50
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR60020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X