Part Number Hot Search : 
P332MR 12500 8A218 239007 F1205 TS7812 MC34063A LB9051
Product Description
Full Text Search
 

To Download MBI6001N1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Macroblock,
Transformerless AC/DC Constant Current Driver
Features
n n n n n Directly powered by 110 VAC Constant output current and Transformerless, 18 mA Drive one chain of LEDs, VOUT up to 60 V while applying 110V AC Reliable technology Small footprint 24-pin SOP24 package
MBI6001
January 2003,V1.0i
SOP24 - P - 300 - 1.27
Description
With the features of transformerless and small footprint, MBI6001 constant current driver is specifically designed for LED lighting. The MBI6001 can be directly powered by 110 VAC and provide 18 mA constant current to the LEDs.
Applications
n n n n LED Lamps LED Sign and Channel Letter Indication Sign Low Power LEDs Lighting, < 1.5W
Typical Application Circuit
1
AC IN~
OUT + DA
9 7
110VAC
24 AC IN~
R3 R1
OUT PC 6 11
To Pin 10
VOUT: Voltage drop between
Pin 9 and Pin 11.
10
REF
R2
Note: There is no pin being connected to earth ground.
OMacroblock, Inc. 2003 Floor 6-4, No. 18, Pu-Ting Rd., Hsinchu, Taiwan 30077, ROC.
TEL: +886-3-579-0068, FAX: +886-3-579-7534 E-mail: info@mblock.com.tw
-1-
MBI6001-V1.0i
Pin Configuration
AC IN ~ NC HV HV HV PC DA NC OUT+ REF OUTNC
Transformerless AC/DC Constant Current Driver
Ordering Information
24 23 22 21 20 19 18 17 16 15 14 13
AC IN ~ NC HV NC HV HV NC REF REF NC HV HV
1 2 3 4 5 6 7 8 9 10 11 12
Part
MBI6001N1D
Blink
NA
VAC Range
100V ~ 120V
Package-Pin
SOP-24
MBI6001N1D
Pin Description (SOP24)
Pin Name I/O Function
1 AC IN ~ In AC voltage input node1. 2 NC No connection. 3 HV No connection. 4 HV No connection. 5 HV No connection. 6 PC In Peak current adjust. 7 DA In Duty adjust. 8 NC No connection. 9 OUT+ Out Connected to LED anode (+). 10 REF Internal reference voltage low. 11 OUTOut Connected to LED cathode (-). 12 NC No connection. 13 HV No connection. 14 HV No connection. 15 NC No connection. 16 REF Internal reference voltage low. 17 REF Internal reference voltage low. 18 NC No connection. 19 HV No connection. 20 HV No connection. 21 NC No connection. 22 HV No connection. 23 NC No connection. 24 AC IN ~ In AC voltage input node2. Note 1: These Pins should be kept away from touching by hands. (High voltage 110VAC)
-2-
MBI6001-V1.0i
Transformerless AC/DC Constant Current Driver
Environmental Specification
Operation Temperature Range ---- -20C to 50C (LEDs are set in the temperature range:-20 Storage Temperature Range ----- -40C to 150C Cooling--------------------------------- Free Air or Thermally Conductive Adhesive
to 70)
Absolute Maximum Ratings
AC Input Voltage----------------- 400V, transient Power Dissipation ------------------------- 1.5 W Junction Temperature ---------------------120C
Electrical Characteristics
(VAC= 110V, Ta = 25C, unless otherwise noted)
PARAMETER
AC Input Voltage Output Voltage Output Current
SYMBOL
VAC VOUT I OUT
MIN
100 8
TYP
110 18
MAX
120 60
UNIT S
V rms V mA
NOTE
See Applications Information
See Applications Information
-2-
MBI6001-V1.0i
Output Current - IOUT
Transformerless AC/DC Constant Current Driver
Applications Information
With a selected resistor R1 being connected between DA and OUT- (refer to Typical Application Circuit), a constant output current IOUT can be produced. However, IOUT will vary with VOUT. While VOUT is changed due to different number of LEDs being used and less than 60V, IOUT will vary within the range of 15%. (see Fig. 1)
Fig. 1- IOUT vs. VOUT (@ 110 VAC, Ta= 25 C)
26 IOUT (mA) 22 18 14 10 9 15 30 45 60 VOUT (V)
Surface Temperature vs. VOUT
The temperature on the surface of package will be around 60 C when VOUT is smaller than 60V. Temperature will rise up while VOUT is getting larger. (see Fig. 2)
Fig. 2- Temp. vs. VOUT (@ 110 VAC, Ta= 25 C)
100 TEMP (C) 80 60 40 20 9 15 30 45 60 VOUT (V)
-3-
MBI6001-V1.0i
Line Regulation
Transformerless AC/DC Constant Current Driver
IOUT will vary obviously with AC Input voltage. For instance, at VOUT = 50 V, IOUT will increase 20% while input voltage varies from 110 VAC to 100 VAC, but decrease 15% while input voltage varies from 110 VAC to 120 VAC. For input voltage is usually staying at lower than 100VAC, it is recommended to lower down the VOUT in the application. Otherwise, IOUT will rise up very quickly and the surface temperature of package will be getting higher than 90C.
LEDs Selection Consideration
MBI6001 provides constant average output current to drive LEDs. The output to LEDs is actually a train of current pulses. Their peak value can be adjusted by a resistor R2 which connects from PC to V-. (refer to Typical Application Circuit) It is recommended to select LEDs with higher peak forward current IF(peak).
Cautions
MBI6001 is directly power supplied by 110V AC. There are several pins with high AC voltage. Please don't touch any pin by hand(s) after voltage in. Also, it is important to keep preventing pins from short-circuit.
-4-
MBI6001-V1.0i
Outline Drawings SOP24 - P - 300 - 1.27
Transformerless AC/DC Constant Current Driver
-5-


▲Up To Search▲   

 
Price & Availability of MBI6001N1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X