Part Number Hot Search : 
S6494 FX6KMH2 MAX1453 V846ME08 NJM2591V 00113 SED135 STRRP
Product Description
Full Text Search
 

To Download MA29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Varistors
MA2C029
I Features
Series
Unit : mm
0.45 max. COLORED BAND INDICATES CATHODE 1
0.2 max. 13 min.
Silicon epitaxial planar type variable resistor
For temperature and reduced voltage compensation
* High reliability achieved through combination of a planar type chip and glass sealing structure * Easy mounting because of employing DO-35 (DHD) envelope * Extremely small reverse current IR * Large power dissipation * Wide forward voltage VF range
I Absolute Maximum Ratings Ta = 25C
0.2 max.
Parameter Reverse voltage (DC) MA2C0290A/B Forward current (DC) MA2C029WA/WB MA2C029TA/TB MA2C029QA/QB Power dissipation Junction temperature Storage temperature
Symbol VR IFM
Rating 6 150 100 70 50
Unit V mA
2
1.75 max.
Ptot Tj Tstg
150 150 -55 to +150
mW C C
1 Cathode 2 Anode JEDEC DO-34
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) MA2C0290A/B MA2C029WA/WB MA2C029TA/TB MA2C029QA/QB MA2C0290A MA2C0290B MA2C029WA/WB MA2C029TA/TB MA2C029QA/QB MA2C0290A/B MA2C029WA MA2C029WB MA2C029TA MA2C029TB MA2C029QA MA2C029QB MA2C0290A/B MA2C029WA/WB MA2C029TA/TB MA2C029QA/QB Symbol IR VR = 6 V VR = 6 V Conditions Min Typ Max 10 1 Unit A
Forward voltage (DC)
VF1
IF = 1.5 mA VF1 = 10 A
0.56 0.59 0.77 1.15 1.60 1.18 1.26 1.76 1.88 2.20 2.34 2.0 4.6 6.5 8.8
0.61 0.64
13 min.
2.2 0.3
V
Forward voltage (DC)
VF2
IF = 50 mA IF = 3 mA
1.1 1.28 1.36 1.92 2.04 2.40 2.54
V
Temperature coefficient of forward voltage
-VF/T
IF = 1.5 mA (Tj = 25C to +150C) IF = 3 mA (Tj = 25C to +150C)
mV/C
Note) Rated input/output frequency: 100 MHz
I Cathode Indication
Type No. Color MA2C0290A Red MA2C0290B MA2C029WA MA2C029WB Blue Light Blue Brown MA2C029TA* MA2C029TB* MA2C029QA* MA2C029QB* Yellow Blue Green Brown
Note) * : Body Color ; Black
1
MA2C029 Series
Characteristics charts of MA2C029 IF V F
1 000 Ta = 25C
1.0
Varistors
Characteristics charts of MA2C029Q VF Ta
IF = 1.5 mA
IF VF
100 Ta = 150C 100C 20C 25C
100
0.8
Forward current IF (mA)
Forward current IF (mA)
Forward voltage VF (V)
10
MA2C0290A 10 MA2C0290B 1
0.6 MA2C0290A 0.4
MA2C0290B
1
0.1 MA2C029QA
0.1
0.2
0.01
0
0.2
0.4
0.6
0.8
1.0
0 -40
0
40
80
120
160
0.01
MA2C029QB 0 0.8 1.6 2.4 3.2 4.0 4.8
Forward voltage VF (V)
Ambient temperature Ta (C)
Forward voltage VF (V)
Characteristics charts of MA2C029W IF VF
1 000 Ta = 25C
2.0 IF = 3 mA 1.6
VF Ta
5
VF Ta
MA2C029QA MA2C029QB
100
4
Forward current IF (mA)
Forward voltage VF (V)
10
MA2C029WA MA2C029WB
1.2 MA2C029WA 0.8 MA2C029WB
Forward voltage VF (V)
3 IF = 50 mA 2 3 mA 1 0.01 mA
1
0.1
0.4
0.01
0
0.4
0.8
1.2
1.6
2.0
2.4
0 -40
0
40
80
120
160
0 -40
0
40
80
120
160
200
Forward voltage VF (V)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Characteristics charts of MA2C029T IF VF
100 Ta = 25C
VF Ta
2.5 IF = 3 mA 2.0
Forward current IF (mA)
Forward voltage VF (V)
10
MA2C029TA
MA2C029TB
MA2C029TA 1.5
1
MA2C029TB 1.0
0.1
0.5
0.01
0
1
2
3
4
0 -40
0
40
80
120
160
Forward voltage VF (V)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of MA29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X