Part Number Hot Search : 
8075BVR EDZV12B ML4821CP ML4821CP 74240 FDS2672 PCF8881 PA5109
Product Description
Full Text Search
 

To Download LM311B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
LM111/211/311/311B Voltage comparator
Product data Supersedes data of 1994 Aug 31 File under Integrated Circuits, IC11 Handbook 2001 Aug 03
Philips Semiconductors
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
DESCRIPTION
The LM111 series are voltage comparators that have input currents approximately a hundred times lower than devices like the A710. They are designed to operate over a wider range of supply voltages; from standard 15 V op amp supplies down to a single 3 V supply. Their output is compatible with RTL, DTL, and TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50 V at currents as high as 50mA. Both the inputs and the outputs of the LM111 series can be isolated from system ground, and the output can drive loads referred to ground, the positive supply, or the negative supply. Offset balancing and strobe capability are provided and outputs can be wire-ORed. Although slower than the A710 (200 ns response time versus 40 ns), the devices are also much less prone to spurious oscillations. The LM111 series has the same pin configuration as the A710 series.
PIN CONFIGURATION
D, N Packages
GND INPUT INPUT V-
1 2 3 4
8 7 6 5
V+ OUTPUT BAL/STROBE BALANCE
+ -
SL00062
Figure 1. Pin Configuration
FEATURES
APPLICATIONS
* Operates from single 3 V supply (LM311B) * Maximum input bias current: 150 nA (LM311: 250 nA) * Maximum offset current: 20 nA (LM311: 50 nA) * Differential input voltage range: 30 V * Power consumption: 135 mW at 15 V * High sensitivity: 200 V/mV * Zero crossing detector
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Small Outline Package (SO) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline Package (SO) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline Package (SO) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline Package (SO) 8-Pin Plastic Dual In-Line Package (DIP)
* Precision squarer * Positive/negative peak detector * Low voltage adjustable reference supply * Switching power amplifier
TEMPERATURE RANGE -55 C to +125 C -55 C to +125 C -25 C to +85 C -25 C to +85 C 0 C to +70 C 0 C to +70 C 0 C to +70 C 0 C to +70 C
ORDER CODE LM111D LM111N LM211D LM211N LM311D LM311N LM311BD LM311BN
DWG # SOT96-1 SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT97-1
2001 Aug 03
2
853-0927 26834
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
EQUIVALENT SCHEMATIC
BALANCE/ STROBE BALANCE V+
R3 300
R1 1.3K
R4 300
R2 1.3K Q8 Q7
R8 750 Q10
R9 600
R5 70
Q20 Q11 Q12
Q5
R6 1.2K
R7 1.2K Q8
Q13 Q19 R10 4K Q14 Q18 R17 60 Q2 R15 400 R11 130 Q15 OUTPUT
Q3 Q1 D1 5V D2 5V Q4
Q9
INPUTS
Q23 Q22
R15 450
R12 600 Q18
Q2 R19 250
R18 200
R14 2K
Q17 R13 4
V-
SL00063
Figure 2. Equivalent Schematic
ABSOLUTE MAXIMUM RATINGS
SYMBOL VS Total supply voltage Output to negative supply voltage: LM111/LM211 LM311/LM311B Ground to negative supply voltage Differential input voltage VIN PD MAX Input voltage1 Maximum power dissipation, Tamb = 25 C (still-air)2 N package D package Output short-circuit duration Operating ambient temperature range LM111 LM211 LM311/LM311B Storage temperature range Lead soldering temperature (10 sec max) PARAMETER RATING 36 50 40 30 30 15 1190 780 10 -55 to +125 -25 to +85 0 to +70 -65 to +150 230 UNIT V V V V V V mW mW sec C C C C C
I Tamb
Tstg Tsld
NOTES: 1. This rating applies for 15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 V below the positive supply, whichever is less. 2. Derate above 25 C, at the following rates: N package at 9.5 mW/C D package at 6.2 m/WC
2001 Aug 03
3
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
DC ELECTRICAL CHARACTERISTICS1, 2, 3, 6
Over temperature range unless otherwise specified. SYMBOL VOS IOS IBIAS AV PARAMETER Input offset voltage3 Input offset current3 Input bias current Voltage gain Response time4 TEST CONDITIONS Tamb = 25 C; RS 50 k Tamb = 25 C Tamb = 25 C Tamb = 25 C Tamb = 25 C LM111/211 VIN -5mV; IOUT = 50 mA LM311/B VIN -10 mV; IOUT = 50 mA Tamb = 25 C Tamb = 25 C LM111/211 VIN 5 mV; VOUT = 35 V LM311/B VIN 10 mV; VOUT = 35 V Tamb = 25 C, ISTROBE = 3 mA (V- = VGND = -5 V) RS 50 k LM111/LM211 Min Typ 0.7 4.0 60 200 200 Max 3.0 10 100 Min LM311 Typ 2.0 6.0 100 200 200 Max 7.5 50 250 Min LM311B Typ 2.0 6 100 200 500 Max 7.5 25 200 UNIT mV nA nA V/mV ns
VSAT
Saturation voltage
0.75
1.5
0.75
1.5
0.75
1.5
V
IBAL/STR
Strobe on current
3.0
3.0
3.0
mA
ILEAKAGE
Output leakage current6
0.2
10
0.2
50
0.2
50
nA
VOS IOS IBIAS VIN
Input offset voltage3 Input offset current3 Input bias current Input voltage range
4.0 20 150 13.8 to -14.7 13.8 to -14.7
10 70 300 -14.5 13.0 V- +0.5
10 50 250 V+ -1.5
mV nA nA V
V = 15 V (Pin 7 may go to 5 V) V+ 4.5 V, V- = 0 V LM111/211 VIN -6 mV; ISINK 8 mA LM311/B VIN -10 mV; ISINK 8 mA VIN 5 mV; VOUT = 35 V Tamb = 25 C Tamb = 25 C
-14.5
13.0
VOL
Saturation voltage6
0.23
0.4
0.23
0.4
0.23
0.4
V
IOH ICC IEE
Output leakage current Positive supply current Negative supply voltage
0.1 5.1 4.1
0.5 6.0 5.0 5.1 4.1 7.5 5.0 1.6 3.5
A mA mA
NOTES: 1. This rating applies for 15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 V below the positive supply, whichever is less. 2. These specifications apply for VS = 15 V and 0 C < Tamb < 70 C unless otherwise specified. With the LM211, however, all temperature specifications are limited to -25 C Tamb +85 C, and for the LM111 is limited to -55 C < Tamb < +125 C. The offset voltage, offset current, and bias current specifications apply for any supply voltage from a single 5 V supply up to 15 V supplies. 3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with 1 mA load. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance. 4. The response time specified is for a 100 mV input step with 5 mV over-drive. 5. Do not short the strobe pin to ground; it should be current driven at 3 mA to 5 mA. 6. LM311B, all parameters are at V+ = 3 V 10%; V- = GND = 0 V.
2001 Aug 03
4
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
TYPICAL APPLICATIONS
V+ 5V BAL R1 5 3K 2 INPUT 3 + - 4 6 LM311 1 8 7 R3 10K R2 3K V+ = 5V TO MOS LOGIC R1 4.5K 2 + - 4 C1 R2 47K V- = 10V MAGNETIC PICKUP 3 R4 82K 8 LM311 1 R2 1K 3 7 TTL OUTPUT R3 2K R1 240K INPUT LM311 - 4 1 TO TTL OUTPUT V+ = 5V
R3 82K 2 + 8 7
R5 1K
* Values shown are for a 0 to 30V logic swing and a 15V threshold. ** May be added to control speed and reduce susceptibility to noise spikes.
Zero Detector Driving MOS Logic
Detector for Magnetic Transducer Figure 3. Typical Applications
TTL Interface with High Level Logic
SL00064
2001 Aug 03
5
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1
2001 Aug 03
6
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
2001 Aug 03
7
Philips Semiconductors
Product data
Voltage comparator
LM111/211/311/311B
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2001 All rights reserved. Printed in U.S.A. Date of release: 12-01
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 09216
Philips Semiconductors
2001 Aug 03 8


▲Up To Search▲   

 
Price & Availability of LM311B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X