Part Number Hot Search : 
M188R6 TL432A ISL28217 ZX84C10 VN1120ND W83877F 2DD1621T ZX84C10
Product Description
Full Text Search
 

To Download L4004D3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *
Se
le
ct
U.
L.
G O 1639 EC #E7 R
ed
Fi le
c Pa
ka
ge
s
Z NI
ED
E1
TO-92 *TO-220 Isolated
3-lead Compak
TO-252 D-Pak TO-202 TO-251 V-Pak
MT2
MT1
G
Sensitive Triacs
(0.8 A to 8 A)
E1
General Description
Teccor's line of sensitive gate triacs includes devices with current capabilities through 8 A. Voltage ranges are available from 200 V to 600 V. This line features devices with guaranteed gate control in Quadrants II and IV as well as control in the commonly used Quadrants I and III. Four-quadrant control devices require sensitive gate triacs. They can be controlled by digital circuitry where positive-only or negative-only pulses must control AC current in both directions through the device. Note that triacs with low IGT values in Quadrants II and IV will have lower dv/dt characteristics. The sensitive gate triac is a bidirectional AC switch and is gate controlled for either polarity of main terminal voltage. It is used primarily for AC switching and phase control applications such as motor speed controls, temperature modulation controls, and lighting controls. The epoxy TO-92 and TO-220 configurations feature Teccor's electrically-isolated construction where the case or mounting tab is internally isolated from the semiconductor chip and lead attachments. Non-isolated epoxy TO-202 packages are available as well as TO-251 and surface mount TO-252 (D-Pak). Tapeand-reel capability and tube packing also are available. See "Packing Options" section of this catalog. All Teccor triacs have glass-passivated junctions. This glassing process prevents migration of contaminants and ensures longterm device reliability with parameter stability. Variations of devices covered in this data sheet are available for custom design applications. Consult factory for more information.
Features
* * * * * Electrically-isolated packages Glass-passivated junctions ensure long device reliability and parameter stability Voltage capability -- up to 600 V Surge capability -- up to 80 A Four-quadrant gating guaranteed
Compak Sensitive Gate Triac
* * * * Surface mount package -- 0.8 A and 1 A series New small profile three-leaded Compak package Packaged in embossed carrier tape with 2,500 devices per reel Can replace SOT-223
http://www.teccor.com +1 972-580-7777
(c)2004 Littelfuse LP Thyristor Product Catalog
E1 - 1
Sensitive Triacs
Data Sheets
Part No. IT(RMS)
(11)
MT2
MT2
Isolated
Non-isolated
VDRM
(1)
IGT
(3) (6) (9)
IDRM
(1) (14)
G
MT2
G MT2
MT1
MT1 G MT2
MT1
MT2
MT1 MT2
G
MT1
G MT2
MT1
G MT2
mAmps Volts MIN 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 QI 3 3 3 5 5 5 5 5 5 10 10 10 3 3 3 5 5 5 5 5 5 10 10 10 3 3 3 5 5 5 5 5 5 10 10 10 QII QIII MAX 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 10 10 10 10 10 10 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 10 10 10 10 10 10 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 10 10 10 10 10 10 QIV 3 3 3 5 5 5 10 10 10 20 20 20 3 3 3 5 5 5 10 10 10 20 20 20 3 3 3 5 5 5 10 10 10 20 20 20
TO-92 MAX L2X8E3 L4X8E3 L6X8E3 L2X8E5 L4X8E5 L6X8E5 L2X8E6 L4X8E6 L6X8E6 L2X8E8 L4X8E8 L6X8E8 L201E3 L401E3 L601E3 L201E5 L401E5 L601E5 L201E6 L401E6 L601E6 L201E8 L401E8 L601E8
Compak
TO-220
TO-252 D-Pak
TO-202
TO-251 V-Pak
0.8 A
See "Package Dimensions" section for variations. (12) L2X3 L4X3 L6X3 L2X5 L4X5 L6X5
1A
L2N3 L4N3 L6N3 L2N5 L4N5 L6N5
4A
L2004L3 L4004L3 L6004L3 L2004L5 L4004L5 L6004L5 L2004L6 L4004L6 L6004L6 L2004L8 L4004L8 L6004L8
L2004D3 L4004D3 L6004D3 L2004D5 L4004D5 L6004D5 L2004D6 L4004D6 L6004D6 L2004D8 L4004D8 L6004D8
L2004F31 L4004F31 L6004F31 L2004F51 L4004F51 L6004F51 L2004F61 L4004F61 L6004F61 L2004F81 L4004F81 L6004F81
L2004V3 L4004V3 L6004V3 L2004V5 L4004V5 L6004V5 L2004V6 L4004V6 L6004V6 L2004V8 L4004V8 L6004V8
mAmps TC = TC = 25 C 110 C MAX 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.1 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2 0.01 0.2
See "General Notes" on page E1 - 4 and "Electrical Specification Notes" on page E1 - 5.
http://www.teccor.com +1 972-580-7777
E1 - 2
(c)2004 Littelfuse LP Thyristor Product Catalog
Data Sheets
Sensitive Triacs
VTM
(1) (4)
VGT
(2) (5) (15)
IH
(1) (7)
IGTM
(13)
PGM
(13)
PG(AV)
ITSM
(8) (10)
dv/dt(c)
(1) (10)
dv/dt
(1)
tgt
(9)
I2 t
di/dt
Volts TC = 25 C MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
Volts TC = 25 C MAX 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
Amps mAmps MAX 5 5 5 10 10 10 10 10 10 15 15 15 5 5 5 10 10 10 10 10 10 15 15 15 5 5 5 10 10 10 10 10 10 15 15 15 Amps 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 Watts 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 Watts 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 60/50 Hz 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 10/8.3 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 20/16.7 40/33 40/33 40/33 40/33 40/33 40/33 40/33 40/33 40/33 40/33 40/33 40/33 Volts/Sec TYP 0.5 0.5 0.5 1 1 1 1 1 1 2 2 2 0.5 0.5 0.5 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 1 1 1 1 1 1 2 2 2
Volts/Sec TC = 100 C TYP 20 15 10 20 15 10 30 25 20 35 30 25 20 20 10 20 20 10 30 30 20 35 35 25 25 25 15 25 25 15 30 30 20 35 35 25
Sec TYP 2.8 2.8 2.8 3 3 3 3 3 3 3.2 3.2 3.2 2.8 2.8 2.8 3 3 3 3 3 3 3.2 3.2 3.2 2.8 2.8 2.8 3 3 3 3 3 3 3.2 3.2 3.2
Amps2Sec 0.41 0.41 0.41 0.41 0.41 0.41 0.41 0.41 0.41 0.41 0.41 0.41 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6 6.6
Amps/Sec 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 50 50 50 50 50 50 50 50 50 50 50 50
See "General Notes" on page E1 - 4 and "Electrical Specification Notes" on page E1 - 5.
(c)2004 Littelfuse LP Thyristor Product Catalog
E1 - 3
http://www.teccor.com +1 972-580-7777
Sensitive Triacs
Data Sheets
Part No. IT(RMS)
(11)
MT2
MT2
Isolated
Non-isolated
VDRM
(1)
IGT
(3) (6)
IDRM
(1) (14)
G MT2 MT1
MT1 MT2
G
MT1
G MT2
TO-220 MAX
TO-252 D-Pak
TO-251 V-Pak
Volts MIN 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600
QI 5 5 5 5 5 5 10 10 10 5 5 5 10 10 10
6A
8A
See "Package Dimensions" section for variations. (12) L2006L5 L2006D5 L2006V5 L4006L5 L4006D5 L4006V5 L6006L5 L6006D5 L6006V5 L2006L6 L2006D6 L2006V6 L4006L6 L4006D6 L4006V6 L6006L6 L6006D6 L6006V6 L2006L8 L2006D8 L2006V8 L4006L8 L4006D8 L4006V8 L6006L8 L6006D8 L6006V8 L2008L6 L2008D6 L2008V6 L4008L6 L4008D6 L4008V6 L6008L6 L6008D6 L6008V6 L2008L8 L2008D8 L2008V8 L4008L8 L4008D8 L4008V8 L6008L8 L6008D8 L6008V8
mAmps QII QIII MAX 5 5 5 5 5 5 5 5 5 5 5 5 10 10 10 10 10 10 5 5 5 5 5 5 10 10 10 10 10 10
QIV 5 5 5 10 10 10 20 20 20 10 10 10 20 20 20
mAmps TC = 25 C TC = 110 C MAX 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5 0.02 0.5
Specified Test Conditions
di/dt -- Maximum rate-of-change of on-state current; IGT = 50 mA with 0.1 s rise time dv/dt -- Critical rate-of-rise of off-state voltage at rated VDRM gate open dv/dt(c) -- Critical rate-of-rise of commutation voltage at rated VDRM and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate unenergized I2t -- RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM -- Peak off-state current, gate open; VDRM = max rated value IGT -- DC gate trigger current in specific operating quadrants; VD = 12 V dc; RL = 60 IGTM -- Peak gate trigger current IH -- Holding current gate open; initial on-state current = 100 mA dc IT(RMS) -- RMS on-state current conduction angle of 360 ITSM -- Peak one-cycle surge PG(AV) -- Average gate power dissipation PGM -- Peak gate power dissipation; IGT IGTM tgt -- Gate controlled turn-on time; IGT = 50 mA with 0.1 s rise time VDRM -- Repetitive peak off-state/blocking voltage VGT -- DC gate trigger voltage; VD = 12 V dc; RL = 60 VTM -- Peak on-state voltage at max rated RMS current
General Notes
* * * All measurements are made with 60 Hz resistive load and at an ambient temperature of +25 C unless otherwise specified. Operating temperature range (TJ) is -65 C to +110 C for TO-92 devices and -40 C to +110 C for all other devices. Storage temperature range (TS) is -65 C to +150 C for TO-92 devices, -40 C to +150 C for TO-202 devices, and -40 C to +125 C for TO-220 devices. Lead solder temperature is a maximum of 230 C for 10 seconds maximum at a minimum of 1/16" (1.59 mm) from case. The case or lead temperature (TC or TL) is measured as shown on dimensional outline drawings. See "Package Dimensions" section of this catalog.
* *
http://www.teccor.com +1 972-580-7777
E1 - 4
(c)2004 Littelfuse LP Thyristor Product Catalog
Data Sheets
Sensitive Triacs
VTM
(1) (4)
VGT
(2) (5) (15)
IH
(1) (7)
IGTM
(13)
PGM
(13)
PG(AV)
ITSM
(8) (10)
dv/dt(c)
(1) (10)
dv/dt
(1)
tgt
(9)
I2 t
di/dt
Volts TC = 25 C MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
Volts TC = 25 C MAX 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
mAmps MAX 10 10 10 10 10 10 20 20 20 10 10 10 20 20 20
Amps 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
Watts 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18
Watts 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4
Amps 60/50 Hz 60/50 60/50 60/50 60/50 60/50 60/50 60/50 60/50 60/50 80/65 80/65 80/65 80/65 80/65 80/65
Volts/Sec TYP 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2
Volts/Sec TC = 100 C TYP 40 30 20 40 30 20 45 40 30 40 30 20 45 40 30
Sec TYP 3 3 3 3 3 3 3.2 3.2 3.2 3 3 3 3.2 3.2 3.2
Amps2Sec 15 15 15 15 15 15 15 15 15 26.5 26.5 26.5 26.5 26.5 26.5
Amps/Sec 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70
Electrical Specification Notes
(1) (2) (3) (4) (5) (6) (7) (8) (9) For either polarity of MT2 with reference to MT1 terminal For either polarity of gate voltage VGT with reference to MT1 terminal See Gate Characteristics and Definition of Quadrants. See Figure E1.4 for iT versus vT. See Figure E1.6 for VGT versus TC. See Figure E1.7 for IGT versus TC. See Figure E1.5 for IH versus TC. See Figure E1.9 for surge rating and specific duration. See Figure E1.8 for tgt versus IGT.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals in the following ways: * * In-phase signals (with standard AC line) using Quadrants I and III Application of unipolar pulses (gate always positive or negative), using Quadrants II and III with negative gate pulses and Quadrants I and IV with positive gate pulses
When maximum surge capability is required, pulses should be a minimum of one magnitude above IGT rating with a steep rising waveform (1 s rise time).
ALL POLARITIES ARE REFERENCED TO MT1 MT2 POSITIVE (Positive Half Cycle)
(10) See Figure E1.2 and Figure E1.3 for maximum allowable case temperature at maximum rated current. (11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus IT(RMS). (12) See package outlines for lead form configurations. When ordering special lead forming, add type number as suffix to part number. (13) Pulse width 10 s (14) TC or TL = TJ for test conditions in off state (15) Minimum non-trigger VGT at 110 C is 0.2 V.
IGT
(-)
MT2 IGT GATE
+
MT2
(+)
IGT GATE MT1
MT1
(-)
REF MT2 IGT GATE MT1 REF
QII QI QIII QIV
(+)
REF
+
MT2 IGT GATE MT1 REF
IGT
MT2 NEGATIVE (Negative Half Cycle)
-
Definition of Quadrants
(c)2004 Littelfuse LP Thyristor Product Catalog
E1 - 5
http://www.teccor.com +1 972-580-7777
Sensitive Triacs
Data Sheets
Electrical Isolation
Teccor's isolated triac packages withstand a minimum high potential test of 2500 V ac rms from leads to mounting tab over the device's operating temperature range. The following isolation table shows standard isolation ratings.
Electrical Isolation from Leads to Mounting Tab
V AC RMS 2500 *UL Recognized File #E71639 TO-220 * Standard
Thermal Resistance (Steady State) Junction to Mounting Tab and Junction to Ambient RJC [RJA] C/W (TYP)
Package Code E C F L F2 D V
Type
TO-92 Plastic 0.8 A 1A 4A 6A 8A 60 [135] 50 [95]
Compak 60 * 40 *
TO-202 Type 1
TO-220 Isolated
TO-202 Type 2
TO-252 D-Pak
TO-251 V-Pak
3.5 [45]
3.6 [50] 3.3 2.8
6.0 [70]
3.5 3.2 2.7
6.0 [70] 3.2 2.7
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Maximum Allowable Ambient Temperature (TA) - C
120
Maximum Allowable Case Temperature (TC) - C
100
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360 FREE AIR RATING - NO HEATSINK TO-220 and TYPE 1 and 3 TO-202
110 100 90 80 70
0.8 A
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360 CASE TEMPERATURE: Measured as shown on Dimensional Drawings
80
TYPE 2 and 4 TO-202 and TO-251
1A
60
1 A TO-92
40
0.8 A TO-92
60 50 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
25 20 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
RMS On-State Current [IT(RMS)] - Amps
RMS On-State Current [IT(RMS)] - Amps
Figure E1.1 Maximum Allowable Ambient Temperature versus On-state Current
Figure E1.2 Maximum Allowable Case Temperature versus On-state Current (0.8 A and 1 A)
http://www.teccor.com +1 972-580-7777
E1 - 6
(c)2004 Littelfuse LP Thyristor Product Catalog
Data Sheets
Sensitive Triacs
Maximum Allowable Case Temperature (TC) - C
110 105 100 95 90 85 80 75 70 65 60 0 1 2 3 4 5 6 7 8
4 A TYPE 2 and 4 TO-202 4 A TO-251 4 A TYPE 1 and 3 TO-202 4 A TO-220 (Isolated) 4 A TO-252
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360 CASE TEMPERATURE: Measured as shown on Dimensional Drawings
2.0
6A
TO TO -25 8A 1a -22 nd TO 0( TO -22 Iso -25 0( 2 lat Iso ed late ) d)
8A
VGT (TC = 25 C)
1.5
VGT
1.0
6 A TO-251 6 A TO-252
Ratio of
.5
0 -65 -40 -15 +25 +65 +110 +125
RMS On-State Current [IT(RMS)] - Amps
Case Temperature (TC) - C
Figure E1.3 Maximum Allowable Case Temperature versus On-state Current (4 A, 6 A, and 8 A)
Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants versus Case Temperature
20 18 TC = 25 C
4.0
Positive or Negative Instantaneous On-state Current (iT) - Amps
16 14 12 10 8 6 4 2 0 0 0.5 0.8 1.0 1.2 1.4 1.6 1.8 0.8 A 4A 1A 6 A and 8 A
IGT (T = 25 C) C
3.0
IGT
2.0
Ratio of
1.0
0 -65 -40 -15 +25 +65 +110 +125
Positive or Negative Instantaneous On-state Voltage (vT) - Volts
Case Temperature (TC) - C
Figure E1.4 On-state Current versus On-state Voltage (Typical)
Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants versus Case Temperature
7.0
4.0
TC = 25 C
6.0
IH (TC = 25 C)
3.0
Turn-On Time (tgt) - Sec
INITIAL ON-STATE CURRENT = 100 mA (DC) 0.8 - 4 A Devices = 200 mA (DC) 6 - 8 A Devices
IGT = 5 mA MAX
5.0 IGT = 10 mA MAX
IH
4.0
2.0
IGT = 20 mA MAX
Ratio of
3.0
IGT = 3 mA MAX
1.0
2.0
1.0
0 -65 -40 -15 +25 +65 +110 +125
0 1 2 3 4 56 8 10 20 30 40 60 80 100
Case Temperature (TC) - C
DC Gate Trigger Current (IGT) - mA
Figure E1.5 Normalized DC Holding Current versus Case Temperature
Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical)
(c)2004 Littelfuse LP Thyristor Product Catalog
E1 - 7
http://www.teccor.com +1 972-580-7777
Sensitive Triacs
Data Sheets
200 150 100 80 60 40 30 20 10 8 6 4 3 2 1 1 2 34 6 8 10 20 30 40 60 100 200 400 600 1000
8A 6A
4A
SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS On-state Current: [IT(RMS)]: Maximum Rated Value at Specified Case Temperature
Peak Surge (Non-Repetitive) On-State Current (ITSM) - Amps
NOTES: 1) Gate control may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value.
1A
0.8 A
Surge Current Duration - Full Cycles
Figure E1.9 Peak Surge Current versus Surge Current Duration
9.0 8.0 7.0 6.0
6 A and 8 A
Average On-state Power Dissipation [PD(AV)] - Watts
1.5
1.0
Average On-state Power Dissipation [PD(AV)] - Watts
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360
5.0 4.0 3.0 2.0 1.0
4A
0.8 A 0.5 1A
0 0 0.25 0.50 0.75 1.0 1.25 1.5
0 0 .5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0
RMS On-state Current [IT(RMS)] - Amps
RMS On-state Current [IT(RMS)] - Amps
Figure E1.10 Power Dissipation (Typical) versus RMS On-state Current (0.8 A and 1 A)
Figure E1.11 Power Dissipation (Typical) versus RMS On-state Current (4 A, 6 A, and 8 A)
http://www.teccor.com +1 972-580-7777
E1 - 8
(c)2004 Littelfuse LP Thyristor Product Catalog


▲Up To Search▲   

 
Price & Availability of L4004D3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X