Part Number Hot Search : 
YLT500VM MJD34003 ST72X734 TEA5762 MC34063 MBR10150 476M0 ON2794
Product Description
Full Text Search
 

To Download L272D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
L272
DUAL POWER OPERATIONAL AMPLIFIERS
.OUTPUT .OPERATES .SI .LARGE .GROUND .LOW .THERMAL
CURRENT TO 1 A AT LOW VOLTAGES NGLE OR SPLIT SUPPLY COMMON-MODE AND DIFFERENTIAL MODE RANGE COMPATIBLE INPUTS SATURATION VOLTAGE SHUTDOWN
Powerdip (8 + 8)
DESCRIPTION The L272 is a monolithic integrated circuits in Powerdip, Minidip and SO packages intended for use as power operational amplifiers in a wide range of applications including servo amplifiers and power supplies, compacts disc, VCR, etc. The high gain and high output power capability provide superior performance whatever an operational amplifier/power booster combination is required. PIN CONNECTIONS (top view)
Minidip SO16 (Narrow)
ORDERING NUMBERS : L272 (Powerdip) L272M (Minidip) L272D (SO16 Narrow)
L272M
L272D
July 2003
1/10
L272
BLOCK DIAGRAMS L272 L272D L272M
SCHEMATIC DIAGRAM (one only)
2/10
L272
ABSOLUTE MAXIMUM RATINGS
Symbol Vs Vi Vi Io Ip Ptot Supply Voltage Input Voltage Differential Input Voltage DC Output Current Peak Output Current (non repetitive) Power Dissipation at: Tamb = 80C (L272), Tamb = 50C (L272M), Tcase = 90 C (L272D) Tcase = 75 C (L272) Operating Temperature Range (L272D) Storage and Junction Temperature Parameter Value 28 Vs Vs 1 1.5 1.2 5 - 40 to 85 - 40 to 150 A A W W C C Unit V
Top Tstg, Tj
THERMAL DATA
Symbol Rth j-case Rth j-amb Rth j-alumina Parameter Thermal Resistance Junction-pins Thermal Resistance Junction-ambient Thermal Resistance Junction-alumina Max. Max. Max. Powerdip 15 70 - SO16 - - ** 50 Minidip * 70 100 - Unit
o o o
C/W C/W C/W
* Thermal resistance junction-pin 4 ** Thermal resistance junctions-pins with the chip soldered on the middle of an alumina supporting substrate measuring 15x 20mm; 0.65mm thickness and infinite heatsink.
ELECTRICAL CHARACTERISTICS (VS = 24V, Tamb = 25oC unless otherwise specified)
Symbol Vs Is Ib Vos Ios SR B Ri Gv eN IN CRR SVR Parameter Supply Voltage Quiescent Drain Current Input Bias Current Input Offset Voltage Input Offset Current Slew Rate Gain-bandwidth Product Input Resistance O. L. Voltage Gain Input Noise Voltage Input Noise Current Common Mode Rejection Supply Voltage Rejection f = 100Hz f = 1kHz B = 20kHz B = 20kHz f = 1kHz f = 100Hz, RG = 10k, VR = 0.5V Vs = 24V Vs = 12V Vs = 6V Ip = 0.1A Ip = 0.5A f = 1 kHz; RL =10, Gv = 30dB Vs = 24V Vs = 6V f = 1kHz, Gv = 3 dB, Vs = 24V, RL = 60 500 60 70 50 10 200 75 70 62 56 23 22.5 60 60 0.5 145 % C 3/10 V V dB VO = VS 2 Vs = 24V Vs = 12V Test Conditions Min. 4 8 7.5 0.3 15 50 1 350 Typ. Max. 28 12 11 2.5 60 250 Unit V mA mA A mV nA V/s kHz k dB dB V pA dB dB 54
Vo Cs
Output Voltage Swing Channel Separation
21
d Tsd
Distortion Thermal Shutdown Junction Temperature
L272
Figure 1 : Quiescent Current versus Supply Voltage Figure 2 : Quiescent Drain Current versus Temperature
Figure 3 :
Open Loop Voltage Gain
Figure 4 :
Output Voltage Swing versus Load Current
Figure 5 :
Output Voltage Swing versus Load Current
Figure 6 :
Supply Voltage Rejection versus Frequency
4/10
L272
Figure 7 : Channel Separation versus Frequency Figure 8 : Common Mode Rejection versus Frequency
APPLICATION SUGGESTION NOTE In order to avoid possible instability occuring into final stage the usual suggestions for the linear power stages are useful, as for instance :
- layout accuracy ; - a 100nF capacitor corrected between supply pins and ground ; - boucherot cell (0.1 to 0.2 F + 1 series) between
Figure 9 : Bidirectional DC Motor Control with P Compatible Inputs
Figure 10 : Servocontrol for Compact-disc
Figure 11 : Capstan Motor Control in Video Recorders
5/10
L272
Figure 12 : Motor Current Control Circuit.
Note : The input voltage level is compatible with L291 (5-BIT D/A converter).
Figure 13 : Bidirectional Speed Control of DC Motors. 2R3 R1 For circuit stability ensure that RX > where RM = internal resistance of motor. RM Vs 2R R1 The voltage available at the terminals of the motor is VM = 2 (Vi ) + Ro M where Ro = 2 RX and IM is the motor current.
6/10
L272
DIM. MIN. a1 B b b1 D E e e3 F I L Z 0.38 0.51 0.85
mm TYP. MAX. MIN. 0.020 1.40 0.50 0.50 20.0 8.80 2.54 17.78 7.10 5.10 3.30 1.27 0.015 0.033
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.055 0.020 0.020 0.787 0.346 0.100 0.700 0.280 0.201 0.130
Powerdip 16
0.050
7/10
L272
mm DIM. MIN. A a1 B b b1 D E e e3 e4 F I L Z 3.18 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 0.125 0.51 1.15 0.356 0.204 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0.260 0.200 0.150 0.060 TYP. 3.32 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 MAX. MIN. TYP. 0.131 MAX. inch
OUTLINE AND MECHANICAL DATA
Minidip
8/10
L272
DIM. MIN. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 3.8 4.6 0.4 9.8 5.8 0.35 0.19 0.1
mm TYP. MAX. 1.75 0.25 1.6 0.46 0.25 0.5 45 (typ.) 10 6.2 1.27 8.89 4 5.3 1.27 0.62 8(max.) 0.150 0.181 0.016 0.386 0.228 0.014 0.007 0.004 MIN.
inch TYP. MAX. 0.069 0.009 0.063 0.018 0.010 0.020
OUTLINE AND MECHANICAL DATA
Weight: 0.20gr
0.394 0.244 0.050 0.350 0.157 0.209 0.050 0.024
SO16 Narrow
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
0016020
9/10
L272
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of L272D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X