Part Number Hot Search : 
1N5355A 2SK1192 S82C42PE TC5081 STU405D CL766 PC100 H5TQ2G
Product Description
Full Text Search
 

To Download KLSL3228UR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET 46
KLSL3228
3.5 + 0.2 3.2 + 0.1 0.75 + 0.1 -
KLSL3228
Face Length Face Width Height Pin Spacing Row SPacing No.of pins Viewing Angle
MM MM MM MM MM Pins
3.2
21 21 21 21 21 21 21 21 21 21 21 21
AE 2.04
1.85 + 0.1 -
1.5 3.2 4
1
2
Anode Common Cathod
0.75 + 0.1 -
2. 20
1.8
0. 15
2f/2 Deg. 120
0.8 + 0.3 -
Note : All Dimensions are in mm
PART NO. OPERATING CHARACTERISTICS AT 25 0C
(Bigger Display may have more than one LED chip per segment)
KLSL 3228 I
KLSL 3228 SR
KLSL 3228 G
KLSL 3228 SG
KLSL 3228 SY
KLSL 3228 SA
KLSL 3228 UR
UNITS SYMBOL IRED I
SUPER SUPER SUPER SUPER ULTRA SUPER RED GREEN GREEN YELLOW AMBER RED ORANGE BLUE G UR SR SO SA SG SY B/UB
Semiconductor Composition Forward Voltage - Typical @ 10mA Forward Voltage - Maximum @ 70 mA Reverse Current @ VR = 5V Peak Emission Wavelength Emission Wavelength Half Width Luminous Intensity per Segment @ 70mA Lumens Flux @70mA ABSOULTE MAXIMUM RATINGS AT 25 C Reverse Voltage Forward Current (avg) *(NOTE 1) Peak Forward Current (T<1ms) Operating / Storage Temperature Range Lead Soldering Temperature
0
AlGaAs V V mA nm nm
mcd mlm
GaP/AlInGaP
AlInGaP
VF V FM IR lP Dl Iv
AEv
V mA mA
VR IF I FS
2.10 1.90 2.20 2.20 2.10 2.10 1.90 1.90 3.50 3.50 3.50 3.50 2.40 2.10 2.60 2.40 2.40 2.40 2.10 2.40 4.50 4.50 4.50 4.50 100 100 100 100 100 100 100 100 100 100 100 100 630 660 568 568 590 610 645 620 470 502 525 --35 20 30 15 15 15 20 20 25 30 35 ----3500 6000 4000 6000 7000 7500 13000 13000 6000 7000 17000 4000 5 5 5 5 5 5 5 5 5 5 5 5 100 100 100 100 100 100 100 100 100 100 100 100 150 150 150 150 150 150 150 150 150 150 150 150 -10 o C to + 85 o C < 200o C for 5 Seconds
Series Resistor to be used per segment : 300 Ohms @ 5V Supply (OR) 50 to 100 Ohms @ 3V Supply
*NOTE 1. Use Adequate heatsink (250mm2 plus) for current above 20mA
ELECTRICAL CHARACTERISTIC CURVES
FORWARD CURRENT VS FORWARD VOLTAGE
1 50 2 3 &4
RELATIVE INTENSITY VS WAVELENGTH
B/W 1.0 SBG UG G/SG SY SA SO I UR SR
5.0
Forward Current (mA)
40 30 20 10 0 1.2 1.6 2.0 2.4 2.8 3.0
WHITE
5
Luminous Intensity Relative Volue at if=10mA
0.5
0 400
450
500
550
600
650
700
750
Forward Voltage(V)
Wavelength(nm)
1. AlGaAs : I, SR
KPC/KLSL3228 Rev. 00
2. GaP : G
1-1-04
3 & 4. AllnGap : SG, SY, SA, UR, SO
KWALITY PHOTONICS PRIVATE LIMITED
ISO 9001-2000
29, EC Kushaiguda, Hyderabad-500 062, INDIA. Ph : 91-040-27123555, 27136252 Fax : 91-040-27124762 Email : kwality@kwalityindia.com www.kwalityindia.com
19-07-2004
54321 54321 54321 54321 54321 54321 54321 54321 54321 54321 54321 54321
COMMON CATHODE
54321 54321 54321 54321 54321 54321 54321 54321 54321 54321 54321 54321
COMMON ANODE
654321 654321 654321 654321 654321 654321 654321 654321 654321 654321 654321 654321
1 54321 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1
2.8
2.8 + 0.1 -
54321 21 21 21 21 21 21
Tolerance 0.2 mm
KLSL 3228 SO
KLSL 3228 B/UB
KLSL 3228 BG
KLSL 3228 UG
KLSL 3228 W
BLUE ULTRA GREEN GREEN UG BG
WHITE W
SiC / GaInN
LUMINOUS INTENSITY VS FORWARD CURRENT
3 &4 2 1
4.0 3.0 2.0 1.0 0 0 10 20 30 40 5
50
Forward Current(mA)
5. GaInN : B, BG, UG, W


▲Up To Search▲   

 
Price & Availability of KLSL3228UR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X