Part Number Hot Search : 
PM0222 BYD33K EPE6362G XVT9008 BC848C 162000 BD53E42 TDA9112A
Product Description
Full Text Search
 

To Download IRKT26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27130 rev. G 10/02
IRK.26 SERIES
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR Features
High Voltage Industrial Standard Package Thick Al metal die and double stick bonding Thick copper baseplate UL E78996 approved 3500VRMS isolating voltage
ADD-A-pakTM GEN V Power Modules
Benefits
Up to 1600V Full compatible TO-240AA High Surge capability Easy Mounting on heatsink Al203 DBC insulator Heatsink grounded
27 A
Mechanical Description
The Generation V of Add-A-pak module combine the excellent thermal performance obtained by the usage of Direct Bonded Copper substrate with superior mechanical ruggedness, thanks to the insertion of a solid Copper baseplate at the bottom side of the device. The Cu baseplate allow an easier mounting on the majority of heatsink with increased tolerance of surface roughness and improve thermal spread. The Generation V of AAP module is manufactured without hard mold, eliminating in this way any possible direct stress on the leads. The electrical terminals are secured against axial pull-out: they are fixed to the module housing via a click-stop feature already tested and proved as reliable on other IR modules.
Electrical Description
These modules are intended for general purpose high voltage applications such as high voltage regulated power supplies, lighting circuits, temperature and motor speed control circuits, UPS and battery charger.
Major Ratings and Characteristics
Parameters
IT(AV) or IF(AV) @ 85C IO(RMS) (*) ITSM @ 50Hz IFSM @ 60Hz It
2
IRK.26
27 60 400 420 800 730 8000 400 to 1600 - 40 to 125 - 40 to125
Units
A A A A A2s A2s A2s V
o o
@ 50Hz @ 60Hz
I2t VRRM range TSTG TJ
(*) As AC switch.
C C
www.irf.com
1
IRK.26 Series
Bulletin I27130 rev. G 10/02
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code 04 06 08 IRK.26 10 12 14 16
VRRM , maximum VRSM , maximum VDRM , max. repetitive repetitive non-repetitive peak off-state voltage, peak reverse voltage peak reverse voltage gate open circuit V V V
400 600 800 1000 1200 1400 1600 500 700 900 1100 1300 1500 1700 400 600 800 1000 1200 1400 1600
IRRM IDRM 125C mA
15
On-state Conduction
Parameters
IT(AV) IF(AV) Max. average on-state current (Thyristors) Max. average forward current (Diodes) IO(RMS) Max. continuous RMS on-state current. As AC switch ITSM or IFSM Max. peak, one cycle non-repetitive on-state or forward current 60 A 400 420 335 350 470 490 I2t Max. I2t for fusing 800 730 560 510 1100 1000 I2t Max. I2t for fusing (1) voltage (2) rt VTM VFM di/dt Max. value of on-state slope resistance (2) Max. peak on-state or forward voltage Max. non-repetitive rate of rise of turned on current IH IL Max. holding current Max. latching current 200 mA 400 150 A/s 1.95 V 8000 0.92 0.95 12.11 11.82 A2s V m As
2
IRK.26
27 27
Units
Conditions
180o conduction, half sine wave, TC = 85oC
I(RMS)
t=10ms t=8.3ms t=10ms t=8.3ms t=10ms t=8.3ms t=10ms t=8.3ms t=10ms t=8.3ms t=10ms t=8.3ms reapplied
or
I(RMS)
Sinusoidal half wave, Initial TJ = TJ max.
No voltage 100% VRRM reapplied TJ = 25oC,
no voltage reapplied No voltage reapplied 100% VRRM reapplied TJ = 25oC, no voltage reapplied Initial TJ = TJ max.
t= 0.1 to 10ms, no voltage reappl. TJ =TJ max Low level (3) High level (4) Low level (3) High level (4) ITM = x IT(AV) IFM = x IF(AV) TJ = 25oC, from 0.67 VDRM, ITM = x I T(AV), I = 500mA,
g
VT(TO) Max. value of threshold
TJ = TJ max TJ = TJ max TJ = 25oC
tr < 0.5 s, tp > 6 s TJ = 25oC, anode supply = 6V, resistive load, gate open circuit TJ = 25oC, anode supply = 6V, resistive load (3) 16.7% x x IAV < I < x IAV
(1) I2t for time tx = I2t x tx (4) I > x IAV
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
2
www.irf.com
IRK.26 Series
Bulletin I27130 rev. G 10/02
Triggering
Parameters
PGM IGM Max. peak gate power
IRK. 26
10 2.5 2.5 10 4.0 2.5 1.7 270 150 80 0.25 6
Units
W A
Conditions
PG(AV) Max. average gate power Max. peak gate current gate voltage VGT Max. gate voltage required to trigger IGT Max. gate current required to trigger VGD IGD Max. gate voltage that will not trigger Max. gate current that will not trigger -VGM Max. peak negative
V
TJ = - 40C TJ = 25C TJ = 125C TJ = - 40C TJ = 25C TJ = 125C
o
Anode supply = 6V resistive load Anode supply = 6V resistive load
mA
V mA
TJ = 125 C, rated VDRM applied TJ = 125oC, rated VDRM applied
Blocking
Parameters
IRRM IDRM VINS Max. peak reverse and off-state leakage current at VRRM, VDRM RMS isolation voltage 2500 (1 min) 3500 (1 sec) dv/dt Max. critical rate of rise 500 V/s V 50 Hz, circuit to base, all terminals shorted TJ = 125oC, linear to 0.67 VDRM, 15 mA TJ = 125oC, gate open circuit
IRK. 26
Units
Conditions
(5) Available with dv/dt = 1000V/s, to complete code add S90 i.e. IRKT26/16AS90.
Thermal and Mechanical Specifications
Parameters
TJ Tstg Junction operating temperature range Storage temp. range
IRK.26
- 40 to 125 - 40 to 125
Units
Conditions
C
RthJC Max. internal thermal resistance, junction to case RthCS Typical thermal resistance case to heatsink T Mounting torque 10% to heatsink busbar wt Approximate weight Case style 0.1 5 Nm 3 110 (4) TO-240AA gr (oz) JEDEC 0.31 K/W Mounting surface flat, smooth and greased
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound
Per module, DC operation
R Conduction (per Junction)
Devices
IRK.26
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Sine half wave conduction
180o 0.23 120o 0.27 90o 0.34 60o 0.48 30o 0.73 180o 0.17
Rect. wave conduction
120o 0.28 90o 0.36 60o 0.49 30o 0.73
Units
C/W
www.irf.com
3
IRK.26 Series
Bulletin I27130 rev. G 10/02
Ordering Information Table
Device Code IRK.27 types With no auxiliary cathode
IRK
1 1 2 3 4 5 6 -
T
2
26
3
/
16
4
A
5
S90
6
Module type Circuit configuration (See Circuit Configuration table below) Current code * * Voltage code (See Voltage Ratings table) A : Gen V dv/dt code: S90 = dv/dt 1000 V/s No letter = dv/dt 500 Vs e.g. : IRKT27/16A etc. * * Available with no auxiliary cathode. To specify change: 26 to 27
Outline Table
Dimensions are in millimeters and [inches]
IRKT
(1) ~
IRKH
(1) ~
IRKL
(1) ~
IRKN
(1)
-
+ (2)
+ (2)
+ (2)
(2)
+
(3) G1 K1 (4) (5) K2 G2 (7) (6) G1 K1 (4) (5)
(3)
(3) K2 G2 (7) (6)
(3)
+
G1 K1 (4) (5)
NOTE: To order the Optional Hardware see Bulletin I27900 4 www.irf.com
IRK.26 Series
Bulletin I27130 rev. G 10/02
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
130
IRK.26.. Series R thJC (DC) = 0.62 K/W
130
IRK.26.. Series R thJC (DC) = 0.62 K/W
120
120
110
Conduction Angle
110
Conduction Period
100
30
100
30 60 90 120 180 DC 40 50
60
90
90
120
180
90
80
0
5
10
15
20
25
30
80
0
10
20
30
Average On-state Current (A)
Average On-state Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
40
180 120 90 60 30 RMS Limit
Maximum Average On-state Power Loss (W)
Maximum Average On-state Power Loss (W)
50
70 60 50 40 30 20 10 0
30
DC 180 120 90 60 30
RMS Limit
20
Conduction Angle
Conduction Period
10
IRK.26.. Series Per Junction T J = 125C 0 5 10 15 20 25 30
IRK.26.. Series Per Junction T J = 125C 0 10 20 30 40 50
0
Average On-state Current (A)
Average On-state Current (A)
Fig. 3 - On-state Power Loss Characteristics
400
400
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A)
350
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial TJ = 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave On-state Current (A)
350
300
300
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ = 125C No Voltage Reapplied Rated VRRM Reapplied
250
250
200 IRK.26.. Series Per Junction 150 1 10 100
200 IRK.26.. Series Per Junction 150 0.01 0.1 Pulse Train Duration (s) 1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
IRK.26 Series
Bulletin I27130 rev. G 10/02
100 Maximum Total On-state Power Loss (W) 90 80 70 60 50 40 30 20 10 0 0 10 20 30
Conduction Angle
180 120 90 60 30
R thSA
0 .3
0.5 W K/
0. 7 K/
K/ W
1 W K/
= 0.1
W
K /W
1.
5
K/ W
lta - De
2K /W
R
3K /W
4 K/ W
IRK.26.. Series Per Module T J = 125C 40 50
8 K/W
0 60
20
40
60
80
100
120
140
Total RMS Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - On-state Power Loss Characteristics
250
SA R th
0.2
3 0.
Maximum Total Power Loss (W)
K/ W
K .1 =0
K/
200
0. 5
W
/W
150
100
180 (Sine) 180 (Rect)
K/
K/
W
-D a el t
0.7
1K
R
W
/W
50
0
2 x IRK.26.. Series Single Phase Bridge Connected T J = 125C 0 10 20 30 40 50
1.5 K/W
3 K/W
8 K/W
0 60
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 8 - On-state Power Loss Characteristics
350
S R th
Maximum Total Power Loss (W)
300
0. 3
2 0. W K/
K/ W
A
=0 .1
250 200 150 100 50 0 3 x IRK.26.. Series Three Phase Bridge Connected TJ = 125C 0 10 20 30 40 50 60 70 120 (Rect)
W K/
0. 4
0. 5
0. 7
elt -D
K/ W
a
K/ W
K/W
R
1 K/ W
1.5 K /W
3 K/ W
0 80
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 9 - On-state Power Loss Characteristics
6
www.irf.com
IRK.26 Series
Bulletin I27130 rev. G 10/02
1000 Instantaneous On-state Current (A)
100
T J = 25C 10 T J = 125C IRK.26.. Series Per Junction 1 0 1 2 3 4 5 6 7
Instantaneous On-state Voltage (V)
Fig. 10 - On-state Voltage Drop Characteristics
Transient Thermal Impedance Z thJC (K/W) 1 Steady State Value: R thJC = 0.62 K/W (DC Operation)
0.1
IRK.26.. Series
0.01 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 11 - Thermal Impedance ZthJC Characteristics
100 Instantaneous Gate Voltage (V)
Rectangular gate pulse a)Recommended load line for rated di/dt: 20 V, 30 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 20 V, 65 ohms 10 tr = 1 s, tp >= 6 s
(1) PGM = 100 W, tp = 500 s (2) PGM = 50 W, tp = 1 ms (3) PGM = 20 W, tp = 25 ms (4) PGM = 10 W, tp = 5 ms
(a)
TJ = -40 C TJ = 25 C
(b)
TJ = 125 C
1 VGD IGD 0.1 0.001 0.01
(4) (3)
(2) (1)
IRK.26.. Series 0.1 1
Frequency Limited by PG(AV) 10 100 1000
Instantaneous Gate Current (A)
Fig. 12- Gate Characteristics
www.irf.com
7
IRK.26 Series
Bulletin I27130 rev. G 10/02
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/02
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRKT26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X