Part Number Hot Search : 
78L12 68HC9 P4SMA91A PSL22 ZVP2120G 15012 0F20Z4E 2SK19
Product Description
Full Text Search
 

To Download IRF-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF-24
Vishay Dale
Inductors
Epoxy Conformal Coated, Axial Leaded
FEATURES
* High performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000H. * Axial lead type, small lightweight design. * Special magnetic core structure contributes to high Q and self-resonant frequencies. * Treated with epoxy resin coating for humidity resistance to ensure long life. * Heat resistant adhesives.
STANDARD ELECTRICAL SPECIFICATIONS
SELFTEST RES. RATED FREQ. FREQ. DCR DC Q L&Q MIN. MAX. CURRENT MIN. (MHz) (MHz) (Ohms) (mA)
30 30 30 30 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 60 60 60 60 60 60 60 60 60 60 60 50 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 280 280 280 280 280 260 260 220 200 180 160 140 135 135 130 125 80 80 70 65 45 40 30 28 22 20 16 15 13 11 10 9.5 8.5 7.5 6.5 6.0 5.5 5.4 4.75 4.35 4.0 3.7 3.4 2.8 2.56 2.35 2.0 1.60 1.15 0.085 0.085 0.095 0.12 0.15 0.15 0.15 0.17 0.17 0.17 0.18 0.18 0.18 0.18 0.20 0.23 0.25 0.28 0.30 0.32 0.35 0.40 0.45 0.56 0.72 0.80 0.88 1.0 1.2 1.35 1.50 1.70 2.30 2.60 2.90 3.20 3.70 3.80 4.90 5.0 6.50 7.5 9.5 10.5 17.5 18.5 20.0 23.7 30.0 1400 1350 1270 1200 1150 1110 1110 1000 1000 950 900 900 815 740 700 655 630 595 575 555 530 500 470 425 370 350 335 315 285 270 255 240 205 195 185 175 165 160 150 140 130 120 100 95 90 85 75 65 60
IND. (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
TOL. 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10% 5%, 10%
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1H to 1000H. Inductance Tolerance: 10% from 0.1H to 1000H standard, 5% optional. Operating Temperature Range: - 20C to + 105C. Dielectric Strength: 250V RMS.
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds. Twist = 360C x 3. Protection: Epoxy uniform roll coated. Leads: Tinned copper.
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20C.
DIMENSIONS in inches [millimeters]
C (Max.) D (Max.) A (Max.) B (Max.)
0.98 [25.0] Min. 1.22 [31.0] Max.
MODEL IRF-24
A (Max.) 0.157 [4.0]
B (Max.) 0.118 [3.0]
C (Max.) 0.394 [10.0]
D (Max.) 0.020 [0.5]
DESCRIPTION
IRF-24 MODEL 6.8H INDUCTANCE VALUE 10% INDUCTANCE TOLERANCE ER PACKAGE CODE e2 JDEC LEAD FREE STANDARD
GLOBAL PART NUMBER
I R F 2 4 E R 6 R
INDUCTANCE VALUE
8
K
TOL.
SIZE PRODUCT FAMILY See the end of this data book for conversion tables
Document Number 34056 Revision 10-Feb-05
PACKAGE CODE
For technical questions, contact Magnetics@vishay.com
www.vishay.com 33


▲Up To Search▲   

 
Price & Availability of IRF-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X