Part Number Hot Search : 
MTC20 391KZF T74LV T74LS HT8955A PC3403C 2SK2496 2N540
Product Description
Full Text Search
 

To Download INF85116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INF85116 2048 8 -Bit CMOS EEPROM with I2-bus interface
The INF85116N is an 16-Kbits (2048 x 8-bit) floating gate Electrically Erasable Programmable Read Only Memory (EEPROM). Power consumption is low due to the full CMOS technology used. The programming voltage is generated on-chip, using a voltage multiplier. As data bytes are received and transmitted via the serial I2C-bus, a package using eight pins is sufficient. Only one INF85116N device is required to support all eight blocks of 256 x 8-bit each. FEATURES * Low power CMOS -maximum active current 1.0 mA -maximum standby current 10 A (at 5.5 V), typical 4 A * Non-volatile storage of 16-Kbits organized as eight blocks of 256x8-bits during 20 years ( at 55oC ) * Single supply (Ucc=2,7 / 5,5 V); * Automatically increased word's address * On-chip voltage multiplier * Serial input/output I2C-bus * 1000000 ERASE/WRITE cycles per byte * Internal timer for writing (no external components) * Write operations: multi byte write mode to 32 bytes * Write - protection input * Power-on-reset Temperature range: -40oC / +85oC PIN DESCRIPTION
Simbol n. c. n. c n. c Uss SDA SCL WP Ucc Pin 1 2 3 4 5 6 7 8 Description not connected not connected not connected negative supply voltage serial data input/output ( I2Cbus) serial clock input ( I2C-bus) write - protection input positive supply voltage
PIN CONFIGURATION
n. c. n. c. n. c. Uss 1 2 8 7 Ucc WP SCL SDA
INF85116N
3 4 6 5
Table 1. Quick reference data
Symbol Parameter min max Unit
1
INF85116
UDD IOL Tamb Supply voltage LOW level output current Operating ambient temperature 2.7 -40 5.5 6 +85 V m
BLOCK DIAGRAM
8 SCL 6 5 SDA VDD 7 WP
Input filter
I2C-bus control logic
VSS
Test mode register
Address comparator
Shift register
Address pointer
Sequenser
Column decoder
HV generator
Page register
Divider
EEPROM ARRAY (8x256x8)
Row dec
Power-on-reset
Oscillator
4
VSS
Table 2. Limiting values
Symbol UDD Ui Ii Io Tstg Parameter Supply voltage Input voltage on any pin /Zi/>500 Input current on any pin Output current Storage temperature min -0.3 -0.8 -65 max 6.5 6.5 1 10 +150 Unit V V m m
2
INF85116
Table 3. Characteristics
Symbol IDD(stb) ICCR ICCW Parameter Standby supply current Supply current READ Supply current E / W Conditions UDD = 2.7V UDD = 5.5V fSL=400Hz, UDD = 5.5V fSL=400Hz, UDD = 5.5V min max 6 10 1 1 Unit m m
WP input (pin 7) UIL LOW level input voltage UIH HIGH level input voltage SCL input (pin 6) UIL LOW level input voltage UIH HIGH level input voltage ILI Input leakage current fSCL Clock input frequency tsp Pulse width of spikes suppressed by filter I Input capacitance SDA input/output (pin 5) UIL LOW level input voltage UIH HIGH level input voltage UOL1 LOW level output voltage UOL2 ILO tO(F) Output leakage current Output fall time from UIHmin to UILmax Pulse width of spikes suppressed by filter Input capacitance E/W cycle time E/W cycle per byte
-0.8 0.9UDD -0.8 0.7UDD 0 0 -0.8 0.7UDD -
+0.1UDD UDD+0.8 +0.3UDD 6.5 1 400 100
V V V V kHz ns pF V V V
UI=UDD or USS
UI= USS
7 0.3UDD 6.5 0.4 0.6 1 250 250 100
IOL=3m, UDD = UDD (min) IOL=6m, UDD = UDD (min) UOH=UDD with up to 3m sink current at UOL1 with up to 6m sink current at UOL2
ns ns ns pF ms years
20+0.1 CB* 20+0.1 CB 0
tSP I tE/W NE/W
10 10 100000 amb =(-40-+85) , 1000000 amb =22 tS Data retention time amb = 55 20 - The bus capacitance ranges from 10 to 400pF ( CB = total capacitance of one bus line in pF)
UI=0V
3
INF85116
ble 4. I2C-bus characteristics
Symbol Parameter Conditions Standard mode min max 0 100 4.7 4.0 4.7 4.0 4.7 5 0 250 1000 300 Fast mode min 0 1.3 0.6 1.3 0.6 0.6 0 100 20+0. 1 Cb(2) 20+0. 1 Cb(2) 0.6 max 400 300 300 Unit
fSCL tBUF tHD, STA tLOW tHIGH tSU, STA tHD, DAT tHD, DAT tSU, DAT tR tF
Clock frequency Time the bus must be free before START condition hold time after which first clock pulse is generated LOW level clock period HIGH level clock period Set-up time for START condition Data hold time for CBUS compatible masters Data hold time for I2C - bus devices Data set-up time SDA and SCL rise time SDA and SCL fall time
repeated start note 1 -
kHz s s s s s s ns ns ns ns
tSU, STO Set-up time for STOP condition 4.0 s Notes: 1. The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be internally provided by a transmitter. 2. Cb = total capacitance of one bus line in pF.
4


▲Up To Search▲   

 
Price & Availability of INF85116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X