Part Number Hot Search : 
IRF370 NTXV2N6 C705SP7S P15N05 FDN5630 74HC540P 80000 80SYI
Product Description
Full Text Search
 

To Download HSC3417 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6618-C Issued Date : 1994.05.12 Revised Date : 2000.10.01 Page No. : 1/3
HSC3417
NPN EPITAXIAL PLANAR TRANSISTOR
Features
* High-Definition CRT Display Video Output Applications * High Breakdown Voltage: BVCEO=300V
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................... 1.2 W Total Power Dissipation (Tc=25C) ...................................................................................... 7 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage .................................................................................... 300 V BVCEO Collector to Emitter Voltage................................................................................. 300 V BVEBO Emitter to Base Voltage ........................................................................................... 5 V IC Collector Current ....................................................................................................... 100 mA
Electrical Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE fT Cob Min. 300 300 5 40 Typ. 70 2.6 Max. 100 100 600 1 320 Unit V V V nA nA mV V MHz pF Test Conditions IC=100uA IC=1mA IE=10uA VCB=200V VEB=4V IC=20mA, IB=2mA IC=20mA, IB=2mA IC=10mA, VCE=10V IC=10mA ,VCE=30V, f=100MHz VCB=30V, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Classification Of hFE
Rank Range C 40-80 D 60-120 E 100-200 F 160-320
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 100000
Spec. No. : HE6618-C Issued Date : 1994.05.12 Revised Date : 2000.10.01 Page No. : 2/3
Saturation Voltage & Collector Current
100
hFE
VCE=10 V
Saturation Voltage (mV)
10000
1000 VBE(sat) @ IC=10IB 100 VCE(sat) @ IC=10IB
10
1 0.1 1 10 100 1000 10 0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 1000
Cutoff Frequency & Collector Current
10
Cutoff Frequency (MHz)
Capacitance (pF)
100 VCE=30 V
Cob
1 0.1 1 10 100 1000
10 1 10 100
Reverse Biased Voltage (V)
Collector Current (mA)
Safe Operating Area
1000 PT=1ms PT=100ms PT=1s
Collector-IC (mA)
100
10
1 1 10 100 1000
Forward Biased Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126ML Dimension
Marking :
Spec. No. : HE6618-C Issued Date : 1994.05.12 Revised Date : 2000.10.01 Page No. : 3/3
A
B D E F 3 2 I G 1 J M L K O H
HSMC Logo Part Number Date Code
Product Series Rank
Ink Marking
C
Style : Pin 1.Emitter 2.Collector 3.Base
N
3-Lead TO-126ML Plastic Package HSMC Package Code : D *:Typical
DIM A B C D E F G H
Inches Min. Max. 0.1356 0.1457 0.0170 0.0272 0.0344 0.0444 0.0501 0.0601 0.1131 0.1231 0.0737 0.0837 0.0294 0.0494 0.0462 0.0562
Millimeters Min. Max. 3.44 3.70 0.43 0.69 0.87 1.12 1.27 1.52 2.87 3.12 1.87 2.12 0.74 1.25 1.17 1.42
DIM I J K L M N O
Inches Min. Max. *0.1795 0.0268 0.0331 0.5512 0.5906 0.2903 0.3003 0.1378 0.1478 0.1525 0.1625 0.0740 0.0842
Millimeters Min. Max. *4.56 0.68 0.84 14.00 15.00 7.37 7.62 3.50 3.75 3.87 4.12 1.88 2.14
Notes : 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220 HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSC3417

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X