Part Number Hot Search : 
GP1002 LC2272 DS240 PC517 TFS70H39 MPT4220 MPT4220 Y2832
Product Description
Full Text Search
 

To Download HMC361S8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Features
Ultra Low SSB Phase Noise: -148 dBc/Hz Wide Bandwidth Output Power: 3 dBm Single DC Supply: +5V S8G SMT Package
Typical Applications
Prescaler for DC to X Band PLL Applications: * Satellite Communication Systems * Fiber Optic
10
FREQ. DIVIDER & DETECTORS - SMT
* Pt-Pt and Pt-MPt Radios * VSAT
Functional Diagram
General Description
The HMC361S8G is a low noise Divide-by-2 Static Divider with InGaP GaAs HBT technology in an 8 lead surface mount plastic package. This device operates from DC (with a square wave input) to 10 GHz input frequency with a single +5.0V DC supply. The low additive SSB phase noise of -148 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.
Electrical Specifications, TA = +25 C, 50 Ohm System, Vcc= 5V
Parameter Maximum Input Frequency Minimum Input Frequency Input Power Range Sine Wave Input. [1] Fin = 1 to 8 GHz Fin = 8 to 10 GHz Output Power Fin = 6 GHz Fin = 10 GHz Reverse Leakage SSB Phase Noise (100 kHz offset) Output Transition Time Supply Current (Icc) Both RF Outputs Terminated Pin = 0 dBm, Fin = 6 GHz Pin = 0 dBm, Fout = 882 MHz -15 -10 0 -6 45 -148 100 83 Conditions Min. 10 Typ. 11 0.2 >-20 >-15 3 0.5 +10 +2 Max. Units GHz GHz dBm dBm dBm dBm dB dBc/Hz ps mA
1. Divider will operate down to DC for square-wave input signal.
10 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
GaAs MMIC SUB-HARMONICALLY Input Sensitivity Window17 Temperature PUMPED MIXER vs. - 25 GHz Input Sensitivity Window, T= 25 C
20 20 10 10
INPUT POWER (dBm)
0
Recommended Operating Window
INPUT POWER (dBm)
0
-10
-10
Min Pin +25 C Max Pin +25 C Min Pin +85 C Max Pin +85 C Min Pin -40 C Max Pin -40 C
10
10 11 12 13 14 15
-20
-20
-30 0 1 2 3 4 5 6 7 8 9 10 11 12 13 INPUT FREQUENCY (GHz)
-30 0 1 2 3 4 5 6 7 8 9 INPUT FREQUENCY (GHz)
Output Power vs. Temperature
10 9 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 0 1 2 3 4 5 6 7 8 9 10 INPUT FREQUENCY (GHz)
SSB Phase Noise Performance, Pin= 0 dBm, T= 25 C
0
+25 C +85 C -40 C
-20
-40 -60 -80 -100 -120 -140 -160 2 10
11
12 13
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
Output Harmonic Content, Pin= 0 dBm, T= 25 C
0
Pfeedthru
Reverse Leakage, Pin= 0 dBm, T= 25 C
0
Both Output Ports Terminated One Output Port Terminated
-10
3rd Harmonic
-10
OUTPUT LEVEL (dBm)
-20
POWER LEVEL (dBm)
-20
-30
-30
-40
-40
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 INPUT FREQUENCY (GHz)
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
10 - 9
FREQ. DIVIDERS & DETECTORS - SMT
SSB PHASE NOISE (dBc/Hz)
OUTPUT POWER (dBm)
MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Output Voltage Waveform, Pin= 0 dBm, Fout= 882 MHz, T= 25 C
500 400 300
Absolute Maximum Ratings
RF Input (Vcc = +5V) Vcc VLogic Storage Temperature Operating Temperature +13 dBm +5.5V Vcc -1.6V to Vcc -1.2V -65 to +150 C -40 to +85 C
AMPLITUDE (mV)
200 100 0 -100 -200 -300 -400 -500 22.7 22.9 23.1 23.3 23.5 23.7 23.9 24.1 24.3 24.5 24.7 TIME (nS)
10
FREQ. DIVIDER & DETECTORS - SMT
Typical Supply Current vs. Vcc
Vcc (V) 4.75 5.0 5.25 Icc (mA) 74 83 89
Note: Divider will operate over full voltage range shown above
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
10 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Pin Description
Pin Number Function Description Interface Schematic
1
OUT
Divided output 180 out of phase with pin 3.
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 11
2, 6
N/C
No connection. These pins must not be grounded.
3
OUT
Divided Output.
4
VCC
Supply voltage 5V 0.25V.
5
IN
RF Input must be DC blocked.
7
IN
RF Input 180 out of phase with pin 5 for differential operation. A/C ground for single ended operation
8
GND
Ground Backside of package has exposed metal ground slug which must be connected to ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Evaluation PCB
10
FREQ. DIVIDER & DETECTORS - SMT
List of Materials
Item J1 - J3 C1 - C4 C5 C6 U1 PCB* Description PC Mount SMA RF Connector 100 pF Capacitor, 0402 Pkg. 1000 pF Capacitor, 0603 Pkg. 10 F Tantalum Capacitor HMC361S8G Divide-by-2 104627 Eval Board
* Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and backside ground slug should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request. This evaluation board is designed for single ended input testing. J2 and J3 provide differential output signals.
10 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.1202
HMC361S8G
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Application Circuit
10
FREQ. DIVIDERS & DETECTORS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
10 - 13


▲Up To Search▲   

 
Price & Availability of HMC361S8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X