Part Number Hot Search : 
2W04MG L7805CT STV8206 ON1085 LBS14059 ICROS XS36D3 MECL21
Product Description
Full Text Search
 

To Download FR107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FR101- FR107
1A 1A FAST RECOVERY DIODES
Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
FR101 FR102 FR103 FR104 FR105 FR105P FR106 FR107 FR107P
50 100 200 400 600 600 800 1000 1000
1.0
75
30
5.0
1.0
1.3
150 150 150 150 250 150 500 500 250
DO - 41
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
16A-1/2
LESHAN RADIO COMPANY, LTD.
FR101-FR107P RATING & CHARACTERISTIC CURVES OF FAST RECOVERY DIODES
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
1.0 .8 .6 .4 .2 0 0 50 100 150 175 Single Phase Half Wave 60Hz Resistive or Inductive Load
+0.5A
Trr
(+) 25Vdc (APPROX) (-)
1
NON. INDUCTIVE
OSCILLOSCOPE (NOTE 1)
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 50/100ns/cm
1cm
AMBIENT TEMPER ATURE, (C)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
20 10
INSTANTANEOUS REVERSE CURRENT (A) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
1.0
TJ =25C 1.0
TJ =25C .1
0.1
Pulse Width=300s 1% Duty Cycle .01 .4 .6 .8 1.0 1.2 1.4 1.6 1.8
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50 8.3ms Single Half Sine-Wave (JEDEC Method)
PEAK FORWARD SURGE CURRENT,(A)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
200 100 60
JUNCTION CAPACITANCE,(pF)
40
40 20 10 6 4 2 TJ =25C
30
20
10
0 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz
1 .1 .2 .4 1.0 2 4 10 20 40 100
REVERSE VOLTAGE,(V)
16A-2/2


▲Up To Search▲   

 
Price & Availability of FR107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X