![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FORMOSA MICROSEMI CO., LTD. Formosa MS Spec. No. : FMSC003 Issued Date : 2002/12/25 Revised Date : Page No. : 1/3 FMBT3904 NPN EPITAXIAL PLANAR TRANSISTOR Description The FMBT3904 is designed for general purpose switching amplifier applications. Absolute Maximum Ratings SOT-23 ? Maximum Temperatures Storage Temperature ....................................................................................................... -65 ~ +150 ?C Junction Temperature ................................................................................................................ +150 ?C ? Maximum Power Dissipation Total Power Dissipation (Ta=25?C)......................................................................................... 225 mW ? Maximum Voltages and Currents (Ta=25?C) VCBO Collector to Base Voltage .................................................................................................... 60 V VCEO Collector to Emitter Voltage ................................................................................................ 40 V VEBO Emitter to Base Voltage ......................................................................................................... 6 V IC Collector Current .................................................................................................................... 200 mA Characteristics (Ta=25?C) Symbol BVCBO BVCEO BVEBO ICEX *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 *hFE4 *hFE5 fT Cob Min. 60 40 6 650 40 70 100 60 30 300 Typ. Max. 50 200 300 850 950 300 4 Unit V V V nA mV mV mV mV Test Conditions IC=10uA IC=1mA IC=10uA VCE=30V, VBE=-3V IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=1V, IC=0.1mA VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=50mA VCE=1V, IC=100mA VCE=20V, IC=10mA, f=100MHz VCB=5V, f=1MHz *Pulse Test: Pulse Width ?380us, Duty Cycle? 2% MHz pF FMBT3904 FORMOSA MS Product Specification FORMOSA MICROSEMI CO., LTD. Formosa MS Spec. No. : FMSC003 Issued Date : 2002/12/25 Revised Date : Page No. : 2/3 Characteristics Curve Current Gain & Collector Current 1000 1000 Saturation Voltage & Collector Current 125 oC Sa turation V oltage (mV) 125 C 75oC 100 25 C o o 25 C o hFE 100 75 C o hFE @ VCE =1V VCE(sat) @ IC=10IB 10 1 10 100 1000 C Collector Current-I (mA) 10 1 10 100 1000 Collector Current-IC (mA) Saturation Voltage & Collector Current 10000 VBE(sat) @ IC=10I B 10 Capacitance & Reverse-Biased Voltage S aturation Voltage (mV) 75 C 1000 25oC o Capacitan ce (pF) Cob 1 125 C o 100 1 10 100 1000 0.1 0.1 1 10 100 Collector Current-IC (mA) Reverse Biased Voltage (V) Cutoff Frequency & Collector Current 1000 10000 1000 Safe Operating Area Cu toff Frequency (MHz) ... PT=1ms Col lector Current-IC (mA ) VCE=20V 100 PT=100ms 10 PT=1s 100 1 0.1 0.01 0.001 0.1 1 10 100 1 10 100 10 Collector Current (mA) Forward Biased Voltage-VCE (V) FMBT3904 FORMOSA MS Product Specification FORMOSA MICROSEMI CO., LTD. Formosa MS Spec. No. : FMSC003 Issued Date : 2002/12/25 Revised Date : Page No. : 3/3 SOT-23 Dimension Marking: A L 1A 3 BS 1 V G 2 Rank Code Control Code 3-Lead SOT Plastic -23 Surface Mounted Package C Style: Pin 1.Base 2.Emitter 3.Collector D H K J *: Typical DIM A B C D G H Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040 Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10 DIM J K L S V Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256 Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65 Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material: ? Lead: 42 Alloy; solder plating ? Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: ? ? ? ? All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. FORMOSA MS reserves the right to make changes to its products without notice. FORMOSA MS semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. FORMOSA MS assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: ? Head Office & Factory (TAIPEI): 4F.,No.21, Lane 126, Sec. 3, Chung-Yang. Rd. Tu-Cheng, Taipei County, Taiwan R.O.C. Tel: 886-2-2269-6661 Fax: 886-2-2269-6141 FMBT3904 FORMOSA MS Product Specification |
Price & Availability of FMBT3904
![]() |