Part Number Hot Search : 
VCH162 200100 BT139F 0603A APC08 T240L FMMV2109 2V360A
Product Description
Full Text Search
 

To Download FM430M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM420M THRU FM440M
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 4.0 Ampere
FEATURES
* * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram
VF OW L
DO-214AB
0.125 (3.17) 0.115 (2.92) 0.280 (7.11) 0.260 (6.60)
0.245 (6.22) 0.220 (5.59)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.103 (2.62) 0.079 (2.06) 0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1, 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA R J L TJ TSTG FM420M 20 14 20 FM430M 30 21 30 4.0 150 50 14 -65 to + 125 -65 to + 150 FM440M 40 28 40 UNITS Volts Volts Volts Amps Amps
0 0
C/ W C/ W
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 4.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FM420M 0.42 1.0 10 FM430M FM440M 0.44 UNITS Volts mAmps mAmps 2002-7
NOTES : 1. Thermal Resistance (Junction to Ambient). 2. P.C.B Monuted with 0.2X0.2" (5.0X5.0mm 2) copper pad area.
Mounting Pad Layout
0.185 MAX. (4.69 MAX.)
0.121 MIN. (3.07 MIN.)
0.060 MIN. (1.52 MIN.) 0.320 REF
Dimensions in inches and (millimeters)
RECTRON


▲Up To Search▲   

 
Price & Availability of FM430M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X