Part Number Hot Search : 
7808C FSU01 MC5610 7705AC KSC3502 ARJ20A4H CED4531 ML2502
Product Description
Full Text Search
 

To Download CY62167DV18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY62167DV18 MoBL2TM
16M (1024K x 16) Static RAM
Features
* Very high speed: 55 ns and 70 ns * Voltage range: 1.65V to 1.95V * Ultra-low active power -- Typical active current: 1.5 mA @ f = 1 MHz -- Typical active current: 15 mA @ f = fMAX * Ultra-low standby power * Easy memory expansion with CE1, CE2 and OE
features
toggling. The device can be put into standby mode reducing power consumption by more than 99% when deselected Chip Enable 1 (CE1) HIGH or Chip Enable 2 (CE2) LOW or both BHE and BLE are HIGH. The input/output pins (I/O0 through I/O15) are placed in a high-impedance state when: deselected Chip Enable 1 (CE1) HIGH or Chip Enable 2 (CE2) LOW, outputs are disabled (OE HIGH), both Byte High Enable and Byte Low Enable are disabled (BHE, BLE HIGH) or during a write operation (Chip Enable 1 (CE1) LOW and Chip Enable 2 (CE2) HIGH and WE LOW). Writing to the device is accomplished by taking Chip Enable 1 (CE1) LOW and Chip Enable 2 (CE2) HIGH and Write Enable (WE) input LOW. If Byte Low Enable (BLE) is LOW, then das pins (A0 through A19). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the ad Reading from the device is accomplished by taking Chip Enable 1 (CE1) LOW and Chip Enable 2 (CE2) HIGH and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (<>O7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O8 to I/O15. See the truth table at the back of this data sheet for a complete description of read and write modes.
* Automatic power-down when deselected * CMOS for optimum speed/power * Packages offered in a 48-ball FBGA
Functional Description[1]
The CY62167DV18 is a high-performance CMOS static RAM organized as 1024K words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery Life (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power-down feature that significantly reduces power consumption by 99% when addresses are not
Logic Block Diagram
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
DATA IN DRIVERS
ROW DECODER
1024K x 16 RAM ARRAY 2048 x 512 x 16
SENSE AMPS
I/O0 -I/O7 I/O8 -I/O15
COLUMN DECODER
A11 A12 A13 A14 A15 A16 A17 A18 A19
BHE WE OE BLE
CE2 CE1
Power-down Circuit
BHE BLE
CE2 CE1
Note: 1. For best practice recommendations, please refer to the Cypress application note "System Design Guidelines" on http://www.cypress.com.
Cypress Semiconductor Corporation Document #: 38-05326 Rev. *A
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised February 10, 2003
PRELIMINARY
Pin Configuration[2]
FBGA
Top View 1 BLE I/O 8 I/O 9 VSS VCC I/O 14 I/O 15 A18 2 OE BH E I/O 10 I/O 11 3 A0 A3 A5 A17 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 C1 E I/O 1 I/O 3 I/O 4 I/O 5 WE A11 6 C2 E I/O 0 I/O 2 Vcc Vss I/O 6 I/O 7 DNU A B C D E F G H
CY62167DV18 MoBL2TM
I/O DNU 12 I/O 13 A19 A8 A14 A 12 A9
Note: 2. DNU pins are to be connected to VSS or left open.
Document #: 38-05326 Rev. *A
Page 2 of 11
PRELIMINARY
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .................................-65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential .......................................... -0.2V to VCCMAX + 0.2V DC Voltage Applied to Outputs in High-Z State[3] ....................................-0.2V to VCC + 0.2V
CY62167DV18 MoBL2TM
DC Input Voltage[3] ................................ -0.2V to VCC + 0.2V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage.......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current..................................................... > 200 mA
Operating Range
Range Industrial Ambient Temperature (TA) -40C to +85C VCC[4] 1.65V to 1.95V
Product Portfolio
Power Dissipation Operating, Icc (mA) VCC Range(V) Product CY62167DV18L CY62167DV18LL Min. 1.65 1.65 Typ. 1.8 1.8 Max. 1.95 1.95 Speed (ns) 55 70 55 70 1.5 5 f = 1 MHz Typ. 1.5 Max. 5 15 12 15 12 f = fMAX Typ. Max. 30 25 30 25 Standby, ISB2 (A) Typ. 2.5 2.5 2.5 2.5 Max. 30 30 20 20
DC Electrical Characteristics (over the operating range)
CY62167DV18-55 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current GND < VI < VCC Output Leakage Current GND < VO < VCC, Output Disabled Vcc = 1.95V, IOUT = 0mA, CMOS level Test Conditions IOH = -0.1 mA IOL = 0.1 mA VCC = 1.65V VCC = 1.65V 1.4 -0.2 -1 -1 15 1.5 2.5 2.5 Min. 1.4 0.2 VCC + 0.2 0.4 +1 +1 30 5 30 20 1.4 -0.2 -1 -1 12 1.5 2.5 2.5 Typ. Max. CY62167DV18-70 Min. 1.4 0.2 VCC + 0.2 0.4 +1 +1 25 5 30 20 A Typ. Max. Unit V V V V A A mA
VCC Operating Supply f = fMAX = 1/tRC Current f = 1 MHz Automatic CE Power-down Current - CMOS Inputs
ISB1
CE1 > VCC - 0.2V, CE2 < L 0.2V, VIN > VCC - 0.2V, LL VIN < 0.2V, f = fMAX (Address and Data Only), f = 0 (OE, WE, BHE and BLE) CE1 > VCC - 0.2V, CE2 < L 0.2V, VIN > VCC - 0.2V or LL VIN < 0.2V, f = 0, VCC=1.95V
ISB2
Automatic CE Power-down Current - CMOS Inputs
2.5 2.5
30 20
2.5 2.5
30 20
A
Capacitance[5]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz VCC = VCC(typ) Max. 6 8 Unit pF pF
Document #: 38-05326 Rev. *A
Page 3 of 11
PRELIMINARY
Capacitance[5]
Parameter Description Test Conditions
CY62167DV18 MoBL2TM
Max. Unit
Notes: 3. VIL(min.) = -2.0V for pulse durations less than 20 ns. 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C. 5. Tested initially and after any design or proces changes that may affect these parameters.
Thermal Resistance
Parameter JA JC Description Thermal Resistance (Junction to Ambient)[5] Thermal Resistance (Junction to Case)[5] Test Conditions Still Air, soldered on a 3 x 4.5 inch, two-layer printed circuit board BGA 55 16 Unit C/W C/W
AC Test Loads and Waveforms
R1 VCC UTPUT GND CL = 30 pF INCLUDING JIG AND SCOPE Equivalent to: OUTPUT
Parameters R1 R2 R TH VT H
ALL INPUT PULSES VCC Typ 10% R2 Rise Time: 1 V/ns Fall Time: 1 V/ns 90% 90% 10%
THEVENIN EQUIVALENT
RTH
V
UNIT V
1.8V 1350 0 1080 0 6000 0.80
Data Retention Characteristics
Parameter VDR ICCDR tCDR[5] tR[6] Description VCC for Data Retention Data Retention Current VCC=1.0V, CE1 > VCC - 0.2V, CE2 < 0.2V, VIN > VCC - 0.2V or VIN < 0.2V L LL 0 tRC Conditions Min. 1.0 Typ. Max. 1.95 15 10 ns ns Unit V A
Chip Deselect to Data Retention Time Operation Recovery Time
Document #: 38-05326 Rev. *A
Page 4 of 11
PRELIMINARY
Data Retention Waveform[7]
DATA RETENTION MODE VDR > 1.0V VCC(min.) tR
CY62167DV18 MoBL2TM
VCC CE1 or BHE . BLE or CE2
VCC(min.) tCDR
Notes: 6. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 s or stable at VCC(min.) > 100 s. 7. 7. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
Switching Characteristics (over the operating range)[8]
CY62167DV18-55 Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE[10] tHZBE Write Cycle[12] tWC tSCE tAW tHA tSA tPWE tBW tSD tHD tHZWE tLZWE Write Cycle Time CE1 LOW or CE2 HIGH to Write End Address Set-up to Write End Address Hold from Write End Address Set-up to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Set-up to Write End Data Hold from Write End WE LOW to High Z[9, 11] 10 WE HIGH to Low Z[9] 55 40 40 0 0 40 45 25 0 20 10 70 60 60 0 0 45 60 30 0 25 ns ns ns ns ns ns ns ns ns ns ns Read Cycle Time Address to Data Valid Data Hold from Address Change CE1 LOW or CE2 HIGH to Data Valid OE LOW to Data Valid OE LOW to Low Z[9] Z[9, 11] 10 20 0 55 55 5 20 5 25 0 70 70 5 20 10 25 OE HIGH to High 10 55 25 5 25 55 55 10 70 35 70 70 ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description Min. Max. CY62167DV18-70 Min. Max. Unit
CE1 LOW or CE2 HIGH to Low Z[9] CE1 HIGH or CE2 LOW to High Z[9, 11] CE1 LOW or CE2 HIGH to Power-up CE1 HIGH or CE2 LOW to Power-down BLE/BHE LOW to Data Valid BLE/BHE LOW to Low Z[9] BLE/BHE HIGH to High-Z[9, 11]
Document #: 38-05326 Rev. *A
Page 5 of 11
PRELIMINARY
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[13, 14]
tRC ADDRESS tAA tOHA ATA OUT PREVIOUS DATA VALID
CY62167DV18 MoBL2TM
DATA VALID
Notes: 8. Test conditions assume signal transition time of 3 ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of the specified IOL 9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 10. If both byte enables are toggled together, this value is 10 ns. 11. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state. 12. The internal Write time of the memory is defined by the overlap of WE, CE1 = VIL, BHE and/or BLE = VIL. 13. Device is continuously selected. OE, CE1 = VIL, BHE and/or BLE = VIL, CE2 14. WE is HIGH for Read cycle.
Read Cycle No. 2 (OE Controlled)[14, 15]
ADDRESS t RC
CE 1
t PD t HZCE tACE
CE2
BHE /BLE
t DBE t LZBE
OE
t HZBE
t DOE DATA OUT VCC SUPPLY CURRENT tLZOE HIGH IMPEDANCE t LZCE tPU 50% DATA VALID
t HZOE HIGH IMPEDANCE I CC I SB
50%
Document #: 38-05326 Rev. *A
Page 6 of 11
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 1 (WE Controlled)[12, 16, 17, 18]
t WC ADDRESS tSCE CE1 CE2 tAW t SA WE t PWE t HA
CY62167DV18 MoBL2TM
BHE /BLE
tBW
OE tSD ATA I/O
DON'T CARE
t HD
DATA VALID IN t HZOE
Note: 15. Address valid prior to or coincident with CE1, BHE, BLE transition LOW and CE2 transition HIGH.
Write Cycle No. 2 (CE1 or CE2 Controlled)[12, 16, 17, 18]
t WC ADDRESS t SCE CE 1
CE 2
t SA
t AW t PWE
t HA
WE
BHE /BLE
t BW
OE t SD DATA I/O
DON'T CARE
t HD
DATA IN VALID t HZOE
Document #: 38-05326 Rev. *A
Page 7 of 11
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, OE LOW)[17, 18]
tWC ADDRESS tSCE CE1
CY62167DV18 MoBL2TM
CE2 tAW tSA WE tSD DATA I/O
DON'T CARE
tHA tPWE
tHD
DATAIN VALID tHZWE tLZWE
Write Cycle No. 4 (BHE/BLE Controlled, OE LOW)[17]
t WC ADDRESS
CE 1 CE 2 t SCE t AW t BW BHE /BLE t SA WE t PWE t SD DATA I/O
DON'T CARE
t HA
t HD
DATAIN VALID
Notes: 16. Data I/O is high-impedance if OE = VIH. 17. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in a high-impedance state. 18. During the DON'T CARE period in the DATA I/O waveform, the I/Os are in output state and input signals should not be applied.
Document #: 38-05326 Rev. *A
Page 8 of 11
PRELIMINARY
Truth Table
CE 1 H X X L L L L L L L L L CE 2 X L X H H H H H H H H H WE X X X H H H H H H L L L OE X X X L L L H H H X X X BHE X X H L H L L H L L H L BLE X X H L L H H L L L L H Input / Outputs High Z High Z High Z Data Out I/O0- I/O15) ( Data Out I/O0- I/O7); ( High Z (I/O8- I/O15) High Z (I/O0- I/O7); Data Out I/O8- I/O15) ( High Z High Z High Z Data In (I/O0- I/O15) Data In (I/O0- I/O7); High Z (I/O8- I/O15) High Z (I/O0- I/O7); Data In (I/O8- I/O15) Mode
CY62167DV18 MoBL2TM
Power Standby(I SB ) Standby(I SB ) Standby(I SB ) Active CC) (I Active CC) (I Active CC) (I Active CC) (I Active CC) (I Active CC) (I Active CC) (I Active CC) (I Active CC) (I
Deselect/Power-down Deselect/Power-down Deselect/Power-down Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write
Document #: 38-05326 Rev. *A
Page 9 of 11
PRELIMINARY
Ordering Information
Speed (ns) 55 70 Ordering Code CY62167DV18L-55**I CY62167DV18LL-55**I CY62167DV18L-70**I CY62167DV18LL-70**I Package Name TBD TBD TBD TBD Package Type
CY62167DV18 MoBL2TM
Operating Range Industrial Industrial
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm) 48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm) 48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm) 48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
Package Diagram
48-lead VFBGA (8 x 9.5 x 1 mm) BV48B
51-85178-**
MoBL is a registered trademark, and MoBL2 and More Battery Life are trademarks of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-05326 Rev. *A
Page 10 of 11
(c) Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
PRELIMINARY
Document History Page
Document Title: CY62167DV18MoBL2TM 16M (1024K x 16) Static RAM Document Number: 38-05326 REV. ** *A ECN NO. 118406 123690 Issue Date 09/30/02 02/11/03 Orig. of Change GUG DPM New Data Sheet Changed Advance to Preliminary Added package diagram Description of Change
CY62167DV18 MoBL2TM
Document #: 38-05326 Rev. *A
Page 11 of 11


▲Up To Search▲   

 
Price & Availability of CY62167DV18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X