Part Number Hot Search : 
MKW2622 01700 BR310 EG01GE 1415924 MLL5921D 28AT3 TE4935
Product Description
Full Text Search
 

To Download CM300E3U-12H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI IGBT MODULES
CM300E3U-12H
HIGH POWER SWITCHING USE INSULATED TYPE
TC Measured Point
A D F S (4 - Mounting Holes)
H B E T CM
3 - M6 Nuts
Q
Q
P
N
G
K
K
K
R M
C
L
Description: Mitsubishi IGBT Modules are designed for use in switching applications. Each module consists of one IGBT having a reverse-connected super-fast recovery free-wheel diode and an anode-collector connected super-fast recovery freewheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode High Frequency Operation Isolated Baseplate for Easy Heat Sinking Application: Brake
E2 G2
C2E1
E2
C1
Outline Drawing and Circuit Diagram
Dimensions A B C D E F G H K
Inches 4.25 2.44
Millimeters 108.0 62.0
Dimensions K L M N P Q R S T
Inches 0.71 0.87 0.33 0.10 0.85 0.98 0.11 0.25 Dia. 0.6
Millimeters 18.0 22.0 8.5 2.5 21.5 25.0 2.8 6.5 Dia. 15.15 Type CM
1.14 +0.04/-0.02 29 +1.0/-0.5 3.660.01 1.880.01 0.87 0.16 0.24 0.71 93.00.25 48.00.25 22.0 4.0 6.0 18.0
Ordering Information: Example: Select the complete module number you desire from the table - i.e. CM300E3U-12H is a 600V (VCES), 300 Ampere IGBT Module.
Current Rating Amperes 300 VCES Volts (x 50) 12
Sep.1998
MITSUBISHI IGBT MODULES
CM300E3U-12H
HIGH POWER SWITCHING USE INSULATED TYPE Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage (C-E SHORT) Collector Current (Tc = 25C) Peak Collector Current (Tj 150C) Emitter Current** (Tc = 25C) Peak Emitter Current** Maximum Collector Dissipation (Tc = 25C, Tj 150C) Mounting Torque, M6 Main Terminal Mounting Torque, M6 Mounting Weight Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg VCES VGES IC ICM IE IEM Pc - - - Viso CM300E3U-12H -40 to 150 -40 to 125 600 20 300 600* 300 600* 890 3.5~4.5 3.5~4.5 400 2500 Units C C Volts Volts Amperes Amperes Amperes Amperes Watts N*m N*m Grams Vrms
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Voltage Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VEC VFM Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 30mA, VCE = 10V IC = 300A, VGE = 15V, Tj = 25C IC = 300A, VGE = 15V, Tj = 125C Total Gate Charge Emitter-Collector Voltage** Emitter-Collector Voltage VCC = 300V, IC = 300A, VGE = 15V IE = 300A, VGE = 0V IF = 300A, Clamp Diode Part Min. - - 4.5 - - - - - Typ. - - 6 2.4 2.6 600 - - Max. 1 0.5 7.5 3.0 - - 2.6 2.6 Units mA A Volts Volts Volts nC Volts Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switch Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr trr Qrr VCC = 300V, IC = 300A, VGE1 = VGE2 = 15V, RG = 2.1, Resistive Load Switching Operation IE = 300A, diE/dt = -600A/s IE = 300A, diE/dt = -600A/s IF = 300A, Clamp Diode Part diF/dt = -600A/s VCE = 10V, VGE = 0V Test Conditions Min. - - - - - - - - - - - Typ. - - - - - - - - 0.72 - 0.72 Max. 26.4 14.4 4 250 600 350 300 160 - 160 - Units nF nF nF ns ns ns ns ns C ns C
Diode Reverse Recovery Time** Diode Reverse Recovery Charge** Diode Reverse Recovery Time Diode Reverse Recovery Charge
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Sep.1998
MITSUBISHI IGBT MODULES
CM300E3U-12H
HIGH POWER SWITCHING USE INSULATED TYPE Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)D Rth(j-c) Rth(c-f) Test Conditions Per IGBT Per FWDi Clamp Diode Part Per Module, Thermal Grease Applied Min. - - - - Typ. - - - 0.020 Max. 0.14 0.24 0.24 - Units C/W C/W C/W C/W
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
600
COLLECTOR CURRENT, IC, (AMPERES)
500 400 300 200 100 0
VGE = 20V
15
500 400 300 200 100 0
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
Tj = 25oC
14
600
COLLECTOR CURRENT, IC, (AMPERES)
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
13
4 3 2 1
12
11
10 9 8
0 0 4 8 12 16 20 0 100 200 300 400 500 600
GATE-EMITTER VOLTAGE, VGE, (VOLTS) COLLECTOR-CURRENT, IC, (AMPERES)
0
2
4
6
8
10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C
102
Tj = 25C
CAPACITANCE, Cies, Coes, Cres, (nF)
VGE = 0V
8 6 4 2
IC = 600A
EMITTER CURRENT, IE, (AMPERES)
Cies
101
IC = 300A
102
Coes
100
Cres
IC = 120A
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0.6
1.0
1.4
1.8
2.2
2.6
3.0
10-1 10-1
100
101
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
Sep.1998
MITSUBISHI IGBT MODULES
CM300E3U-12H
HIGH POWER SWITCHING USE INSULATED TYPE
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL) di/dt = -600A/sec Tj = 25C
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
tf
SWITCHING TIME, (ns) REVERSE RECOVERY TIME, trr, (ns)
103
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
IC = 300A
15
VCC = 200V VCC = 300V
td(off) td(on)
Irr
102
tr VCC = 300V VGE = 15V RG = 2.1 Tj = 125C
102
trr
101
10
5
101 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
101 101
102
EMITTER CURRENT, IE, (AMPERES)
100 103
0 0 200 400 600 800
GATE CHARGE, QG, (nC)
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
10-2
10-1
100
101
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
10-3 101
10-2
10-1
100
101
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.14C/W
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.24C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
Sep.1998


▲Up To Search▲   

 
Price & Availability of CM300E3U-12H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X