Part Number Hot Search : 
MC707LP AP9575GH H74C1 0200CT ADM00308 EDZ10B KS1453 SMA592
Product Description
Full Text Search
 

To Download CLM4302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Power, 400MHz High Speed Buffer
CORPORATION
CLM4102 / CLM4302
FEATURES GENERAL DESCRIPTION The CLM4102 product family is a low power, wide bandwidth buffer amplifier. The 4102 family delivers a -3dB bandwidth of 400MHz, 200mA, and 11000V/s while only drawing 5mA of supply current. The CLM4102 family operates over a wide supply voltage range of 3V to 18V. This product is an excellent choice for coaxial cable drivers, A/D converter input buffers and fast op-amp current boosters, in applications for video, test and medical systems and military designs. ORDERING INFORMATION Part CLM4102M CLM4102N CLM4302M CLM4302N Package SOIC 20-Lead Plastic Dip 8-Lead SOIC 20-Lead Plastic Dip 8-Lead Temperature Range -40oC to +85oC -40oC to +85oC -25oC to +85oC -25oC to +85oC
* Improved Replacement for EL2002 * Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11000V/s * Wide Bandwidth.. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. . 400MHz 150mA * Output Current . * Wide Supply Voltage . . . . . . . . . . . . . . . . . . . 3V to 18V * Supply Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA * Short Circuit Product * Low Bias Current
Booster * Op AmpCable Driver * Coaxial * A/D Input Buffer * Isolation Buffer
APPLICATIONS
CONNECTION DIAGRAMS
PLASTIC SOIC
NC 1 2
3
20 19
18
NC NC
NC
PLASTIC DIP
+V
+V INPUT
NC
1 2
3
8 +1 7
6
NC OUTPUT
NC
NC
INPUT NC NC
NC
4 5 +1 6
7
17 16 15
14
OUTPUT NC NC
NC
-V
4
5
NC
TOP VIEW
-V NC NC
8 9 10
13 12 11
NC NC NC
TOP VIEW
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
CLM4102 / CLM4302
CORPORATION
ABSOLUTE MAXIMUM RATINGS (Note 1) Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Vsupply Storage Temperature Range . . . . . . . . . . . . -65oC to +150oC Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . 260oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . (Note 4) ESD Tolerance (Note 3). . . . . . . . . . . . . . . . . . . . . . . 2000V Thermal Resistance (JA) N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95oC/W M Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95oC/W Thermal Resistance (JC) N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50oC/W M Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50oC/W Maximum Junction Temperature . . . . . . . . . . . . . . . . . . 150oC
DC ELECTRICAL CHARACTERISTICS The following specifications apply for Supply Voltage = 15V, VCM = 0, RL 100K and RS = 50 unless otherwise noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25oC.
CLM4102 SYMBOL CHARACTERISTICS TYP Limit (Note 5) 0.96 0.96 0.90 0.90 0.85 0.85 15 20 8 10 .2 CLM4302 Limit (Note 5) 0.95 0.95 0.90 0.90 0.85 0.85 30 40 12 .2 mV Max A Max M pF 7 7.5 10 100 10 7.5 10 100 Max mA Max V Min mA RL = 100, VIN = 2V RL = RL = 100, VIN = 12V VIN = 12V V/V Min UNITS CONDITIONS
AV1
Voltage Gain 1
0.99
RL = , VIN = 12V RL = 100, VIN = 10V RL = 100, VIN = 3V, VS = 5V RL = RL = RL = 100
AV2
Voltage Gain 2
0.95
AV3
Voltage Gain 3
0.92
VOS
Offset Voltage
10
IB RIN CIN RO IS VO IOUT
Input Bias Current Input Resistance Input Capacitance Output Resistance Supply Current Output Swing Output Current
1 0.5 3.5 3 5 10 200
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
CLM4102 / CLM4302
CORPORATION
AC ELECTRICAL CHARACTERISTICS The following specifications apply for Supply Voltage = 15V, VCM = 0, RL 100K and RS = 50 unless otherwise noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25oC.
CLM4102 SYMBOL CHARACTERISTICS TYP Limit (Note 5) SR1 SSBW PBW t r, t f t pd Slew Rate 1 Small Signal Bandwidth Power Bandwidth Rise Time Fall Time Propagation Delay Time 11000 400 100 1.2 2.0 1.7 1.7 ns ns 8000 200 Limit (Note 5) 6000 200 MHz V/s VIN = 10V, RL = 100 (Note 2) VIN = 100mVPP, RL = 100 CL 10pF VIN = 4V, RL = 100 CL 10pF RL = 100, CL 10pF VIN = 0.5V RL = 100, CL 10pF VIN = 0.5V CLM4302 UNITS CONDITIONS
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its rated operating conditions. Note 2: Slew rate is measured with 50 source impedance at 25oC. Slew rate is measured between VO = +5V and -5V. Note 3: The test circuit consists of the human body model of 120pF in series with 1500. Note 4: The maximum power dissipation is a function of T J(max), JA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (T J(max) - TA)/JA. Note 5: Limits are guaranteed by testing, correlation or periodic characterization.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
CLM4102 / CLM4302
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
SLEW RATE vs LOAD CAPACITANCE
10000
PHASE SHIFT (DEGREES)
PHASE SHIFT vs FREQUENCY FOR VARIOUS CAPACITIVE LOADS
0 CL = 0pF
8000
SLEW RATE (V/s)
-20
+SR 6000 -SR 4000 2000 RL = 100 VS = 15V TA = 25C 0 1 10
CL = 50pF CL = 200pF
-40
-60 RL = 100 -80 TA = 25C VO = 100mV VS = 15V -100 1 10
100
1000
100
1000
LOAD CAPACITANCE (PF)
FREQUENCY (MHz)
VOLTAGE GAIN vs FREQUENCY FOR VARIOUS RESISTIVE LOADS
10 RL = 2K
VOLTAGE GAIN (dB)
-3dB BANDWIDTH vs SUPPLY VOLTAGE
280 TA = 25C RL = 100
5
-3dB BANDWIDTH (MHz)
270
0 RL = 500 -5 CL = 2pF TA = 25C -10 VO = 100mV VS = 15V -15 1 10 RL = 100
260
250
240
230 100 1000 0 5 10 15 20 SUPPLY VOLTAGE (VOLTS)
FREQUENCY (MHz)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
CLM4102 / CLM4302
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SUPPLY CURRENT vs SUPPLY VOLTAGE
10 25000
SLEW RATE vs SUPPLY VOLTAGE
VS = 15V TA = 25C
SUPPLY CURRENT (mA)
8
TA = 25C
SLEW RATE (V/s)
20000 R = 100 L 15000
6
4
10000
2
5000
0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (VOLTS)
0 5 10 15 20 SUPPLY VOLTAGE (VOLTS)
VOLTAGE GAIN vs FREQUENCY FOR VARIOUS CAPACITIVE LOADS, RL = 100
RL = 100 TA = 25C VO = 100mV VS = 15V 0 CL = 50pF -5 CL = 200pF -10 CL = 470pF -15 1 10 100 1000 FREQUENCY (MHz)
VOLTAGE GAIN (dB)
CL = 0pF
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


▲Up To Search▲   

 
Price & Availability of CLM4302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X