Part Number Hot Search : 
A5800966 106M1G NTE3142 S3C2440 MC33394 307C1518 KP200A VRF157
Product Description
Full Text Search
 

To Download CD240650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CN24_ _50, CD24_ _50, CC24_ _50
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Dual Diode Modules
50 Amperes/600-1200 Volts
H
A B J J
G H N - DIA. R - M4 THD (3 TYP.) Q J (3 TYP.) M L (2 TYP.)
C
Description: Powerex Fast Recovery Dual Diode Modules are designed for use in applications requiring fast switching. The modules are isolated for easy mounting with other components on common heatsinks. Features: Isolated Mounting
F
D Q
K
E P
CN24_ _50, CD24_ _50, CC24_ _50 Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
Planar Chips Applications: Free Wheeling Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CN241250 is a 1200 Volt, 50 Ampere Fast Recovery Common AnodeDiode Module.
Type CN24 CD24 Voltage Volts (x100) 06 12 Current Rating Amperes (50) 50
CN--Common Anode Diode Module CD--Common Diode Module CC--Common Cathode Diode Module
Outline Drawing
Dimension A B C D E F G H J K L M N P Q R
Inches 2.106 1.7050.008 1.437 1.299 0.925 0.866 0.551 0.354 0.315 0.276 0.236 R 0.209 0.209 Dia. 0.177 0.138 M4 Metric
Millimeters 53.5 43.30.2 36.5 33 23.5 22 14 9 8 7 R6 5.3 Dia. 5.3 4.5 3.5 M4
D-29
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _50, CD24_ _50, CC24_ _50 Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
Absolute Maximum Ratings
CN240650 CD240650 CC240650 600 720 480 50 1000 910 4165 -40 to 125 -40 to 150 17 12 90 2500 CN241250 CD241250 CC241250 1200 1350 960 50 1000 910 4165 -40 to 125 -40 to 150 17 12 90 2500
Characteristics Peak Reverse Blocking Voltage Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms DC Reverse Blocking Voltage DC Output Current, TC = 105C Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz) Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz) I2t (for Fusing), 8.3 milliseconds Storage Temperature Operating Temperature Maximum Mounting Torque M5 Mounting Screw Maximum Mounting Torque M4 Terminal Screw Module Weight (Typical) V Isolation
Symbol VRRM VRSM VR(DC) IF(DC) IFSM IFSM I2t TSTG Tj -- -- -- VRMS
Units Volts Volts Volts Amperes Amperes Amperes A2sec C C in.-lb. in.-lb. Grams Volts
D-30
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _50, CD24_ _50, CC24_ _50 Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
Electrical and Thermal Characteristics, Tj = 25C unless otherwise specified
CN24_ _50 CD24_ _50 CC24_ _50 10 1.5 0.8
Characteristics Blocking State Maximums Reverse Leakage Current, Peak Conducting State Maximums Peak On-State Voltage Switching Maximums Reverse Recovery Time
Symbol IRRM VFM trr Qrr
Test Conditions Tj = 150C, VRRM = Rated IFM = 50A IFM = 50A, Tj = 150C di/dt =-100A/ s, VR = 1/2VRM IFM = 50A, Tj = 150C di/dt =-100A/ s, VR = 1/2VRM Per Module Per Module
Units mA Volts s
Reverse Recovery Charge
30
C
Thermal Maximums Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink (Lubricated)
R (J-C) R (C-S)
0.6 0.4
C/Watt C/Watt
D-31
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CN24_ _50, CD24_ _50, CC24_ _50 Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
MAXIMUM ON-STATE CHARACTERISTICS
INSTANTANEOUS ON-STATE VOLTAGE, VFM, (VOLTS)
MAXIMUM ALLOWABLE PEAK SURGE (NON-REPETITIVE) CURRENT
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC)
MAXIMUM ALLOWABLE CASE TEMPERATURE
2.6 2.2 1.8 1.4 1.0 0.6 0.2 100 101 102 103
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES) MAXIMUM PEAK SURGE (NON-REPETITIVE) CURRENT, IFSM, (AMPERES)
1000
Tj = 25oC
150
800
140
600
130
DC
400
120
200
110
0 100 101
CYCLES AT 60 HZ
100 0 10 20 30 40 50
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
102
MAXIMUM ON-STATE POWER DISSIPATION
MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
REVERSE RECOVERY CHARACTERISTICS
100
102
VR = 600V di/dt = -100A/s Irr
TRANSIENT THERMAL IMPEDANCE, Z (J-C)(t), (oC/WATT)
102
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (JUNCTION-TO-CASE) 100 101
1.0
80
Irr, (AMPERES), Qrr, (C)
0.8
Qrr
101
101
trr, (s)
60
DC
0.6
40
0.4
100
trr Tj = 25oC Tj = 150oC
100
20 10-1 103
0.2
0 0 10 20 30 40 50
AVERAGE ON-STATE CURRENT, IF(AV), (AMPERES)
10-1 100
101
102
0 10-3
10-2
10-1
100
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES)
TIME, t, (SECONDS)
D-32


▲Up To Search▲   

 
Price & Availability of CD240650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X