|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BY296 THRU BY299S FAST RECOVERY SILICON RECTIFIER Reverse Voltage - 100 to 1000 Volts Forward Current - 2.0 Amperes Features Fast recovery diodes Diffused junction High current capability The plastic material carries U/L recognition 94V-0 Terminals: Axial leads Polarity: Color band denotes cathode Mounting Instruction Min. distance from body to soldering point, 4mm Max. solder temperature, 350 Max. soldering time: 3.5 Sec. Do not bend lead at a point closer than 3mm to the body DIM ENSIONS DIM A B C D inches Min. 0.283 0.189 0.048 1.000 Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note Maximum Ratings and Electrical Characteristics Ratings at 25 ambient temperature unless otherwise specified. Symbols BY296 BY297 BY298 BY299 BY299S Units Peak repetitive and non recurrent reverse voltage Forward current, R load at Tamb=50 8.3mS peak forward surge current at Tj=25 Recurrent peak forward current (A) Maximum forward voltage drop at IF=2.0A Maximum reverse current at VRRM at 25 Maximum reverse recovery time (Note 1) Maximum thermal resistance (I=10mm) Operating and storage temperature range Note: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A VRRM I(AV) IFSM IFRM VF IR T rr R JA 100 200 400 2.0 70.0 10.0 1.3 10.0 250 30.0 -65 to +125 800 1000 Volts Amps Amps Amps Volts A nS /W TJ, TSTG 1 RATINGS AND CHARACTERISTIC CURVES 2 |
Price & Availability of BY299 |