Part Number Hot Search : 
7C51G Z5226B L0103DE 2SC5932 S7908D AAMDB 20TTS KBPC300G
Product Description
Full Text Search
 

To Download 76382 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DuboxTM Shrouded Headers 2.54 mm
s For use with DuboxTM crimp-to-wire
housings
s Stackable end-to-end s Passive latching, anti-reverse and
anti-miss-match when used with DuboxTM crimp-to-wire housings s Selective plating
Technical Data
Physical
Housing: Glass filled thermoplastic polyester, blue Flammability rating: UL 94 V-0 Contact: Phosphor-bronze Plating: Gold or tin-lead over 1.27 m nickel
Mating Data
Operating Temperature Range
-40C to +125C
s DuboxTM Crimp-to-wire contacts s DuboxTM Crimp-to-wire housings
Page
18 20
Packaging
Tube
Reference Information
File no. E66906 File no. LR46923 Product drawing: By 5-digit base part number Application specification: TA-531
Specifications subject to change without notice.
Processing Information
Compatible with wave soldering processes
Electrical Performance
Current rating: 3 A continuous Insulation resistance: 1x 105 M min. Dielectric withstanding voltage: 1000 V rms
Mechanical Performance
Contact retention to housing: 20 N min.
Technical / Application Support / Drawings / Specifications / Samples: www.fciconnect.com/basics
22
DuboxTM Shrouded Headers 2.54 mm
Part Number
5-Digit Base Part Number
Plating
Positions Per Row
76384 76382 76385 76383
= = = =
Single row, straight Single row, right angle Double row, straight Double row, right angle
02 up to 36
Part Number 3 = 0.76 m gold on mating area, tin-lead on solder side 4 = 3.81 m tin-lead 76384 76385 3 Pos. per row 3 Pos. per row
76384
76382
Recommended PCB Layout PCB thickness 1,58 mm
76385
76383
Dimensions in mm
Technical / Application Support / Drawings / Specifications / Samples: www.fciconnect.com/basics
23


▲Up To Search▲   

 
Price & Availability of 76382

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X