Part Number Hot Search : 
GS04MCBE LE104 GBU808 SM8707E AME5287 1M41VPA K1202 EX103K9
Product Description
Full Text Search
 

To Download 74LVX74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
May 1993 Revised February 2005
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
General Description
The LVX74 is a dual D-type flip-flop with Asynchronous Clear and Set inputs and complementary (Q, Q) outputs. Information at the input is transferred to the outputs on the positive edge of the clock pulse. After the Clock Pulse input threshold voltage has been passed, the Data input is locked out and information present will not be transferred to the outputs until the next rising edge of the Clock Pulse input. Asynchronous Inputs: LOW input to SD (Set) sets Q to HIGH level LOW input to CD (Clear) sets Q to LOW level Clear and Set are independent of clock Simultaneous LOW on CD and SD makes both Q and Q HIGH
Features
s Input voltage level translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX74M 74LVX74SJ 74LVX74MTC 74LVX74MTCX_NL (Note 1) Package Number M14A M14D MTC14 MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Connection Diagram
Pin Descriptions
Pin Names D1 , D2 CP1, CP2 CD1, CD2 SD1, SD2 Q1, Q1, Q2, Q2 Description Data Inputs Clock Pulse Inputs Direct Clear Inputs Direct Set Inputs Outputs
(c) 2005 Fairchild Semiconductor Corporation
DS011606
www.fairchildsemi.com
74LVX74
Logic Symbols
IEEE/IEC
Truth Table
(Each Half) Inputs SD L H L H H H CD H L L H H H CP X X D X X X H L X Q H L H H L Q0 Outputs Q L H H L H Q0

L
X
H HIGH Voltage Level L LOW Voltage Level X Immaterial LOW-to-HIGH Clock Transition Q0(Q0) Previous Q(Q) before LOW-to-HIGH Transition of Clock
www.fairchildsemi.com
2
74LVX74
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC ) DC Input Diode Current (IIK) VI
0.5V to 7.0V 20 mA 0.5V to 7V 20 mA 20 mA 0.5V to VCC 0.5V r25 mA r50 mA 65qC to 150qC
180 mW
Recommended Operating Conditions (Note 3)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Input Rise and Fall Time ('t/'V) 2.0V to 3.6V 0V to 5.5V 0V to VCC
0.5V
DC Input Voltage (VI) DC Output Diode Current (IOK) VO VO
40qC to 85qC
0 ns/V to 100 ns/V
0.5V VCC 0.5V
DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) Power Dissipation
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VIL LOW Level Input Voltage VOH HIGH Level Output Voltage VOL LOW Level Output Voltage IIN ICC Input Leakage Current Quiescent Supply Current VCC 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 2.0 3.0 3.0 3.6 3.6 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 2.0 3.0 TA Min 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.48 0.1 0.1 0.44 V VIN VIL or VIH V
25qC
Typ Max
TA
40qC to 85qC
Min 1.5 2.0 2.4 0.5 0.8 0.8 Max
Units
Conditions
V
V VIN VIL or VIH IOH IOH IOH IOL IOL IOL VIN VIN 5.5V or GND VCC or GND
50 PA 50 PA 4 mA
50 PA 50 PA 4 mA
r0.1
2.0
r1.0
20.0
PA PA
Noise Characteristics (Note 4)
Symbol VOLP VOLV VIHD VILD Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage
tf 3 ns
VCC (V) 3.3 3.3 3.3 3.3
TA Typ 0.3
25qC Limit 0.5 Units V V V V
CL (pF) 50 50 50 50
0.3
0.5
2.0 0.8
Note 4: Input tr
3
www.fairchildsemi.com
74LVX74
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay CPn to Qn or Qn 3.3 r 0.3 tPLH tPHL Propagation Delay CDn to SDn to Qn or Qn 3.3 r 0.3 2.7 VCC (V) 2.7 Min TA
25qC
Typ 7.3 9.8 5.7 8.2 8.4 10.9 6.6 9.1 Max 15 18.5 9.7 13.2 15.6 19.1 10.1 13.6
TA
40qC to 85qC
Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10 7 9.5 6.5 0.5 0.5 7.5 5.0 Max 18.5 22 11.5 15 18.5 22 12 15.5
Units
CL (pF) 15
ns
50 15 50 15 50 15 50
ns
tW tS tH tREC fMAX
CPn or CDn or SDn Pulse Width Setup Time Dn to CPn Hold Time Dn to CPn Recovery Time CPn or SDn to CPn Maximum Clock Frequency
2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3 r 0.3 2.7 3.3 r 0.3
8.5 6 8.0 5.5 0.5 0.5 6.5 5.0 55 45 95 60 135 60 145 85 1.5 1.5
|tPHLm-tPHLn|
ns ns ns ns 15 MHz 50 15 50 1.5 1.5 ns 50
50 40 80 50
tOSLH tOSHL
Output to Output Skew (Note 5)
2.7 3.3
|tPLHm-tPLHn|, tOSLH
Note 5: Parameter guaranteed by design. tOSLH
Capacitance
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 6)
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Parameter Min
TA
25qC
Typ 4 25 Max 10
TA
40qC to 85qC
Min Max 10
Units pF pF
www.fairchildsemi.com
4
74LVX74
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
5
www.fairchildsemi.com
74LVX74
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
6
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVX74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X