Part Number Hot Search : 
K4097 F2002 S3P72F5 V2010 R1080 AC120 01545 NJM2872B
Product Description
Full Text Search
 

To Download 74HC7080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT7080 16-bit even/odd parity generator/checker
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
FEATURES * Word-length easily expanded by cascading * Generates either even or odd parity for 16-data bits * Output capability: standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT7080 are high-speed Si-gate CMOS devices. They are specified in compliance with JEDEC standard no. 7A. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns
74HC/HCT7080
The 74HC/HCT7080 are 16-bit parity generators or checkers commonly used to detect errors in high-speed data transmission or data retrieval systems. The even and odd parity output is available for generating or checking even/odd parity up to 16-bits. The even/odd parity output (E/O) is HIGH when an even number of data inputs (I0 to I15) are HIGH and the cascade/even-odd-changing input (X) is HIGH. Expansion to larger word sizes is accomplished by connecting the even/odd parity output (E/O) to the cascade/even-odd-changing input (X) of the final stage.
TYPICAL SYMBOL tPHL/ tPLH PARAMETER propagation delay In to E/O X to E/O CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL xVCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". input capacitance power dissipation capacitance per package notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 29 12 3.5 24 32 15 3.5 25 ns ns pF pF HCT UNIT
December 1990
2
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
PIN DESCRIPTION PIN NO. 1 2, 3, 4, 5, 6, 7, 8, 9, 11, 12, 13, 14, 15, 16, 17, 18 10 19 20 SYMBOL X I0 to I15 GND E/O VCC
74HC/HCT7080
NAME AND FUNCTION cascade/even-odd-changing input data inputs ground (0 V) even/odd parity output positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
74HC/HCT7080
Fig.4 Functional diagram.
FUNCTION TABLE INPUTS In =E E Notes 1. H = HIGH voltage level L = LOW voltage level E = even X H L H L OUTPUTS E/O H L L H Fig.5 Logic diagram.
December 1990
4
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER min. tPHL/ tPLH propagation delay In to E/O propagation delay X to E/O output transition time +25 typ. 91 33 26 41 15 12 19 7 6 -40 to +85 -40 to +125 max. 420 84 71 225 45 38 110 22 19 ns
74HC/HCT7080
TEST CONDITIONS UNIT V CC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.7
max. min. max. min. 280 56 48 150 30 26 75 15 13 350 70 60 190 38 33 95 19 16
tPHL/ tPLH
ns
Fig.6
tTHL/ tTLH
ns
Figs 6 and 7
December 1990
5
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: MSI
74HC/HCT7080
Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT In X UNIT LOAD COEFFICIENT 1.0 1.0
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 -40 to +125 UNIT V CC WAVEFORMS (V) ns ns ns 4.5 4.5 4.5 Fig.7 Fig.6 Figs 6 and 7 TEST CONDITIONS
min. typ. max. min. tPHL/ tPLH tPHL/ tPLH tTHL/ tTLH propagation delay In to E/O propagation delay X to E/O output transition time 37 18 7 63 32 15
max. min. max. 79 40 19 95 48 22
December 1990
6
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
AC WAVEFORMS
74HC/HCT7080
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the cascade/even-odd-changing input (X) to the even/odd parity output (E/O) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the data inputs (In) to the even/odd parity output (E/O) propagation delays and the output transition times.
December 1990
7
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
TEST CIRCUIT AND WAVEFORMS
74HC/HCT7080
CL
=
load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). termination resistance should be equal to the output impedance ZO of the pulse generator.
RT
=
tr; tf FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM fmax; PULSE WIDTH 50% 1.3 V < 2 ns < 2 ns OTHER 6 ns 6 ns
Fig.8 Test circuit for measuring AC performance.
CL
=
load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). termination resistance should be equal to the output impedance ZO of the pulse generator.
RT
=
tr; tf FAMILY 74HC 74HCT AMPLITUDE VCC 3.0 V VM fmax; PULSE WIDTH 50% 1.3 V < 2 ns < 2 ns OTHER 6 ns 6 ns
Fig.9 Input pulse definitions.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines". December 1990 8


▲Up To Search▲   

 
Price & Availability of 74HC7080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X