Part Number Hot Search : 
0201142 73K00 1000H PC781 MAX1120 C74VHC1 AR7646 VFC180SA
Product Description
Full Text Search
 

To Download 2SK3611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3611-01MR
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220F
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Non-repetitive Avalanche current Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Isolation voltage Symbol VDS VDSX *5 ID ID(puls] VGS IAS *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg VISO Ratings 250 220 10 40 30 10 182 20 5 2.16 25 +150 -55 to +150 2 Unit V V A A V A mJ kV/s kV/s W
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
C C kVrms *1 L=3.05mH, Vcc=48V *2 Tch <150C *3 IF < -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C = = = = *4 VDS < 250V *5 VGS=-30V *6 t=60sec f=60Hz =
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=250V VGS=0V VDS=200V VGS=0V VGS=30V VDS=0V ID=5A VGS=10V ID=5A VDS=25V VDS=75V VGS=0V f=1MHz VCC=48V ID=5A VGS=10V RGS=10 VCC=125V ID=10A VGS=10V L=100H Tch=25C IF=10A VGS=0V Tch=25C IF=10A VGS=0V -di/dt=100A/s Tch=25C Tch=25C Tch=125C 10 200 10 785 88 4 12 2.7 22 7.4 21 8 5 1.10 0.155 1.05
Min.
250 3.0
Typ.
Max.
5.0 25 250 100 260 1178 132 6 18 4.1 33 11.1 31.5 12 7.5 1.65
Units
V V A nA m S pF
5
ns
nC
10
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
5.0 58.0
Units
C/W C/W
www.fujielectric.co.jp/denshi/scd
1
2SK3611-01MR
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=48V,I(AV)<=10A
300
30
25
250
20
200
EAV [mJ]
0 25 50 75 100 125 150
PD [W]
15
150
10
100
5
50
0
0 0 25 50 75 100 125 150
Tc [C]
starting Tch [C]
Typical Output Characteristics
ID=f(VDS):80s Pulse test,Tch=25C
30 20V 25 10V 8V 7.5V 7.0V 20 10 100
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
ID [A]
15
6.5V
10
ID[A]
1 0.1 0
6.0V
5
VGS=5.5V
0 0 2 4 6 8 10 12
1
2
3
4
5
6
7
8
9
10
VDS [V]
VGS[V]
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100 0.6
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
VGS= 5.5V 0.5 7.0V 6.0V 6.5V
RDS(on) [ ]
10
0.4
7.5V 8V 10V 20V
gfs [S]
0.3
1
0.2
0.1
0.1 0.1
0.0 1 10 100 0 5 10 15 20 25 30
ID [A]
ID [A]
2
2SK3611-01MR
FUJI POWER MOSFET
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=5A,VGS=10V
800 700 600
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250 A
7.0 6.5 6.0 5.5 5.0 max.
RDS(on) [ m ]
VGS(th) [V]
max.
500 400 300 200 100 0 -50 -25 0 25 50 75 100 125 150
typ.
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
Tch [C]
Tch [C]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=10A, Tch=25C
14 12 10 10
-1
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
10
0
Ciss
VGS [V]
8 Vcc= 125V 6 4 2
C [nF]
Coss
10
-2
Crss 0 0 10 20 30 40 10
-3
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100 10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=48V, VGS=10V, RG=10
10
10
2
tf
IF [A]
t [ns]
td(off) td(on)
1
10
1
tr
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10
0
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3611-01MR
Transient Thermal Impedance Zth(ch-c)=f(t):D=0
FUJI POWER MOSFET
10
1
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Maximum Avalanche Current Pulsewidth
10
2
IAV=f(tAV):starting Tch=25C. Vcc=48V
Avalanche current IAV [A]
10
1
Single Pulse
10
0
10
-1
10
-2
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
4


▲Up To Search▲   

 
Price & Availability of 2SK3611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X