Part Number Hot Search : 
GP50B60P 5KP75A 2SA1823S ZS115L SB144 AH083F1 NTHS5443 MAN3900A
Product Description
Full Text Search
 

To Download 2SK2928 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2928
Silicon N Channel MOS FET High Speed Power Switching
ADE-208-551 Target Specification 1st. Edition Features
* Low on-resistance R DS = 0.040 typ. * High speed switching * 4V gate drive device can be driven from 5V source
Outline
2SK2928
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10s, duty cycle 1 % 2. Value at Tc = 25C 3. Value at Tch = 25C, Rg 50 Symbol VDSS VGSS ID I D(pulse)* I DR I AP *
3 3 2 1
Ratings 60 20 15 60 15 15 19 40 150 -55 to +150
Unit V V A A A A mJ W C C
EAR*
Pch* Tch Tstg
2
2SK2928
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltege drain current Gate to source cutoff voltage Symbol V(BR)DSS V(BR)GSS I GSS I DSS VGS(off) Min 60 20 -- -- 1.5 -- -- 10 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.040 0.060 16 500 260 110 10 80 100 110 0.9 50 Max -- -- 10 10 2.5 0.052 0.105 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I F = 15A, VGS = 0 I F = 15A, VGS = 0 diF/ dt = 50A/s Test Conditions I D = 10mA, VGS = 0 I G = 100A, VDS = 0 VGS = 16V, VDS = 0 VDS = 60 V, VGS = 0 I D = 1mA, VDS = 10V I D = 8A, VGS = 10V*1 I D = 8A, VGS = 4V*1 I D = 8A, VDS = 10V*1 VDS = 10V VGS = 0 f = 1MHz I D = 8A, VGS = 10V RL = 3.75
Static drain to source on state RDS(on) resistance Forward transfer admittance Input capacitance Output capacitance RDS(on) |yfs| Ciss Coss
Reverse transfer capacitance Crss Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse test t d(on) tr t d(off) tf VDF t rr
3
2SK2928
Main Characteristics
4
2SK2928
Package Dimentions
Unit: mm
5
2SK2928
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
6


▲Up To Search▲   

 
Price & Availability of 2SK2928

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X