Part Number Hot Search : 
CJ7908 CA3169 CJ7908 OV6650 922102 2N2222A ASM809 NM93CS66
Product Description
Full Text Search
 

To Download 2SK1338 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1338
Silicon N-Channel MOS FET
Application
High speed power switching
Features
* * * * * Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switching regulator and DC-DC converter
Outline
2SK1338
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. Value at TC = 25C Symbol VDSS VGSS ID I D(pulse)* I DR Pch* Tch Tstg
2 1
Ratings 900 30 2 6 2 50 150 -55 to +150
Unit V V A A A W C C
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol Min V(BR)DSS V(BR)GSS I GSS 900 30 -- -- 2.0 -- 0.9 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 5.0 1.5 425 175 85 10 35 60 50 0.9 700 Max -- -- 10 250 3.0 7.0 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I F = 2 A, VGS = 0 I F = 2 A, VGS = 0, diF/dt = 100 A/s I D = 1 A, VGS = 10 V, RL = 30 Test conditions I D = 10 mA, VGS = 0 I G = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS = 720 V, VGS = 0 I D = 1 mA, VDS = 10 V I D = 1 A, VGS = 10 V *1 I D = 1 A, VDS = 20 V *1 VDS = 10 V, VGS = 0, f = 1 MHz
Zero gate voltage drain current I DSS Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse test VGS(off) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf VDF t rr
2
2SK1338
3
2SK1338
4
2SK1338
5
2SK1338
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
6


▲Up To Search▲   

 
Price & Availability of 2SK1338

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X