Part Number Hot Search : 
DC1AC6RB AO4906L 220MT 74HC4066 78LXX ISP1506A HEF4025B MC56F8
Product Description
Full Text Search
 

To Download 2SC4081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S
General purpose transistor (50V, 0.15A)
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S
!Features 1) Low Cob. Cob=2.0pF (Typ.) 2) Complements the 2SA1037AK / 2SA1576A / 2SA1774H / 2SA2029 / 2SA933AS. !External dimensions (Units : mm)
(1)
2SC2412K
2SC4081
(1)
2SC4617
0.65 0.65
(2)
0.95 0.95 1.9
1.3
2.0
(1) (2)
0.2 0.5 0.5
(3)
0.4
(3)
0.3
1.6 2.8
2.1
0.8
0.2
0.15
1.6
0.7
0.9
0.15
0.2
1.25
0.3
(3)
0.55
0.15
0.8
1.1
0~0.1
0.3Min.
!Structure Epitaxial planar type NPN silicon transistor
Each lead has same dimensions
ROHM : SMT3 EIAJ : SC-59 JEDEC : SOT-346
(1) Emitter (2) Base (3) Collector
0~0.1
0.1Min.
0.1Min.
Each lead has same dimensions
ROHM : UMT3 EIAJ : SC-70 JEDEC : SOT-323
(1) Emitter (2) Base (3) Collector
0~0.1
ROHM : EMT3
(1) Emitter (2) Base (3) Collector
EIAJ : SC-75A JEDEC : SOT-416
Abbreviated symbol: B*
Abbreviated symbol: B*
Abbreviated symbol: B*
2SC5658
0.2 1.2 0.8
(2) (3) (1)
2SC1740S
40.2 20.2
30.2
0.2
1.2 0.32
0.4 0.4
0.8
0.22
(15Min.)
0.13 0~0.1
0.5
0.45+0.15 -0.05
0.15Max.
5
3Min.
2.5 +0.4 -0.1
0.5
0.45 +0.15 -0.05
(1) (2) (3)
ROHM : VMT3
(1) Base (2) Emitter (3) Collector
ROHM : SPT EIAJ : SC-72
(1) Emitter (2) Collector (3) Base
Abbreviated symbol: B*
* Denotes hFE
!Absolute maximum (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current 2SC2412K, 2SC4081 Collector power 2SC4617, 2SC5658 dissipation 2SC1740S Junction temperature Storage temperature PC Symbol VCBO VCEO VEBO IC Limits 60 50 7 0.15 0.2 0.15 0.3 Tj Tstg 150 -55~+150 C C W Unit V V V A
0.7
1.0
1.6
(2)
Transistors
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob Min. 60 50 7 - - 120 - - - Typ. - - - - - - - 180 2
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S
Max. - - - 0.1 0.1 560 0.4 - 3.5 Unit V V V A A - V MHz pF IC=50A IC=1mA IE=50A VCB=60V VEB=7V VCE=6V, IC=1mA IC/IB=50mA/5mA VCE=12V, IE=-2mA, f=100MHz VCE=12V, IE=0A, f=1MHz Conditions
!Packaging specifications and hFE
Package Code Type 2SC2412K 2SC4081 2SC4617 2SC5658 2SC1740S hFE QRS QRS QRS QRS QRS - - - - - - - - - - Basic ordering unit (pieces) T146 3000 Taping T106 3000 - TL 3000 - - T2L 8000 - - - Bulk TP 5000 - - - -
hFE values are classified as follows :
Item hFE Q 120~270 R 180~390 S 270~560
!Electrical characterristic curves
50
100
VCE=6V
COLLECTOR CURRENT : IC (mA)
Ta=25C
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
20 10 5
Ta=100C
25C -55C
80
0.50mA mA 0.45 A 0.40m 0.35mA 0.30mA
10
Ta=25C
30A 27A
8
24A 21A
60
0.25mA 0.20mA
6
18A 15A
2 1 0.5 0.2 0.1 0
40
0.15mA 0.10mA
4
12A 9A
20
0.05mA IB=0A 0 0.4 0.8 1.2 1.6 2.0
2
6A 3A
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 BASE TO EMITTER VOLTAGE : VBE (V)
0 0
4
8
IB=0A 12
16
20
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1
Grounded emitter propagation characteristics
Fig.2
Grounded emitter output characteristics ( )
Fig.3
Grounded emitter output characteristics ( )
Transistors
500 Ta=25C
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S
500 Ta=100C
VCE=5V 3V 1V
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
VCE=5V
0.5
Ta=25C
DC CURRENT GAIN : hFE
200
DC CURRENT GAIN : hFE
200
25C -55C
0.2 IC/IB=50 20 10
100
100
0.1 0.05
50
50
0.02
20 10 0.2
20 10 0.2
0.5 1
2
5
10 20
50 100 200
0.5 1
2
5
10 20
50 100 200
0.01 0.2
0.5 1
2
5
10
20
50 100 200
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig. 6 Collector-emitter saturation voltage vs. collector current
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
0.5
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
IC/IB=10
0.5
TRANSITION FREQUENCY : fT (MHz)
IC/IB=50
500
Ta=25C VCE=6V
0.2 Ta=100C 25C -55C
0.2 0.1 0.05
0.1 0.05
Ta=100C 25C -55C
200
0.02
100
0.02 0.01 0.2 0.5 1 2 5 10 20 50 100
0.01 0.2 0.5 1 2 5 10 20 50 100 200
50 -0.5 -1
-2
-5
-10 -20
-50 -100
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
Fig.8 Collector-emitter saturation voltage vs. collector current ()
Fig.9 Gain bandwidth product vs. emitter current
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
20
BASE COLLECTOR TIME CONSTANT : Cc*rbb' (ps)
10
Cib
Ta=25C f=1MHz IE=0A IC=0A
200
Ta=25C f=32MHZ VCB=6V
100
5
50
2
Co
20
b
1
0.2 0.5 1 2 5 10 20 50
10 -0.2 -0.5 -1 -2 -5 -10
COLLECTOR TO BASE VOLTAGE : VCB (V) EMITTER TO BASE VOLTAGE : VEB (V)
EMITTER CURRENT : IE (mA)
Fig.10
Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
Fig.11 Base-collector time constant vs. emitter current


▲Up To Search▲   

 
Price & Availability of 2SC4081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X