Part Number Hot Search : 
MSS40 P6KE250 SWL52X 50WQ06FN P100K BA9741 P100K 07523
Product Description
Full Text Search
 

To Download 2SC2188 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC2188
Silicon NPN epitaxial planer type
For intermediate frequency amplification of TV image
Unit: mm
6.90.1 1.5 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
s Features
q q q
1.5 R0.9 R0.9
0.85
0.550.1
0.450.05
1.250.05
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg
(Ta=25C)
Ratings 45 35 4 50 600 150 -55 ~ +150 Unit V V V mA mW C C
1:Base 2:Collector 3:Emitter
2.5 2.5 3 2 1
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Common emitter reverse transfer capacitance Power gain
(Ta=25C)
Symbol ICEO VCBO VCEO VEBO hFE VCE(sat) fT Cre PG Conditions VCE = 20V, IB = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCB = 10V, IE = -10mA IC = 20mA, IB = 2mA VCB = 10V, IE = -10mA, f = 100MHz VCE = 10V, IC = 1mA VCB = 10V, IE = -10mA, f = 58MHz 18 300 500 1.5 45 35 4 20 50 100 0.5 V MHz pF dB min typ max 10 Unit A V V V
4.10.2
High transition frequency fT. Satisfactory linearity of forward current transfer ratio hFE. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
0.4
1.00.1
R
0.
4.50.1
7
1
Transistor
PC -- Ta
800 80 70
2SC2188
IC -- VCE
60 25C VCE=10V
IC -- VBE
Collector power dissipation PC (mW)
700
Collector current IC (mA)
600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160
60 1.6mA 50 40 30 20 10 0 0 2 4 6 8 10 1.4mA 1.2mA 1.0mA 0.8mA 0.6mA 0.4mA 0.2mA
Collector current IC (mA)
IB=2.0mA 1.8mA
50 Ta=75C 40 -25C
30
20
10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 25C 0.1 0.03 0.01 0.1 -25C Ta=75C IC/IB=10 120
hFE -- IC
600 VCE=10V VCB=10V Ta=25C
fT -- I E
Forward current transfer ratio hFE
100
Transition frequency fT (MHz)
10 30 100
500
80 Ta=75C 60 25C 40 -25C
400
300
200
20
100
0.3
1
3
10
30
100
0 0.1
0.3
1
3
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
2.4 IC=1mA f=10.7MHz Ta=25C 30
PG -- IE
VCB=10V f=58MHz Ta=25C
3.0
2.5
2.0
25
2.0
1.6
Power gain PG (dB)
1 3 10 30 100
20
1.5
1.2
15
1.0
0.8
10
0.5
0.4
5
0 1 3 10 30 100
0
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
Emitter current IE (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC2188

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X