Part Number Hot Search : 
80000 STK4231 XEZ01 TND024F SRA8100 50PI2 S61LV B29150
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002
DMOS Transistors (N-Channel)
SOT-23
.122 (3.1) .118 (3.0) .016 (0.4) 3
FEATURES
Top View
.056 (1.43) .052 (1.33)
1
2 max. .004 (0.1)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)

.045 (1.15) .037 (0.95)
High input impedance High-speed switching No minority carrier storage time CMOS logic compatible input No minority carrier storage time CMOS logic compatible input No thermal runaway No secondary breakdown
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
MECHANICAL DATA
Case: SOT-23 Plastic Package Weight: approx. 0.008 g Marking S72
Dimensions in inches and (millimeters)
Pin configuration 1 = Gate, 2 = Source, 3 = Drain
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Drain-Source Voltage Drain-Gate Voltage Gate-Source-Voltage (pulsed) Drain Current (continuous) Power Dissipation at TC = 50 C Junction Temperature Storage Temperature Range
1)
Value 60 60 20 250 0.3101) 150 -55 to +150
Unit V V V mA W C C
VDSS VDGS VGS ID Ptot Tj TS
Ceramic Substrate 0.7mm; 2.5 cm2 area.
Inverse Diode Symbol Max. Forward Current (continuous) at Tamb = 25 C Forward Voltage Drop (typ.) at VGS = 0, IF = 0.3 A, Tj = 25 C
4/98
Value 0.3 0.85
Unit A V
IF VF
2N7002
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Drain-Source Breakdown Voltage at ID = 100 A, VGS = 0 Gate Threshold Voltage at VGS = VDS, ID = 1 mA Gate-Body Leakage Current at VGS = 15 V, VDS = 0 Drain Cutoff Current at VDS = 25 V, VGS = 0 Drain-Source ON Resistance at VGS = 10 V, ID = 500 mA Thermal Resistance Junction to Substrate Backside Thermal Resistance Junction to Ambient Air Forward Transconductance at VDS = 10 V, ID = 200 mA, f = 1 MHz Input Capacitance at VDS = 10 V, VGS = 0, f = 1 MHz Switching Times at VGS = 10 V, VDS = 10 V, RD = 100 Turn-On Time Turn-Off Time
1)
Min. 60 - - - - - - - -
Typ. 90 2 - - 5 - - 200 60
Max. - 2.5 10 0.5 7.5 3201) 4501) - -
Unit V V nA A K/W K/W mS pF
V(BR)DSS VGS(th) IGSS IDSS rDS(ON) RthSB RthJA gm Ciss
ton toff
- -
5 25
- -
ns ns
Device on fiberglass substrate, see layout
.30 (7.5) .12 (3)
.04 (1) .08 (2) .04 (1) .08 (2) .59 (15) .47 (12) .03 (0.8)
0.2 (5)
.06 (1.5) .20 (5.1)
Dimensions in inches (millimeters)
Layout for RthJA test Thickness: Fiberglass 0.059 in (1.5 mm) Copper leads 0.012 in (0.3 mm)
RATINGS AND CHARACTERISTIC CURVES 2N7002
RATINGS AND CHARACTERISTIC CURVES 2N7002
RATINGS AND CHARACTERISTIC CURVES 2N7002


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X