Part Number Hot Search : 
CNX35USD WFY3N02 P4SMA LT1510CS 12P15 TLE4206G LT1510CS P0720EA
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002
N-CHANNEL ENHANCEMENT-MODE MOSFET
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N7002 type is a N-Channel Field Effect Transistor, manufactured by the N-Channel DMOS Process, designed for high speed pulsed amplifier and driver applications. Marking Code is 702. SOT-23 CASE
MAXIMUM RATINGS (TA=25oC) Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage Continuous Drain Current (TC=25oC) Continuous Drain Current (TC=100oC) Continuous Source Current (Body Diode) Maximum Pulsed Drain Current Maximum Pulsed Source Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VDS VDG VGS ID ID IS IDM ISM PD TJ,Tstg JA 60 60 40 115 75 115 800 800 350 -55 to +150 357 UNITS V V V mA mA mA mA mA mW
oC oC/W
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) SYMBOL IGSSF IGSSR IDSS IDSS ID(ON) BVDSS VGS(th) VDS(ON) VDS(ON) rDS(ON) TEST CONDITIONS VGS=20V VGS=-20V VDS=60V, VGS=0 VDS=60V, VGS=0, TA=125oC VDS 2VDS(ON), VGS=10V ID=10A VDS=VGS, ID=250A VGS=10V, ID=500mA VGS=5.0V, ID=50mA VGS=10V, ID=500mA MIN TYP MAX 100 -100 1.0 500 UNITS nA nA A A mA V V V V
500 60 1.0
105 2.1
3.7
2.5 3.75 1.5 7.5
56
SYMBOL rDS(ON) rDS(ON) rDS(ON) gFS Crss Ciss Coss ton toff VSD
TEST CONDITIONS MIN VGS=10V, ID=500mA, TA=100oC VGS=5.0V, ID=50mA VGS=5.0V, ID=50mA, TA=100oC VDS 2VDS(ON), ID=200mA 80 VDS=25V, VGS=0, f=1.0MHz VDS=25V, VGS=0, f=1.0MHz VDS=25V, VGS=0, f=1.0MHz VDD=30V, ID=10V, RG=25, RL=25 VDD=30V, ID=10V, RG=25, RL=25 VGS=0V, IS=11.5mA
TYP 6.2
MAX 13.5 7.5 13.5 5.0 50 25 20 20 -1.5
UNITS mmhos pF pF pF ns ns V
All dimensions in inches (mm).
LEAD CODE: 1) GATE 2) SOURCE 3) DRAIN
R2 R1
57


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X