Part Number Hot Search : 
AS1320 200AB P1727 74100310 EPA3578 AS22AB K1446 BD673
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002 N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 60V RDS(ON) (max) 7.5 ID(ON) (min) 0.5A Order Number / Package TO-236AB* 2N7002 Product marking for TO-236AB: 702p where p = 2-week alpha date code
*Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode High input impedance and high gain Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Motor controls Converters Amplifiers Switches Power supply circuits Driver (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.) Drain
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds. BVDSS BVDGS 30V -55C to +150C 300C Gate Source
TO-236AB (SOT-23) top view
Note: See Package Outline section for dimensions.
7-9
2N7002
Thermal Characteristics
Package TO-236AB ID (continuous)* 115mA ID (pulsed) 800mA Power Dissipation @ TA = 25C 0.36W
C/W
200
jc
C/W
350
ja
IDR* 115mA
IDRM 800mA
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min 60 1.0 2.5 -5.5 100 1 500 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS t(ON) t(OFF) VSD trr ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Time Turn-OFF Time Diode Forward Voltage Drop Reverse Recovery Time 1.2 400 80 50 25 5 20 20 V ns ns VDD = 30V, ID = 0.2A, RGEN = 25 ISD = 0.2A, VGS = 0V ISD = 0.8A, VGS = 0V pF VGS = 0V, VDS = 25V, f = 1MHz 500 7.5 7.5 1.0 Typ Max Unit V V mV/C nA A A mA %/C m Conditions ID = 10A, VGS = 0V VGS = VDS, ID = 250A ID = 250A, VGS = VDS VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 10V, VDS = 25V VGS = 5V, ID = 50mA VGS = 10V, ID = 0.5A VGS = 10V, ID = 0.5A VDS = 25V, ID = 0.5A
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
VDD RL PULSE GENERATOR Rgen OUTPUT
10V 90% INPUT 0V 10% t(ON) td(ON) VDD OUTPUT 0V 90% 90% tr t(OFF) td(OFF) tF
D.U.T. 10% 10% INPUT
7-10
2N7002
Typical Performance Curves
Output Characteristics
2.0 2.0
Saturation Characteristics
VGS =
1.6
10V 9V
1.6
VGS =
10V 9V
ID (amperes)
ID(amperes)
1.2
1.2
8V
0.8
8V
0.8
7V 6V
7V 6V 5V 4V 3V
0 2 4 6 8 10
0.4
5V 4V 3V
0 10 20 30 40 50
0.4
0
0
VDS (volts) Transconductance vs. Drain Current
0.5 0.5
VDS (volts) Power Dissipation vs. Temperature
0.4
VDS = 25V
0.4
GFS (siemens)
25C
0.2
PD (watts)
0.3
TA = -55C
SOT-23 0.3
0.2
125C
0.1
0.1
0 0 0.2 0.4 0.6 0.8 1.0
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
1.0 SOT-23 (pulsed) 1.0
TA(C) Thermal Response Characteristics
Thermal Resistance (normalized)
0.8
SOT-23 (DC)
ID (amperes)
0.1
0.6
0.4
0.01
TA = 25C
0.001 0.1 1 10 100
0.2
SOT-23 TA = 25C PD = 0.36W
0.01 0.1 1.0 10
0 0.001
VDS (volts)
tp (seconds)
7-11
2N7002
Typical Performance Curves
BVDSS Variation with Temperature
1.1 10
On-Resistance vs. Drain Current
8
VGS = 5V
BVDSS (normalized)
RDS(ON) (ohms)
6
VGS = 10V
1.0
4
2
0.9 -50 0 50 100 150
0 0 0.5 1.0 1.5 2.0 2.5
Tj (C) Transfer Characteristics
2.0
ID (amperes)
VGS(th) and RDS(ON) Variation with Temperature
2.0
VDS = 25V
1.6
1.4
RDS(ON) @ 10V, 0.5A
1.6
1.2 1.2 1.0 0.8 0.8
1.2
25C
0.8
VGS(th) @ 1mA
0.4
125C
0.4
0.6 0 0 2 4 6 8 10 -50 0 50 100 150 0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
50 10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
8
VDS = 10V
C (picofarads)
VGS (volts)
CISS
25
90 pF
6
4
COSS
2
30 pF CRSS
0 0 10 20 30 40 0 0 0.2 0.4 0.6
VDS = 40V
0.8
1.0
VDS (volts)
QG (nanocoulombs)
7-12
RDS(ON) (normalized)
VGS(th) (normalized)
TA = -55C
ID (amperes)


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X