Part Number Hot Search : 
UL1101N IC16F6 74004 4DFT1G MB905 FCE20 4050N 302A2400
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3904
NPN SMALL SIGNAL TRANSISTOR Features
Epitaxial Planar Die Construction Available in both Through-Hole and Surface Mount Packages Ideal for Switching and Amplifier Applications Complementary PNP Type Available (2N3906)
E
A B
TO-92 Dim A B C D E G
D
Min 4.32 4.32 12.50 0.36 3.15 2.29 1.14
Max 4.83 4.78 15.62 0.56 3.94 2.79 1.40
Mechanical Data
Case: TO-92, Plastic Leads: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Type Number Weight: 0.18 grams (approx.)
C
H
BOTTOM VIEW
CBE
All Dimensions in mm
H
H G
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25 C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM (Note 1) (Note 1) Pd R
JA
Characteristic
2N3904 60 40 5.0 100 200 500 250 -55 to +150
Unit V V V mA mA mW K/W C
Collector Current - Continuous Collector Current - Peak Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range Notes:
Tj, TSTG
1. Leads maintained at a distance of 2.0mm from body at specified ambient temperature. 2. Pulse test: Pulse width 300 s, duty cycle 2%.
Electrical Characteristics
Characteristic
@ TA = 25 C unless otherwise specified Symbol Min 50 70 100 60 30 Max Unit Test Condition -VCE = 1.0V,- IC = 0.1mA -VCE = 1.0V,- IC = 1.0mA -VCE = 1.0V,- IC = 10mA -VCE = 1.0V,- IC = 50mA -VCE = 1.0V,- IC = 100mA V (Note 2) -IC = 10mA,- IB = 1.0mA -IC = 50mA,- IB = 5.0mA (Note 2) -IC = 10mA, -IB = 1.0mA -IC = 50mA, -IB = 5.0mA -VEB = 3.0V, -VCE = 30V -VEB = 3.0V, -VCE = 30V -IC = 10A, -IB = 0 -IC = 1.0mA,- IE = 0 (Note 2) -IE = 10A,- IC = 0 VCE = 20V, -IC = 10mA, -f = 100MHz -VCB = 5.0V, -IE = 0, f = 100kHz -VEB = 0.5V, -IC = 0, f = 100kHz -VCE = 5.0V, -IC = 100 A, RG = 1.0k , -f = 10 to 15000Hz -IB1 = 1.0mA, -IC = 10mA, VCC = 3.0V, VBE(off) = 0.5V -IB1 = 1.0mA,- IC = 10mA, -VCC = 3.0V, -VBE(off) = 0.5V -IB1 =- IB2 = 1.0mA, -IC = 10mA, -VCC = 3.0V -IB1 =- IB2 = 1.0mA, -IC = 10mA, -VCC = 3.0V
DC Current Gain
hFE
300
Collector Saturation Voltage
VCE(SAT)
0.25 0.40 0.85 0.95 50 50 60 40 5.0 250 -- -- -- -- 4.5 10 5.0
Base Saturation Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-base Breakdown voltage Gain Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance Noise Figure Delay Time Rise Time Storage Time Fall Time
VBE(SAT) ICEX IBL V(BR)CBO V(BR)CEO V(BR)EBO fT CCBO CEBO
V nA nA V V V MHz pF pF dB ns ns ns ns
td tr ts tf
35 35 225 75
Notes:
1. Leads maintained at a distance of 2.0mm from body at specified ambient temperature. 2. Pulse test: Pulse width 300 s, duty cycle 2%.


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X