Part Number Hot Search : 
LT3695 4H087B MS5F5 20457 9000AM 101M35 SMA33 BA10393
Product Description
Full Text Search
 

To Download XP0121M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP0121M
Silicon NPN epitaxial planar type
(0.425)
Unit: mm
0.12+0.05 -0.02
For switching/digital circuits Features
* Two elements incorporated into one package (Emitter-coupled transistors with built-in resistor) * Reduction of the mounting area and assembly cost by one half
0.200.05 5 4
1.250.10 2.10.1
1
2
3
(0.65) (0.65) 1.30.1 2.00.1 10
Basic Part Number
* UNR221M x 2
0.90.1
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg Rating 50 50 100 150 150 -55 to +150 Unit V V mA mW C C
1: Base (Tr1) 2: Emitter 3: Base (Tr2) EIAJ: SC-88A
0 to 0.1
0.9+0.2 -0.1
4: Collector (Tr2) 5: Collector (Tr1) SMini5-G1 Package
Marking Symbol: EM Internal Connection
5 Tr1 4 Tr2
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio hFE Ratio * Collector-emitter saturation voltage Output voltage high-level Output voltage low-level Input resistance Resistance ratio Transition frequency Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE(Small
/Large)
1
2
5
3
Conditions IC = 10 A, IE = 0 IC = 2 mA, IB = 0 VCB = 50 V, IE = 0 VCE = 50 V, IB = 0 VEB = 6 V, IC = 0 VCE = 10 V, IC = 5 mA VCE = 10 V, IC = 5 mA IC = 10 mA, IB = 0.3 mA VCC = 5 V, VB = 0.5 V, RL = 1 k VCC = 5 V, VB = 2.5 V, RL = 1 k
Min 50 50
Typ
Max
0.1 0.5 0.2 80 0.50 0.99 0.25 4.9 0.2 -30% 2.2 0.047 +30%
VCE(sat) VOH VOL R1 R1 / R 2 fT
VCB = 10 V, IE = -2 mA, f = 200 MHz
150
MHz
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Ratio between 2 elements
0.20.1
Unit V V A A mA V V V k
Publication date: June 2003
SJJ00235BED
1
XP0121M
PT Ta
250
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
IB = 1.0 mA 0.9 mA 0.8 mA
VCE(sat) IC
1 IC / IB = 10
Total power dissipation PT (mW)
120
200
Collector current IC (mA)
0.7 mA 0.6 mA 0.5 mA 0.4 mA 0.3 mA
150
80 0.2 mA
0.1
100
Ta = 75C -25C 25C
40 0.1 mA
50
0
0
40
80
120
160
0
0
2
4
6
8
10
12
0.01 0.1
1
10
100
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (mA)
hFE IC
400 Ta = 75C
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
VCE = 10 V 10 f = 1 MHz Ta = 25C
IO VIN
103 VO = 5 V Ta = 25C
Forward current transfer ratio hFE
25C
Output current IO (A)
1
300
102
200
-25C
10
100
0
1
10
100
1 000
1
0 10 20 30 40
0
1
2
Collector current IC (mA)
Collector-base voltage VCB (V)
Input voltage VIN (V)
VIN IO
100 VO = 0.2 V Ta = 25C
Input voltage VIN (V)
10
1
0.1 0.1
1
10
100
Output current IO (mA)
2
SJJ00235BED


▲Up To Search▲   

 
Price & Availability of XP0121M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X