Part Number Hot Search : 
MJD44H1 BAT54STA UF4001 E1UPA NTP2955 16SC2R2M Z80ASIO0 ML580006
Product Description
Full Text Search
 

To Download UM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Mini DyadTM
UM2
Features * Small size Easily surface mountable * Hermetically sealed * Easily formed leads
Description Clare's Ultra-Mini DyadTM is well suited for small, signal switching applications. The small size lends itself to surface mountable applications; working well on higher density PC boards. The Ultra-Mini DyadTM has sputtered ruthenium contacts and an extraordinary seal strength achieved by a patented laser sealing of the leads. In low level or dry switching environments, switches typically exceed 1 billion operations.
Applications * Proximity Sensors * Relays * Telecommunications * Automation control * Medical
Ordering Information
A complete part number is represented by the digits to the right. For example, UM2S1030 is an ULTRA-MINI DYADTM with a minimum operate value of 10, and a maximum of 30. Refer to the switch operating specification charts for available ranges. Special ranges are available upon request.
UM2 S XX XX
Minimum Operate Value (NI) Maximum Operate Value (NI)
Surface Mount Ultra-Mini Dyad Refer to operating characteristics table for complete part number.
Standard Test Coil UM2
Part # Coil Definition Coil Resistance Number of Turns Wire Size Bobbin Diameter (inside cell) Winding Length Coil-1 NARM1 CTC01 1200 5,000 0.0399mm (AWG 46) 3.96mm 10.4mm
Ultra-Mini DYADTM Part #
UM2S1015 UM2S1020 UM2S1030 UM2S1520 UM2S1525 UM2S2025
Operate Range (NI)1
10 to 15 10 to 20 10 to 30 15 to 20 15 to 25 20 to 25
Ultra-Mini DYADTM Surface Mount Part #
UM2319 UM2315 UM2376 UM2325 UM2341 UM2378
1
Operate Range (NI)1,2,3
10 to 15 10 to 20 10 to 30 15 to 20 15 to 25 20 to 25
Tolerance = 1.5NI 2 Full Blade Sensitivity 3 Surface Mount Switches are packaged 3,000 parts per reel
DS-UM2-R2
www.clare.com
1
Ultra-Mini DyadTM UM2
Ratings (@ 25 C)
Parameter Switching Voltage Switching Current Carry Current Switching Fequency Contact Resistance
1 2
Min -- -- -- -- --
Typ Max Units -- -- -- 500 -- 175 Volts 0.25 Amps 0.50 Amps -- Hz 300 m
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw / oC Derate Linearly 3.67 mw / oC
Specifications
PARAMETER Contact Ratings Switching Voltage Switching Current Carry Current Contact Rating Static Contact Resistance Contact Material Electrical Ratings Operate Sensitivity Release Sensitivity Insulation Resistance Capacitance Across Open Contacts Dielectric Strength Operate Time, including bounce Release Time Environmental Ratings Operating Temperature Storage Temperature Soldering Temperature Vibration Resistance Shock Resistance CONDITIONS Max DC/Peak AC Resist Max DC/Peak AC Resist Max DC/Peak AC Resist Max DC/Peak AC Resist 100mV, 20mA SYMBOL VL IL IC CR IR TOP TREL TO TA G S MIN 10 5 109 200 -40 -40 TYP .120 Ru 1011 0.3 0.4 0.1 MAX 175 0.25 0.50 5 0.30 30 30 125 125 260 20 30 UNITS Volts Amps Amps VAs NI NI W pF VDC/peak AC msec. msec. C C C Gs Gs
Full Blade Tolerance = 1.5 NI Full Blade Tolerance = 1.5 NI Between all isolated pins at 100V, 25C, 40%RH Between Contacts At Nominal coil voltage, 30 Hz Square Wave Zener-Diode Suppression
10Hz-1000Hz 111ms, 1/2 Sine Wave
2
www.clare.com
Rev. 2
Ultra-Mini DyadTM UM2
Mechanical Dimensions
Ultra-Mini DYADTM
5.89 (.232Max.) 0.89 (.035Ref) 1.93 (.076 Ref)
7o Max
0.13 (.005 Ref) 34.4 2 (1.355)
1.53 (.060 Max. Ref)
Ultra-Mini DYADTM SMT
5o Max
0.89 (.035 Ref) 1.93 (.076 Ref)
6.93 (.273) 5.89 (.232 Max.) 0.13 (.005 Ref) 0.09 (.004 Min)
1.53 (.060 Max. Ref)
1.02 (.040 Ref)
10.1 6 (.400)
10o Max
0.89 (.035)
Recommended Pad Sizes
Ultra-Mini DYADTM SMT
2.54 (0.100) 3.02 (0.120) 6.76 (0.270)
Dimensions mm inches
Rev. 2
www.clare.com
3
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Switch Division 4315 Earth City Expresssway St. Louis, MO 63045 Tel: 1-314-770-1832 Fax: 1-314-770-1812 Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: PB-UM2-R2 (c)Copyright 2000, Clare, Inc. Ultra-Mini DyadTM, Mini DyadTM, and Dyad(R) are trademarks of Clare, Inc. All rights reserved. Printed in USA. 3/7/01


▲Up To Search▲   

 
Price & Availability of UM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X