Part Number Hot Search : 
BA3402 100124AA 100124AA E5116A SC102204 1N5233B 221M25 KLDVHCX
Product Description
Full Text Search
 

To Download TVL05-1220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Features
Ultra low Ripple and Noise Full SMD-Design with Ceramic Capacitores Tightly regulated Outputs High Output Stability Short Circuit Protection Shielded Metal Case Single- and Dual Output Models 2 Year Product Warranty
The TYL and TVL Series are DC/DC-Converter with very low output ripple and noise specification. These DC/DC-Converter are an ideal solution for noise sensitive applications as analoge circuits, audio applications, reference voltages or mesuring systems. SMDtechnology and a 100 % production test ensure a very high reliability of these products.
Models
Ordercode TYL 05-05S30 TYL 05-12S12 TYL 05-15S10 TYL 05-05W08 TYL 05-12W06 TYL 05-15W05 TVL 05-1220 TVL 05-1225 TVL 05-1516 TVL 05-1520 Input voltage range 5 12 15 +5 +12 +15 +12 +12 +15 +15 Output 1 VDC / VDC / VDC / VDC / VDC / VDC / VDC / VDC / VDC / VDC / 300 120 100 80 65 53 200 250 165 200 mA mA mA mA mA mA mA mA mA mA Output 2 Ripple and noise max. 6 mVpk-pk 6 mVpk-pk 6 mVpk-pk 6 mVpk-pk 6 mVpk-pk 6 mVpk-pk 3 3 3 3 mVpk-pk mVpk-pk mVpk-pk mVpk-pk
4.75 - 6 VDC
- 5 VDC / 80 mA -12 VDC / 65 mA -15 VDC / 53 mA -12 -12 -15 -15 VDC / VDC / VDC / VDC / 200 125 165 100 mA mA mA mA
4.75 - 6 VDC
www.tracopower.com
Page 1
DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Input Specifications
Input current (no load) Input current (full load) TYL models TVL models TYL models TVL models < 95 mA < 170 mA 500 mA typ. 1'600 mA typ.
Otput Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. TYL TVL - Load variation 0 - 100 % TYL TVL models: models: models: models: 3% 0.3 % max. 0.03 % max. 0.3 % max. 0.18 % max. 6 mVpk-pk max. 3 mVpk-pk max. 0.02 % / C >120 % of Iout max. indefinite (automatic rcovery)
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection
TYL models: TVL models:
General Specifications
Temperature ranges Derating Efficiency Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 F) Isolation voltage Isolation capacity Isolation resistance Switching frequency Vibration Shock Input/Output Input/Output Input/Output (500 VDC) TYL models: TVL models: - Operating - Storage - 25C ... +71C - 45C ... +85C 3%/C above 50C 60% (TVL 05-05W08: 45%) 30 - 95 % rel H max. >1'000'000h @ + 25 C 500 VDC 100 pF > 10 M Ohm 70 - 400 kHz depending on load 50 - 300 kHz depending on load 5 to 10 Hz amplitude 10 mm pk-pk 10 to 55 Hz acceleration 2 G acceleration 20 G max. time 11 ms
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Physical Specifications
Case material Potting material Weight Soldering temperature TYL models: TVL models: Steel chrome-nickel plated Silicon rubber TSE (flammability to UL94V-0) 14 g (0.49 oz) 31 g (1.09 oz) max. 260 C / 10 sec.
Application Ripple an noise reduction to <2mVpk-pk
Use external capacitores to reduce ripple an noise
Single output models:
TVL C1: 47 F/10V C2: 1 F/16V C3: 470 nF TYL 10 F/10V 1 F/16V 470 nF
+Vin +Vin +Vout
=
-Vin
TYL / TVL
low ESR type
Tantalum
Ceramic
-Vin
-Vout
Dual output models:
+Vin +Vin +Vout
TVL C1: C2+C3: C4+C5: 47 F/10V 2.2 F/16V 470 nF
TYL 10 F/10V 1 F/16V 470 nF
=
-Vin
C1
low ESR type
TYL / TVL
Common
Tantalum
Ceramic
Tantalum
Ceramic
-Vin
-Vout
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 3
Load2
C3
C5
Load1
C2
C4
Load
C1
C2
C3
DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Outline Dimensions mm (inches)
2.33
(0.9)
TYL
22.86 32.6 27.94
(1.28) (1.1) (0.9)
24
1 Bottom view 15 10 13 12 24 15.
(0.6)
TYL Pin-Out
Pin 1 10 12 13 15 24 Single -Vin (GND) -Vout -Vout +Vout +Vout +Vin (Vcc) Dual -Vin (GND) -Vout Common Common +Vout +Vin (Vcc)
5.08
(0.2)
2.58
(0.1)
5 10.3
(0.2) (0.4)
20.4
(0.8)
5.08 (0.02)
15.5
(0.61)
51.3 max
TVL
21
TVL Pin-Out
Pin 1 2 3 4 5 Dual output +Vin (Vcc) -Vin (GND) +Vout Common -Vout
(2.02)
20.32
(0.8)
Bottom view
5 4 3
1.8
(0.07)
15.5 10.16 10.16
(0.61) (0.4) (0.4)
20.32
(0.8)
6
8
51.3 max
(2.02)
(0.24) (0.31)
Pin diameter o 0.6
0.05
(0.023 0.002)
Tolerances 0.5 (0.02) Specifications can be changed without notice
Rev. 12/00
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
*
internet: http://www.tracopower.com
Page 4


▲Up To Search▲   

 
Price & Availability of TVL05-1220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X