Part Number Hot Search : 
MLD5122 R2010 P332MR 1N482 2N6718V ST7261 21W00 4N100
Product Description
Full Text Search
 

To Download TLP172G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP172G
TOSHIBA Photocoupler Photorelay
TLP172G
Modem*Fax Cards, Modems in PC Telecommunications PBX Measurement Equipment
The Toshiba TLP172G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a SOP, which is suitable for surface mount assembly. The TLP172G is suitable for the modem applications which require space savings. * * * * * * * * 4-pin SOP (2.54SOP4): Height = 2.1 mm, Pitch = 2.54 mm 1-Form-A Peak Off-state voltage: 350 V (min) Trigger LED current: 3 mA (max) On-state current: 110 mA (max) On-state resistance: 35 (max t < 1 s) On-state resistance: 50 (max continuous) Isolation voltage: 1500 Vrms (min) JEDEC JEITA TOSHIBA Weight: 0.1 g (typ.)
1 4 1: Anode 2: Cathode 3: Drain 4: Drain 2 3
Unit: mm
11-5H1
Pin Configuration (top view)
1
2002-04-18
TLP172G
Maximum Rating (Ta = 25C)
Characteristics Forward current Forward current derating (Ta > 25C) = Reverse voltage Junction temperature Off-state output terminal voltage On-state current Detector On-state current derating (Ta > 25C) = Junction temperature Storage temperature range Operating temperature range Lead soldering temperature (10 s) Isolation voltage (AC, 1 min, R.H. < 60%) = (Note 1) Symbol IF DIF/C VR Tj VOFF ION DION/C Tj Tstg Topr Tsol BVS Rating 50 -0.5 5 125 350 110 -1.1 125 -55~125 -40~85 260 1500 Unit mA mA/C V C V mA mA/C C C C C Vrms
LED
Note 1: Device considered a two-terminal device: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristics Supply voltage Forward current On-state current Operating temperature Symbol VDD IF ION Topr Min 3/4 5 3/4 -20 Typ. 3/4 7.5 3/4 3/4 Max 280 25 100 65 Unit V mA mA C
Electrical Characteristics (Ta = 25C)
Characteristics Forward voltage LED Reverse current Capacitance Detector Off-state current Capacitance Symbol VF IR CT IOFF COFF Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz VOFF = 350 V V = 0, f = 1 MHz Min 1.0 3/4 3/4 3/4 3/4 Typ. 1.15 3/4 30 3/4 30 Max 1.3 10 3/4 1 3/4 Unit V mA pF mA pF
2
2002-04-18
TLP172G
Coupled Electrical Characteristics (Ta = 25C)
Characteristics Trigger LED current Return LED current On-state resistance Symbol IFT IFC RON Test Condition ION = 110 mA IOFF = 100 mA ION = 110 mA, IF= 5 mA, t < 1 s ION = 110 mA, IF= 5 mA, continuous Min 3/4 0.1 3/4 3/4 Typ. 1 3/4 25 35 Max 3 3/4 35 50 Unit mA mA W
Isolation Characteristics (Ta = 25C)
Characteristics Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0 V, f = 1 MHz VS = 500 V, R.H. < 60% = AC, 1 min Isolation voltage BVS AC, 1 s, in oil DC, 1 min, in oil Min 3/4 5 10
10
Typ. 0.8 10
14
Max 3/4 3/4 3/4 3/4 3/4
Unit pF W Vrms Vdc
1500 3/4 3/4
3/4 3000 3000
Switching Characteristics (Ta = 25C)
Characteristics Turn-on time Turn-off time Symbol tON tOFF Test Condition RL = 200 W VDD = 20 V, IF = 5 mA Min 3/4 (Note 2) 3/4 Typ. 0.3 0.1 Max 1 1 Unit ms
Note 2: Switching time test circuit
IF VDD IF VOUT 2 3 VOUT 10% tON 90% tOFF
1
4
RL
3
2002-04-18
TLP172G
IF - Ta
100 240
ION - Ta
(mA) ION Allowable On-sate current
(mA)
80
200
IF
Allowable forward current
160
60
120
40
80
20
40
0 -20
0
20
40
60
80
100
120
0 -20
0
20
40
60
80
100
120
Ambient temperature Ta (C)
Ambient temperature Ta (C)
IF - VF
100 Ta = 25C 200 Ta = 25C IF = 5 mA
ION - VON
(mA)
(mA) On-state current ION
30
100
10
Forward current IF
3
0
1
-100
0.3
0.1 0.6
0.8
1
1.2
1.4
1.6
1.8
-200 -4
-3
-2
-1
0
1
2
3
4
Forward voltage
VF
(V)
On-state voltage
VON
(V)
RON - Ta
50 ION = 110 mA IF = 5 mA t<1s 5 ION = 110 mA t<1s 4
IFT - Ta
40
RON
30
IFT
3 20
Trigger LED current
On-state resistance
(mA)
(W)
2
10
1
0 -20
0
20
40
60
80
100
0 -20
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
4
2002-04-18
TLP172G
tON, tOFF - IF
3000 Ta = 25C VDD = 20 V RL = 200 W 3000
tON, tOFF - Ta
(ms)
1000
(ms)
1000 tON 300
tON, tOFF
300 tOFF 100
Switching time
Switching time
tON, tOFF
100
tOFF
30 tON 10 1 3 10 30 100 300
30
VDD = 20 V RL = 200 W IF = 5 mA 0 20 40 80 80 100
10 -20
Input current
IF (mA)
Ambient temperature Ta (C)
IOFF - Ta
100 VOFF = 350 V
(nA) Off-state current IOFF
30
10
3
1
0.3
0.1 -20
0
20
40
80
80
100
Ambient temperature Ta (C)
5
2002-04-18
TLP172G
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-04-18


▲Up To Search▲   

 
Price & Availability of TLP172G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X