Part Number Hot Search : 
10RA2C9P RFB3306 GE01002 RF106 ZMM68V NCSU034 RT8458 EUA2310
Product Description
Full Text Search
 

To Download TCA785 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCA 785
Phase Control IC
TCA 785
Bipolar IC
Features
q q q q q q q q
Reliable recognition of zero passage Large application scope May be used as zero point switch LSL compatible Three-phase operation possible (3 ICs) Output current 250 mA Large ramp current range Wide temperature range
P-DIP-16-1
Type TCA 785
Ordering Code Q67000-A2321
Package P-DIP-16-1
This phase control IC is intended to control thyristors, triacs, and transistors. The trigger pulses can be shifted within a phase angle between 0 and 180 . Typical applications include converter circuits, AC controllers and three-phase current controllers. This IC replaces the previous types TCA 780 and TCA 780 D. Pin Definitions and Functions Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 Pin Configuration (top view) Semiconductor Group 14 15 16 1 Symbol GND Q2 QU Q2 VSYNC I QZ V REF R9 C10 V11 C12 L Q1 Q2 VS Function Ground Output 2 inverted Output U Output 1 inverted Synchronous voltage Inhibit Output Z Stabilized voltage Ramp resistance Ramp capacitance Control voltage Pulse extension Long pulse Output 1 Output 2 Supply voltage 09.94
TCA 785
Functional Description The synchronization signal is obtained via a high-ohmic resistance from the line voltage (voltage V5). A zero voltage detector evaluates the zero passages and transfers them to the synchronization register. This synchronization register controls a ramp generator, the capacitor C10 of which is charged by a constant current (determined by R9). If the ramp voltage V10 exceeds the control voltage V11 (triggering angle ), a signal is processed to the logic. Dependent on the magnitude of the control voltage V11, the triggering angle can be shifted within a phase angle of 0 to 180. For every half wave, a positive pulse of approx. 30 s duration appears at the outputs Q 1 and Q 2. The pulse duration can be prolonged up to 180 via a capacitor C12. If pin 12 is connected to ground, pulses with a duration between and 180 will result. Outputs Q 1 and Q 2 supply the inverse signals of Q 1 and Q 2. A signal of +180 which can be used for controlling an external logic,is available at pin 3. A signal which corresponds to the NOR link of Q 1 and Q 2 is available at output Q Z (pin 7). The inhibit input can be used to disable outputs Q1, Q2 and Q 1 , Q 2 . Pin 13 can be used to extend the outputs Q 1 and Q 2 to full pulse length (180 - ).
Block Diagram Semiconductor Group 2
TCA 785
Pulse Diagram
Semiconductor Group
3
TCA 785
Absolute Maximum Ratings Parameter Supply voltage Output current at pin 14, 15 Inhibit voltage Control voltage Voltage short-pulse circuit Synchronization input current Output voltage at pin 14, 15 Output current at pin 2, 3, 4, 7 Output voltage at pin 2, 3, 4, 7 Junction temperature Storage temperature Thermal resistance system - air Operating Range Supply voltage Operating frequency Ambient temperature VS f TA 8 10 - 25 18 500 85 V Hz C Symbol min. VS IQ V6 V11 V13 V5 VQ IQ VQ Tj Tstg Rth SA - 55 - 0.5 - 10 - 0.5 - 0.5 - 0.5 - 200 Limit Values max. 18 400 VS VS VS
Unit V mA V V V
A
200
VS 10 VS 150 125 80
V mA V C C K/W
Characteristics 8 VS 18 V; - 25 C TA 85 C; f = 50 Hz Parameter Supply current consumption S1 ... S6 open V11 = 0 V C 10 = 47 nF; R 9 = 100 k Synchronization pin 5 Input current R 2 varied Offset voltage Control input pin 11 Control voltage range Input resistance Semiconductor Group Symbol min. IS 4.5 Limit Values typ. 6.5 max. 10 Unit Test Circuit mA 1
I5 rms
V5
30 30 0.2 15 4
200 75 V10 peak
A
1
mV 4 V k 1 5
V11 R11
TCA 785
Characteristics (cont'd) 8 VS 18 V; - 25 C TA 85 C; f = 50 Hz Parameter Ramp generator Charge current Max. ramp voltage Saturation voltage at capacitor Ramp resistance Sawtooth return time Inhibit pin 6 switch-over of pin 7 Outputs disabled Outputs enabled Signal transition time Input current V6 = 8 V Input current V6 = 1.7 V Deviation of I10 R 9 = const. VS = 12 V; C10 = 47 nF Deviation of I10 R 9 = const. VS = 8 V to 18 V Deviation of the ramp voltage between 2 following half-waves, VS = const. Long pulse switch-over pin 13 switch-over of S8 Short pulse at output Long pulse at output Input current V13 = 8 V Input current V13 = 1.7 V Outputs pin 2, 3, 4, 7 Reverse current VQ = VS Saturation voltage IQ = 2 mA Symbol min. I10 V10 V10 R9 tf 10 100 3 225 80 Limit Values typ. max. 1000 V2 - 2 350 300 Unit Test Circuit
A
V 1 mV 1.6 k 1 s 1
V6 L V6 H tr I6 H - I6 L I10
4 1
3.3 3.3 500
2.5 5 800 200 5
V V
s A A
1 1 1 1 1 1
80 -5
150
% %
I10
- 20
20
1
V10 max
1
%
V13 H V13 L I13 H - I13 L
3.5
2.5 2.5
2 10 100
V V
A A
1 1 1 1
45
65
ICEO Vsat 0.1 0.4
10 2
A
2.6 2.6
V
Semiconductor Group
5
TCA 785
Characteristics (cont'd) 8 VS 18 V; - 25 C TA 85 C; f = 50 Hz Parameter Outputs pin 14, 15 H-output voltage - I Q = 250 mA L-output voltage IQ = 2 mA Pulse width (short pulse) S9 open Pulse width (short pulse) with C12 Internal voltage control Reference voltage Parallel connection of 10 ICs possible TC of reference voltage Symbol min. V14/15 H V14/15 L tp tp VS - 3 0.3 20 530 Limit Values typ. VS - 2.5 0.8 30 620 max. VS - 1.0 2 40 760 Unit Test Circuit V V
s s/
3.6 2.6 1 1
nF VREF
REF
2.8
3.1 2 x 10 - 4
3.4 5 x 10 - 4
V
1
1/K 1
Semiconductor Group
6
TCA 785
Application Hints for External Components min Ramp capacitance C10 500 pF V11 x R9 x C10 VREF x K VREF x K R9
2)
max 1 F1)
2)
The minimum and maximum values of I10 are to be observed
Triggering point
tTr =
Charge current
I10 =
Ramp voltage V10 max = VS - 2 V V10 =
VREF x K x t R9 x C10
2)
Pulse Extension versus Temperature
1) 2)
Attention to flyback times K = 1.10 20 %
Semiconductor Group
7
TCA 785
Output Voltage measured to + VS
Supply Current versus Supply Voltage
Semiconductor Group
8
TCA 785
It is necessary for all measurements to adjust the ramp with the aid of C10 and R 9 in the way that 3 V Vramp max V S - 2 V e.g. C10 = 47 nF; 18 V: R 9 = 47 k; 8 V: R 9 = 120 k
Test Circuit 1 Semiconductor Group 9
TCA 785
The remaining pins are connected as in test circuit 1
Test Circuit 2
The remaining pins are connected as in test circuit 1 Test Circuit 3
Semiconductor Group
10
TCA 785
Remaining pins are connected as in test circuit 1 The 10 F capacitor at pin 5 serves only for test purposes Test Circuit 4
Test Circuit 5 Semiconductor Group 11
Test Circuit 6
TCA 785
Inhibit 6
Long Pulse 13
Pulse Extension 12
Reference Voltage 8
Semiconductor Group
12
TCA 785
Application Examples Triac Control for up to 50 mA Gate Trigger Current
A phase control with a directly controlled triac is shown in the figure. The triggering angle of the triac can be adjusted continuously between 0 and 180 with the aid of an external potentiometer. During the positive half-wave of the line voltage, the triac receives a positive gate pulse from the IC output pin 15. During the negative half-wave, it also receives a positive trigger pulse from pin 14. The trigger pulse width is approx. 100 s. Semiconductor Group 13
TCA 785
Fully Controlled AC Power Controller Circuit for Two High-Power Thyristors Shown is the possibility to trigger two antiparalleled thyristors with one IC TCA 785. The trigger pulse can be shifted continuously within a phase angle between 0 and 180 by means of a potentiometer. During the negative line half-wave the trigger pulse of pin 14 is fed to the relevant thyristor via a trigger pulse transformer. During the positive line half-wave, the gate of the second thyristor is triggered by a trigger pulse transformer at pin 15. Semiconductor Group 14
TCA 785
Half-Controlled Single-Phase Bridge Circuit with Trigger Pulse Transformer and Direct Control for Low-Power Thyristors Semiconductor Group 15
TCA 785
Half-Controlled Single-Phase Bridge Circuit with Two Trigger Pulse Transformers for Low-Power Thyristors Semiconductor Group 16


▲Up To Search▲   

 
Price & Availability of TCA785

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X