|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sensors Infrared light emitting diode, top view type SIR-320ST3F The SIR-320ST3F is a GaAs infrared light emitting diode housed in clear plastic. This device has a high luminous efficiency and a 940 nm spectrum suitable for silicon detectors. It is small and at the same time has a wide radiation angle, making it ideal for compact optical control equipment. FApplications Optical control equipment Light source for remote control devices FExternal dimensions (Units: mm) FFeatures 1) Compact (3.1 mm). 2) High efficiency, high output PO = 9.0 mW (IF = 50 mA). 3) Wide radiation angle = 18_. 4) Emission spectrum well suited to silicon detectors (P = 940 nm). 5) Good current-optical output linearity. 6) Long life, high reliability. 7) Low cost, clear epoxy resin package. FAbsolute maximum ratings (Ta = 25_C) 168 Sensors FElectrical and optical characteristics (Ta = 25_C) SIR-320ST3F FElectrical and optical characteristic curves 169 Sensors FDirectional pattern SIR-320ST3F 170 |
Price & Availability of SIR-320ST3F |