Part Number Hot Search : 
MAX354 M41T81S PE4512 A106R XN5601 TM128 G1402P1T NTE5496
Product Description
Full Text Search
 

To Download RF2442 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2442
4
Typical Applications
* TDMA/CDMA/FM Cellular Rx LNA * TDMA/CDMA PCS Rx LNA * Low Noise Transmit Driver Amplifier * ISM Band LNA/Driver * General Purpose Amplification * Commercial and Consumer Systems
HIGH-LINEARITY LOW NOISE AMPLIFIER
Product Description
The RF2442 is a low noise amplifier with a very high dynamic range designed for the receive front end of digital cellular applications at 900MHz, 1900MHz, and 2400MHz. It is designed to amplify low level signals with minimum noise contribution while operating in the harsh, interference-rich environments of newly deployed digital subscriber units. The device also functions as an outstanding PA driver amplifier in the transmit chain of digital subscriber units where low transmit noise power is a concern. The device supports trade-offs between linearity and current drain. The designer has control of these trade-offs with the choice of an external bias resistor. The IC is featured in a standard miniature 8-lead plastic MSOP package. Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS
0.192 + 0.008 0.012 0.006 + 0.003 -A-
4
GENERAL PURPOSE AMPLIFIERS
0.0256
0.118 + 0.004 sq. 6 MAX 0 MIN
0.034
NOTES: 1. Shaded lead is pin 1. 2. All dimensions are exclusive of flash, protrusions or burrs. 3. Lead coplanarity: 0.002 with respect to datum "A".
0.021 + 0.004
0.006 + 0.002
u
Package Style: MSOP-8
GaAs HBT SiGe HBT
GaAs MESFET Si CMOS
Features
* Low Noise and High Intercept Point * External Bias Control * Single 2.5V to 5.0V Power Supply * 500MHz to 2500MHz Operation * Extremely Small MSOP-8 Package
VCC1 1 GND1 2 RF IN 3 GND2 4
8 VCC2 7 NC 6 RF OUT 5 NC
Ordering Information
RF2442 RF2442 PCBA-L RF2442 PCBA-M RF2442 PCBA-H High-Linearity Low Noise Amplifier Fully Assembled Evaluation Board (~900MHz) Fully Assembled Evaluation Board (~1900MHz) Fully Assembled Evaluation Board (~2400MHz)
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Rev B6 010612
4-231
RF2442
Absolute Maximum Ratings Parameter
Supply Voltage Input RF Level Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +6.0 +10 -40 to +85 -40 to +150
Unit
VDC dBm C C
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall
Specification Min. Typ. Max.
500 to 2500
Unit
MHz
Condition
Requires input tuning inductor below 1GHz Schematic Evaluation Board L (RC =0), T=25C, RF=881MHz VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V Schematic Evaluation Board M (RC =0), T=25C, RF=1960MHz VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V
4
GENERAL PURPOSE AMPLIFIERS
RF Frequency Range
881MHz Performance
Gain 18 17 16 20 19 18 +13 +11 +27 +22 +16 1.6 1.5 1.4 24 24 23 22 21 20 dB dB dB dBm dBm dBm dBm dBm dB dB dB dB dB dB
Output P1dB Output IP3 +21 +16 +10
Noise Figure
2.5 2.5 2.5
Reverse Isolation
22 22 21
1960MHz Performance
Gain 10 10 10 12 12 12 +16 +13 +26 +21 +15 1.6 1.5 1.4 20 19 19 14 14 14 dB dB dB dBm dBm dBm dBm dBm dB dB dB dB dB dB
Output P1dB Output IP3 +20 +15 +9
Noise Figure
2.3 2.1 2.0
Reverse Isolation
18 17 17
4-232
Rev B6 010612
RF2442
Parameter
2400MHz Performance
Gain 7 7 6 +20 +15 +9 9 9 8 +26 +21 +15 1.6 1.5 1.4 17 17 17 2.5 to 5.0 19 12 9 11 11 10 dB dB dB dBm dBm dBm dB dB dB dB dB dB V mA mA mA
Specification Min. Typ. Max.
Unit
Condition
Schematic Evaluation Board H (RC =0), T=25C, RF=2400MHz VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V VCC =3.6V VCC =3.0V VCC =2.5V T=25C VCC =3.6V VCC =3.0V VCC =2.5V
Output IP3
Noise Figure
2.5 2.3 2.1
4
GENERAL PURPOSE AMPLIFIERS
Reverse Isolation
16 16 16
Power Supply
Voltage Current Consumption 17 10 7 30 23 20
Rev B6 010612
4-233
RF2442
Pin 1 Function VCC1 Description
Supply voltage for the LNA. External RF and IF bypassing is required. The trace length between the pin and the bypass capacitors should be minimized. The ground side of the bypass capacitors should connect immediately to ground plane. This pin connects to pin 8 through a 150 resistor. This allows for simple biasing of the collector at pin 6. Refer to Application Schematics 1 and 3. Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. RF input pin. This pin is internally DC-blocked and matched to 50 for frequencies above 1GHz. When using below 1GHz, it is recommended that this pin be matched with series inductance to series-resonate out the internal blocking capacitor. Refer to Application Schematics 1 and 2. Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. No connection. This pin is typically left unconnected or grounded. LNA Output pin. This pin is an open-collector output. It must be biased to either VCC or pin 8 through a choke or matching inductor. This pin is typically matched to 50 with a shunt bias/matching inductor and series blocking/matching capacitor. Refer to application schematics. No connection. This pin is typically left unconnected or grounded. Optional power supply connection for biasing pin 6. This pin connects to pin 1 through a 150 resistor. This allows for simple biasing of the collector at pin 6. When used, this pin should be RF bypassed. Refer to Application Schematics 1 and 3. See pin 3.
Interface Schematic
150 VCC1 BIAS VCC2
2 3
GND1 RF IN
To bias circuits LNA OUT LNA IN
4
GENERAL PURPOSE AMPLIFIERS
4 5 6
GND2 NC RF OUT
7 8
NC VCC2
See pin 1.
4-234
Rev B6 010612
RF2442
Evaluation Board Schematic (L board) ~900 MHz
(Download Bill of Materials from www.rfmd.com.)
C1 1 nF VCC C2 22 pF 1 L2 8.2 nH C5 1.5 pF 2 3 4 24424018 7 6 5 C4 1.5 pF L1 15 nH C3 22 pF 50 strip J2 RF OUT R1 0
Evaluation Board Schematic (M board) ~1900 MHz
C1 1 nF VCC C2 22 pF 1 2 J1 R F IN 50 strip 3 4 6 5 C4 1.0 pF 2442400B 8 7 L1 4.7 nH C3 22 pF 50 strip J2 RF OUT R1 0
Evaluation Board Schematic (H board) ~2400 MHz
C1 1 nF VCC C2 22 pF 1 2 J1 R F IN 50 strip 3 4 6 5 C4 0.5 pF 24424028 7 L1 3.9 nH C3 22 pF 50 strip J2 RF OUT R1 0
Rev B6 010612
4-235
GENERAL PURPOSE AMPLIFIERS
J1 R F IN
50 strip
4
RF2442
Evaluation Board Layout 900MHz Board Size 1.150" x 1.165"
4
GENERAL PURPOSE AMPLIFIERS
Evaluation Board Layout 1900MHz Board Size 1.150" x 1.165"
4-236
Rev B6 010612
RF2442
Evaluation Board Layout 2400MHz Board Size 1.150" x 1.165"
4
GENERAL PURPOSE AMPLIFIERS
Rev B6 010612
4-237
RF2442
30
Gain vs. Output Level (Freq = 881MHz)
Vcc=3.0, Noise Match Vcc=3.0, Gmax Match Vcc=3.6, Noise Match
Noise Figure vs. Frequency
2.5
2.0
25
Vcc=3.6, Gmax Match
Noise Figure (dB)
Gain (dB)
1.5
20
1.0 Vcc=3.0, Noise Match
4
GENERAL PURPOSE AMPLIFIERS
15 0.5
Vcc=3.0, Gmax Match Vcc=3.6, Noise Match Vcc=3.6, Gmax Match
10 -10 -5 0 5 10 15
0.0 800
850
900
950
1000
Output Level (dBm)
Frequency (MHz)
10
Input IP3 vs. Input Level (Freq = 881MHz)
30
Output IP3 vs. Output Level (Freq = 881MHz)
5
25
0
Output IP3 (dBm)
Vcc=3.0, Noise Match
Input IP3 (dBm)
20
Vcc=3.0, Noise Match 15 Vcc=3.0, Gmax Match Vcc=3.6, Noise Match Vcc=3.6, Gmax Match
-5
Vcc=3.0, Gmax Match Vcc=3.6, Noise Match Vcc=3.6, Gmax Match
-10 -30 -25 -20 -15 -10 -5
10 -10 -5 0 5 10 15
Input Level (dBm)
Output Level (dBm)
10 0
Output IM3 Level vs. Input Level (Freq = 881MHz)
Vcc=3.0, Noise Match Vcc=3.6, Noise Match
20
Power Out vs. Power In (Freq = 881MHz)
15
Output IM3 Level, per tone (dBm)
-10 Ideal IM3 Slope -20 -30 -40 -50 -60 -70 -5 -80 -90 -30 -25 -20 -15 -10 -5 -10 -30 -25 -20 -15 -10 -5
Output Level, single tone (dBm)
10
Vcc = 3.0V Vcc = 3.6V Ideal Gain Slope (3.6V)
5
0
Input Level, per tone (dBm)
Input Level, single tone (dBm)
4-238
Rev B6 010612
RF2442
25
Icc vs. Output Level (Freq = 881MHz)
Vcc=3.0, Noise Match Vcc=3.0, Gmax Match Vcc=3.6, Noise Match
50% 45% 40% 35%
Efficiency vs. Output Level (Freq = 881MHz)
Vcc=3.0, Noise Match Vcc=3.0, Gmax Match Vcc=3.6, Noise Match
20
Vcc=3.6, Gmax Match
Vcc=3.6, Gmax Match
Efficiency (%)
30% 25% 20% 15%
Icc (mA)
15
10 10% 5% 5 -10 -5 0 5 10 15 0% -10 -5 0 5 10 15
4
GENERAL PURPOSE AMPLIFIERS
Output Level (dBm)
Output Level (dBm)
20
Gain vs. Output Level (Freq = 1960MHz)
Vcc = 3.6V Vcc = 3.0V
Noise Figure vs. Frequency
2.0
1.6
Noise Figure (dB)
15
Gain (dB)
1.2
0.8
10
0.4
Vcc = 3.6V Vcc = 3.0V
5 -20 -10 0 10 20
0.0 1500
1600
1700
1800
1900
2000
Output Level (dBm)
Frequency (MHz)
20
Input IP3 vs. Input Level (Freq = 1960MHz)
30
Output IP3 vs. Input Level (Freq = 1960MHz)
15
25
Input IP3 (dBm)
10
Input IP3 (dBm)
Vcc = 3.6V Vcc = 3.0V
20
5
15
Vcc = 3.6V Vcc = 3.0V
0 -20 -15 -10 -5 0
10 -20 -15 -10 -5 0
Input Level (dBm)
Input Level (dBm)
Rev B6 010612
4-239
RF2442
0
Output IM3 Level vs. Input Level (Freq = 1960MHz)
Vcc = 3.6V
20
Power Out vs. Power In (Freq = 1960MHz)
-10
Vcc = 3.0V Ideal IM3 Slope
15
Output IM3 Level, per tone (dBm)
-20
Output Level, single tone (dBm)
10
-30
-40
5
-50
0 Vcc = 3.0V Vcc = 3.6V -5 Ideal Gain Slope (3.6V)
4
GENERAL PURPOSE AMPLIFIERS
-60
-70
-80 -20 -15 -10 -5 0
-10 -20 -15 -10 -5 0 5 10
Input Level, per tone (dBm)
Input Level, single tone (dBm)
25
Icc vs. Output Level (Freq = 1960MHz)
Vcc = 3.6V
70%
Efficiency vs. Output Level (Freq = 1960MHz)
Vcc = 3.0V
Vcc = 3.0V 20
60% Vcc = 3.6V 50%
Efficiency (%)
Icc (mA)
40%
15
30%
20% 10 10%
5 -20 -10 0 10 20
0% -10 -5 0 5 10 15 20
Output Level (dBm)
Output Level (dBm)
4-240
Rev B6 010612


▲Up To Search▲   

 
Price & Availability of RF2442

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X