Part Number Hot Search : 
EN25Q40 HSIP185 00002 A2V15 BZT52B75 BZT52B75 BZX51 259685
Product Description
Full Text Search
 

To Download PZM75NB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D114
PZM-N series Voltage regulator diodes
Product specification Supersedes data of 1997 Dec 15 1999 Jan 28
Philips Semiconductors
Product specification
Voltage regulator diodes
FEATURES * Total power dissipation: max. 300 mW * Small plastic package suitable for surface mounted design * Wide working voltage range: nom. 2.4 to 75 V (E24 range). APPLICATIONS * General regulation functions. DESCRIPTION Low power general purpose voltage regulator diode in a SOT346 (SC59) plastic package, suitable for surface mounted design. PINNING PIN 1 2 3 anode not connected cathode
PZM-N series
DESCRIPTION
handbook, halfpage
3
2 n.c. 3 1 Top view 2
MAM378
1
Fig.1 Simplified outline (SOT346; SC59) and symbol.
MARKING TYPE NUMBER PZM2.4N PZM2.7N PZM3.0N PZM3.3N PZM3.6N PZM3.9N PZM4.3N PZM4.7N PZM5.1N PZM5.6N PZM6.2N PZM6.8N PZM7.5N PZM8.2N PZM9.1N PZM10N PZM11N PZM12N PZM13N MARKING CODE B 2V4 2V7 3V0 3V3 3V6 3V9 4V3 4V7 5V1 5V6 6V2 6V8 7V5 8V2 9V1 10V 11V 12V 13V B1 - 271 301 331 361 391 431 471 511 561 621 681 751 821 911 101 111 121 131 B2 - 272 302 332 362 392 432 472 512 562 622 682 752 822 912 102 112 122 132 B3 - - - - - - 433 473 513 563 623 683 753 823 913 103 113 123 133 TYPE NUMBER PZM15N PZM16N PZM18N PZM20N PZM22N PZM24N PZM27N PZM30N PZM33N PZM36N PZM39N PZM43N PZM47N PZM51N PZM56N PZM62N PZM68N PZM75N - MARKING CODE B 15V 16V 18V 20V 22V 24V 27V 30V 33V 36V 39V 43V 47V 51V 56V 62V 68V 75V - B1 151 161 181 201 221 241 - - - - - - - - - - - - - B2 152 162 182 202 222 242 - - - - - - - - - - - - - B3 153 163 183 203 223 243 - - - - - - - - - - - - -
1999 Jan 28
2
Philips Semiconductors
Product specification
Voltage regulator diodes
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL IF IZSM Ptot Tstg Tj PARAMETER continuous forward current non-repetitive peak current total power dissipation storage temperature operating junction temperature tp = 100 s; square wave; Tamb = 25 C prior to surge Tamb = 25 C CONDITIONS - MIN.
PZM-N series
MAX. 250
UNIT mA
see Tables 1 and 2 - -65 - 300 +150 150 mW C C
THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER CONDITIONS VALUE 300 UNIT K/W
thermal resistance from junction to soldering point Ts = 60 C
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF IR PARAMETER forward voltage reverse current PZM2.4N PZM2.7N PZM3.0N PZM3.3N PZM3.6N PZM3.9N PZM4.3N PZM4.7N PZM5.1N PZM5.6N PZM6.2N PZM6.8N PZM7.5N PZM8.2N PZM9.1N PZM10N PZM11N PZM12N PZM13N PZM15N PZM16N 1999 Jan 28 VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1 V VR = 1.5 V VR = 2.5 V VR = 3.0 V VR = 3.5 V VR = 4.0 V VR = 5.0 V VR = 6.0 V VR = 7.0 V VR = 8.0 V VR = 9.0 V VR = 10.0 V VR = 11.0 V VR = 12.0 V 3 50 20 10 5 5 3 3 3 3 2 2 2 1 700 500 200 100 100 100 70 70 A A A A A A A A A A A A A nA nA nA nA nA nA nA nA CONDITIONS IF = 10 mA; see Fig.2 IF = 100 mA; see Fig.2 MAX. 0.9 1.1 V V UNIT
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
SYMBOL IR PZM18N PZM20N PZM22N PZM24N PZM27N PZM30N PZM33N PZM36N PZM39N PZM43N PZM47N PZM51N PZM56N PZM62N PZM68N PZM75N
PARAMETER reverse current VR = 13.0 V VR = 15.0 V VR = 17.0 V VR = 19.0 V VR = 21.0 V VR = 23.0 V VR = 25.0 V VR = 27.0 V
CONDITIONS
MAX. 70 70 70 70 70 70 70 70 50 50 50 50 50 50 50 50
UNIT nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA nA
VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom VR = 0.7 VZnom
1999 Jan 28
4
1999 Jan 28 5
Philips Semiconductors
Table 1 Per type; PZM2.4N to PZM24N Tj = 25 C unless otherwise specified. WORKING VOLTAGE VZ (V) at IZ = 5 mA; tm = 40 ms B MIN. 2.4N 2.7N 3.0N 3.3N 3.6N 3.9N 4.3N 4.7N 5.1N 5.6N 6.2N 6.8N 7.5N 8.2N 9.1N 10N 11N 12N 13N 15N 16N 18N 20N 22N 24N 2.30 2.50 2.80 3.10 3.40 3.70 4.01 4.42 4.84 5.31 5.86 6.47 7.06 7.76 8.56 9.45 10.44 11.42 12.47 13.84 15.37 16.94 18.86 20.88 22.93 MAX. 2.60 2.90 3.20 3.50 3.80 4.10 4.48 4.90 5.37 5.92 6.53 7.14 7.84 8.64 9.55 10.55 11.56 12.60 13.96 15.52 17.09 19.03 21.08 23.17 25.57 MIN. - 2.50 2.80 3.10 3.40 3.70 4.01 4.42 4.84 5.31 5.86 6.47 7.06 7.76 8.56 9.45 10.44 11.42 12.47 13.84 15.37 16.94 18.86 20.88 22.93 B1 MAX. - 2.75 3.05 3.35 3.65 3.97 4.21 4.61 5.04 5.55 6.12 6.73 7.36 8.10 8.93 9.87 10.88 11.90 13.03 14.46 16.01 17.70 19.70 21.77 23.96 MIN. - 2.65 2.95 3.25 3.55 3.87 4.15 4.55 4.98 5.49 6.06 6.65 7.28 8.02 8.85 9.77 10.76 11.74 12.91 14.34 15.85 17.56 19.52 21.54 23.72 B2 MAX. - 2.90 3.20 3.50 3.80 4.10 4.34 4.75 5.20 5.73 6.33 6.93 7.60 8.36 9.23 10.21 11.22 12.24 13.49 14.98 16.51 18.35 20.39 22.47 24.78 MIN. - - - - - - 4.28 4.69 5.14 5.67 6.26 6.86 7.52 8.28 9.15 10.11 11.10 12.08 13.37 14.85 16.35 18.21 20.21 22.23 24.54 B3 MAX. - - - - - - 4.48 4.90 5.37 5.92 6.53 7.14 7.84 8.64 9.55 10.55 11.56 12.60 13.96 15.52 17.09 19.03 21.08 23.17 25.57 DIFFERENTIAL RESISTANCE rdif () IZ = 1 mA IZ = 5 mA TEMP. COEFF. SZ (mV/K) at IZ = 5 mA TYP. -1.6 -2.0 -2.1 -2.4 -2.4 -2.5 -2.5 -1.4 -0.8 1.2 2.3 3.0 4.0 4.6 5.5 6.4 7.4 8.4 9.4 11.4 12.4 14.4 16.4 18.4 20.4 DIODE NON-REPETITIVE CAP. PEAK REVERSE Cd (pF) CURRENT at IZSM (A) f = 1 MHz; at tp = 100 s; VR = 0 Tamb = 25 C MAX. 450 440 425 410 390 370 350 325 300 275 250 215 170 150 120 110 108 105 103 99 97 93 88 84 80 MAX. 8.00 8.00 8.00 8.00 8.00 8.00 8.00 8.00 8.00 8.00 8.00 8.00 3.50 3.50 3.50 3.50 3.00 3.00 2.50 2.00 1.50 1.50 1.50 1.25 1.25
Voltage regulator diodes
PZM -XXX
TYP. MAX. TYP. MAX. 275 300 325 350 375 400 410 425 400 80 40 30 15 20 20 20 25 25 25 25 25 25 30 30 30 400 450 500 500 500 500 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 70 75 80 85 85 85 80 50 40 15 6 6 2 2 2 2 2 2 2 3 4 4 4 5 6 100 100 95 95 90 90 90 80 60 40 10 15 10 10 10 10 10 10 10 15 20 20 20 25 30
PZM-N series
Product specification
1999 Jan 28 6
Philips Semiconductors
Table 2 Per type; PZM27N to PZM75N Tj = 25 C unless otherwise specified. WORKING VOLTAGE VZ (V) at IZ = 2 mA; tm = 40 ms B MIN. 27N 30N 33N 36N 39N 43N 47N 51N 56N 62N 68N 75N 25.10 28.00 31.00 34.00 37.00 40.00 44.00 48.00 52.00 58.00 64.00 70.00 MAX. 28.90 32.00 35.00 38.00 41.00 46.00 50.00 54.00 60.00 66.00 72.00 79.00 B1 MIN. - - - - - - - - - - - - MAX. - - - - - - - - - - - - B2 MIN. - - - - - - - - - - - - MAX. - - - - - - - - - - - - B3 MIN. - - - - - - - - - - - - MAX. - - - - - - - - - - - - DIFFERENTIAL RESISTANCE rdif () IZ = 0.5 mA TYP. 35 35 40 40 40 45 45 45 50 60 75 85 MAX. 250 250 275 300 300 325 325 350 375 400 400 400 IZ = 2 mA TYP. MAX. 8 10 11 15 25 30 30 35 40 50 55 70 40 40 40 60 75 80 90 110 120 140 160 175 TEMP. COEFF. SZ (mV/K) at IZ = 2 mA TYP. 23.4 26.6 29.7 33.0 36.4 41.2 46.1 51.0 57.0 64.4 71.7 80.2 DIODE NON-REPETITIVE CAP. PEAK REVERSE Cd (pF) CURRENT at IZSM (A) f = 1 MHz; at tp = 100 s; VR = 0 Tamb = 25 C MAX. 73 66 60 59 58 56 55 52 49 44 40 35 MAX. 1.00 1.00 0.90 0.80 0.70 0.60 0.50 0.40 0.30 0.30 0.25 0.20
Voltage regulator diodes
PZM -XXX
PZM-N series
Product specification
Philips Semiconductors
Product specification
Voltage regulator diodes
GRAPHICAL DATA
PZM-N series
MBG781
MBG783
handbook, halfpage
300
handbook, halfpage
0
IF (mA) 200
SZ (mV/K) -1
4V3
3V9 3V6
100
-2
3V3 3V0 2V4 2V7
0 0.6
0.8
VF (V)
1.0
-3
0
20
40
IZ (mA)
60
Tj = 25 C.
PZM2.4N to PZM4.3N. Tj = 25 C to 150 C.
Fig.2
Forward current as a function of forward voltage; typical values.
Fig.3
Temperature coefficient as a function of working current; typical values.
MBG782
handbook, halfpage
10
12 SZ (mV/K) 5 11 10 9V1 8V2 7V5 6V8
handbook, halfpage
400
MBK204
Ptot (mW) 300
6V2 5V6 5V1 4V7
200
0
100
-5
0
4
8
12
16
IZ (mA)
20
0 0 50 100 150 Tj (C) 200
PZM4.7N to PZM12N. Tj = 25 C to 150 C.
Fig.4
Temperature coefficient as a function of working current; typical values.
Fig.5 Power derating curve.
1999 Jan 28
7
Philips Semiconductors
Product specification
Voltage regulator diodes
PACKAGE OUTLINE
Plastic surface mounted package; 3 leads
PZM-N series
SOT346
E D B
A X
HE
vMA
3
Q
A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.3 1.0 A1 0.1 0.013 bp 0.50 0.35 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 1.9 e1 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2
OUTLINE VERSION SOT346
REFERENCES IEC JEDEC TO-236 EIAJ SC-59
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1999 Jan 28
8
Philips Semiconductors
Product specification
Voltage regulator diodes
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
PZM-N series
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1999 Jan 28
9
Philips Semiconductors
Product specification
Voltage regulator diodes
NOTES
PZM-N series
1999 Jan 28
10
Philips Semiconductors
Product specification
Voltage regulator diodes
NOTES
PZM-N series
1999 Jan 28
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 489 4339/4239, Fax. +30 1 481 4240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
SCA61
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
115002/00/02/pp12
Date of release: 1999 Jan 28
Document order number:
9397 750 04983


▲Up To Search▲   

 
Price & Availability of PZM75NB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X