Part Number Hot Search : 
CY7C6 2SK19 HPR1016 DAT76191 A6393 GFCF50 00321 1N4732A
Product Description
Full Text Search
 

To Download PME278 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PME278
* EMI suppressor, class X1, metallized paper * 0.001 - 0.15 F, 440 VAC, +110 C
* High dU/dt capability. * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * Good resistance to ionisation due to impregnated dielectric. * The capacitors meet the most stringent IEC humidity class, 56 days. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation.
L
TYPICAL APPLICATIONS
The capacitors are intended for use as interference suppressors in X1, acrossthe-line, 440 VAC applications.
B
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
H
p 0.5
TECHNICAL DATA
Rated voltage Capacitance range Capacitance tolerance Temperature range Climatic category IEC Approvals Dissipation factor tan Insulation resistance
440 VAC 50/60 Hz 0.001 - 0.15 F 20% -40 to +110C 40/110/56/B S, N, D, FI, VDE, SEV, IMQ
d
l
d = 0.6 for p = 10.2 0.8 for p = 15.2 and 20.3 1.0 for p = 25.4 No visible damage No open or short circuit No visible damage No open or short circuit Wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s 56 days
l = standard : 30 +5/-0 mm option : short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request
1.3 % at 1 kHz 12000 M Measured at 500 VDC after 60 s, +23C Tabulated self-resonance frequencies f0 refer to 5 mm lead length. Recommended voltage: 1000 VDC The 100% screening factory test is carried out at 2700 VDC. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test.
Resonance frequency
In DC applications Test voltage between terminals
ENVIRONMENTAL TEST DATA
Vibration IEC 60068-2-6 Test Fc IEC 60068-2-29 Test Eb IEC 60068-2-20 Test Ta EN 132400 IEC 60384-14 (1993) EN 132400 IEC 60068-2-3 Test Ca +40C and 90 - 95% R.H. 3 directions at 2 hour each 10 - 500 Hz at 0.75 mm or 98 m/s2 4000 bumps at 390 m/s2
Bump
Solderability
Solder globule method
Active flammability Passive flammability
Humidity
168
PME278 ARTICLE TABLE
Capaci- Max dimensions tance in mm F 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.033 0.047 0.068 0.10 0.10 0.15 B H L 13.5 13.5 13.5 13.5 13.5 18.5 18.5 18.5 18.5 24.0 24.0 24.0 27.0 27.0 27.0 27.0 30.5 30.5 p 10.2 10.2 10.2 10.2 10.2 15.2 15.2 15.2 15.2 20.3 20.3 20.3 22.5 22.5 22.5 22.5 25.4 25.4 Quantity per package R30 R06 reel taped pcs pcs pcs 1000 1000 1000 1000 800 500 500 500 300 250 200 150 200 200 150 100 100 75 2000 2000 2000 2000 1600 1000 1000 1000 500 1500 1200 1000 1200 1200 1000 800 800 600 700 700 700 600 600 600 600 500 350 250 250 180 250 250 200 180 Max dU/dt V/s 2000 2000 2000 2000 2000 1400 1400 1400 1400 1000 1000 1000 1000 1000 1000 600 600 600 PME278RA4100MR30 PME278RA4150MR30 PME278RA4220MR30 PME278RA4330MR30 PME278RA4470MR30 PME278RB4680MR30 PME278RB5100MR30 PME278RB5150MR30 PME278RB5220MR30 PME278RC5330MR30 PME278RC5470MR30 PME278RC5680MR30 PME278RD5330MR30 PME278RD5470MR30 PME278RD5680MR30 PME278RD6100MR30 PME278RE6100MR30 PME278RE6150MR30 Approvals
S N D FI VDE SEV IMQ
Weight g 0.7 0.7 0.7 0.9 1.2 1.7 1.7 2.0 3.8 4.0 5.0 7.0 5.5 5.5 7.5 10.0 10.0 15.0
fO MHz 53.0 44.0 37.0 30.0 24.0 18.5 15.5 13.0 9.6 9.6 7.5 6.2 7.2 6.0 4.8 3.6 3.9 3.2
Article code
3.9 7.5 3.9 7.5 3.9 7.5 4.1 8.2 5.1 10.5 5.2 5.2 5.5 8.5 10.5 10.5 11.1 14.3
7.6 14.0 9.0 15.0 11.3 16.5 8.0 8.0 10.0 12.0 17.0 17.0 19.0 22.0

12.1 19.0 15.3 22.0

APPROVALS/REFERENCE DOCUMENTS
Certification Body S N D Fl VDE SEV IMQ Specification EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 Approval reference 9516076 P95101829 303938 182572-01 89760 95.7 70725 V4070 * * * * * * *
MARKING
RIFA RIFA article code Rated capacitance Rated voltage X1 SH, for self healing Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Approval marks * Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
PACKING
Capacitors in standard design (lead length 30 mm) and with L < 24 mm and lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/ package as per article table. Capacitors with L 24 mm and lead length 5 or 6 mm are packed on trays piled in a box with dimensions 300 x 260 x 195 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimension 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
169


▲Up To Search▲   

 
Price & Availability of PME278

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X